Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

P650-U260-WH Datasheet(PDF) 5 Page - Bourns Electronic Solutions

Part # P650-U260-WH
Description  P650-U and P850-U Series TBU짰 High-Speed Protectors
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOURNS [Bourns Electronic Solutions]
Direct Link  http://www.bourns.com
Logo BOURNS - Bourns Electronic Solutions

P650-U260-WH Datasheet(HTML) 5 Page - Bourns Electronic Solutions

  P650-U260-WH Datasheet HTML 1Page - Bourns Electronic Solutions P650-U260-WH Datasheet HTML 2Page - Bourns Electronic Solutions P650-U260-WH Datasheet HTML 3Page - Bourns Electronic Solutions P650-U260-WH Datasheet HTML 4Page - Bourns Electronic Solutions P650-U260-WH Datasheet HTML 5Page - Bourns Electronic Solutions P650-U260-WH Datasheet HTML 6Page - Bourns Electronic Solutions  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
Specifications are subject to change without notice.
Customers should verify actual device performance in their specific applications.
3312 - 2 mm SMD Trimming Potentiometer
P650-U and P850-U Series TBU® High-Speed Protectors
Typical Part Marking
How to Order
P 650 - U 180 - WH
Form Factor
P = Two TBU® protectors in one device
Impulse Voltage Rating
650 = 650 V
850 = 850 V
Directional Indication for Paired Devices
U = Unidirectional
Iop Indicator
180 = 180 mA
260 = 260 mA
Packaging Specifications (per EIA468-B)
B
A
D
C
N
F
G (MEASURED AT HUB)
USER DIRECTION OF FEED
K0
B0
P2
D1
CENTER
LINES OF
CAVITY
EMBOSSMENT
t
D
P0
TOP
COVER
TAPE
E
W
P
A0
DIMENSIONS:
MM
(INCHES)
Device
A
B
C
D
G
N
Min.
Max.
Min.
Max.
Min.
Max.
Min.
Max.
Ref.
Ref.
P650-U, P850-U
326
(12.835)
330.25
(13.002)
1.5
(.059)
2.5
(.098)
12.8
(.504)
13.5
(.531)
20.2
(.795)
-
16.5
(.650)
102
(4.016)
Device
A0
B0
D
D1
E
F
Min.
Max.
Min.
Max.
Min.
Max.
Min.
Max.
Min.
Max.
Min.
max.
P650-U,
P850-U
6.5
(.256)
6.7
(.264)
8.0
(.315)
8.2
(.323)
1.5
(.059)
1.6
(.063)
1.5
(.059)
-
1.65
(.065)
1.85
(.073)
7.4
(.291)
7.6
(.299)
Device
K0
P
P0
P2
t
W
Min.
Max.
Min.
Max.
Min.
Max.
Min.
Max.
Min.
Max.
Min.
Max.
P650-U,
P850-U
1.4
(.055)
1.6
(.063)
11.9
(.469)
12.1
(.476)
3.9
(.159)
4.1
(.161)
1.9
(.075)
2.1
(.083)
0.25
(.010)
0.35
(.014)
15.7
(.618)
16.3
(.642)
QUANTITY: 3000 PIECES PER REEL
MARKING NUMBER
65UB = P650-U180-WH
65UC = P650-U260-WH
85UB = P850-U180-WH
85UC = P850-U260-WH
MANUFACTURER’S
TRADEMARK*
PIN 1
MANUFACTURING
DATE CODE*
- 1ST DIGIT INDICATES THE YEAR’S 6-MONTH PERIOD.
- 2ND DIGIT INDICATES THE WEEK NUMBER IN THE 6-MONTH PERIOD.
- 3RD & 4TH DIGITS INDICATE SPECIFIC LOT FOR THE WEEK.
6-MONTH PERIOD CODES:
A = JAN-JUN 2009
C = JAN-JUN 2010
E = JAN-JUN 2011
B = JUL-DEC 2009
D = JUL-DEC 2010
F = JUL-DEC 2011
EXAMPLE: ARBC
- 1ST DIGIT ‘A’ = JAN-JUN 2009
- 2ND DIGIT ‘R’ = WEEK 18; WEEK OF APRIL 27
- 3RD & 4TH DIGITS ‘BC’ = LOT SPECIFIC INFORMATION
*TRANSITION FROM FULTEC TRADEMARK AND LOT CODE
TO BOURNS TRADEMARK AND DATE CODE IN 2009.


Similar Part No. - P650-U260-WH

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
P650-U260-WH BOURNS-P650-U260-WH Datasheet
705Kb / 6P
   Extremely high speed performance
P650-U260-WH BOURNS-P650-U260-WH Datasheet
123Kb / 1P
   MATERIAL DECLARATION
More results

Similar Description - P650-U260-WH

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
P500-G BOURNS-P500-G_13 Datasheet
793Kb / 7P
   P500-G and P850-G Series Dual TBU짰 High-Speed Protectors
P500-G BOURNS-P500-G_10 Datasheet
811Kb / 7P
   TBU짰 P500-G and P850-G Protectors
TBU-PK050-100-WH_1107 BOURNS-TBU-PK050-100-WH_1107 Datasheet
806Kb / 7P
   TBU짰 High-Speed Protectors
TBU-CX025-VTC-WH BOURNS-TBU-CX025-VTC-WH_11 Datasheet
562Kb / 5P
   TBU짰 High-Speed Protectors
TBU-PL050-100-WH_1107 BOURNS-TBU-PL050-100-WH_1107 Datasheet
805Kb / 7P
   TBU짰 High-Speed Protectors
C650-180-WH BOURNS-C650-180-WH_12 Datasheet
694Kb / 6P
   C650 and C850 Series TBU짰 High-Speed Protectors
TBU-CA025-050-WH BOURNS-TBU-CA025-050-WH_11 Datasheet
494Kb / 6P
   TBU-CA Series - TBU짰 High-Speed Protectors
P40-G240-WH BOURNS-P40-G240-WH Datasheet
586Kb / 7P
   P40-G Series TBU짰 High-Speed Protectors
TBU-CA085-500-WH BOURNS-TBU-CA085-500-WH Datasheet
486Kb / 6P
   TBU-CA Series - TBU짰 High-Speed Protectors
MOV-07D201K BOURNS-MOV-07D201K_12 Datasheet
1Mb / 8P
   Bidirectional Dual TBU짰 Protectors
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com