Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AD9203ARUZRL71 Datasheet(PDF) 5 Page - Analog Devices

Part # AD9203ARUZRL71
Description  10-Bit, 40 MSPS, 3 V, 74 mW A/D Converter
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9203ARUZRL71 Datasheet(HTML) 5 Page - Analog Devices

  AD9203ARUZRL71 Datasheet HTML 1Page - Analog Devices AD9203ARUZRL71 Datasheet HTML 2Page - Analog Devices AD9203ARUZRL71 Datasheet HTML 3Page - Analog Devices AD9203ARUZRL71 Datasheet HTML 4Page - Analog Devices AD9203ARUZRL71 Datasheet HTML 5Page - Analog Devices AD9203ARUZRL71 Datasheet HTML 6Page - Analog Devices AD9203ARUZRL71 Datasheet HTML 7Page - Analog Devices AD9203ARUZRL71 Datasheet HTML 8Page - Analog Devices AD9203ARUZRL71 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 28 page
background image
AD9203
Rev. B | Page 5 of 28
ABSOLUTE MAXIMUM RATINGS
Table 2.
Parameter
With
Respect to
Min
Max
Unit
AVDD
AVSS
–0.3
+3.9
V
DRVDD
DRVSS
–0.3
+3.9
V
AVSS
DRVSS
–0.3
+0.3
V
AVDD
DRVDD
–3.9
+3.9
V
REFCOM
AVSS
–0.3
+0.3
V
CLK
AVSS
–0.3
AVDD + 0.3
V
Digital Outputs
DRVSS
–0.3
DRVDD + 0.3
V
AINP
AINN
AVSS
–0.3
AVDD + 0.3
V
VREF
AVSS
–0.3
AVDD + 0.3
V
REFSENSE
AVSS
–0.3
AVDD + 0.3
V
REFTF, REFBF
AVSS
–0.3
AVDD + 0.3
V
STBY
AVSS
–0.3
AVDD + 0.3
V
CLAMP
AVSS
–0.3
AVDD + 0.3
V
CLAMPIN
AVSS
–0.3
AVDD + 0.3
V
PWRCON
AVSS
–0.3
AVDD + 0.3
V
DFS
AVSS
–0.3
AVDD + 0.3
V
3-STATE
AVSS
–0.3
AVDD + 0.3
V
Junction
Temperature
150
°C
Storage
Temperature
–65
+150
°C
Lead
Temperature
(10 s)
300
°C
Stresses above those listed under Absolute Maximum Ratings
may cause permanent damage to the device. This is a stress
rating only; functional operation of the device at these or any
other conditions above those indicated in the operational
sections of this specification is not implied. Exposure to
absolute maximum ratings for extended periods may affect
device reliability.
THERMAL CHARACTERISTICS
28-Lead TSSOP
JA = 97.9°C/W
JC = 14.0°C/W
ESD CAUTION
ESD (electrostatic discharge) sensitive device. Electrostatic charges as high as 4000 V readily accumulate on
the human body and test equipment and can discharge without detection. Although this product features
proprietary ESD protection circuitry, permanent damage may occur on devices subjected to high energy
electrostatic discharges. Therefore, proper ESD precautions are recommended to avoid performance
degradation or loss of functionality.


Similar Part No. - AD9203ARUZRL71

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD9203ARUZRL71 AD-AD9203ARUZRL71 Datasheet
1Mb / 28P
   10-Bit, 40 MSPS, 3 V, 74 mW A/D Converter
REV. B
More results

Similar Description - AD9203ARUZRL71

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD9203 AD-AD9203_15 Datasheet
1Mb / 28P
   10-Bit, 40 MSPS, 3 V, 74 mW A/D Converter
REV. B
AD9203ARUZ AD-AD9203ARUZ Datasheet
1Mb / 28P
   10-Bit, 40 MSPS, 3 V, 74 mW A/D Converter
REV. B
AD9203ARUZRL7 AD-AD9203ARUZRL7 Datasheet
1Mb / 28P
   10-Bit, 40 MSPS, 3 V, 74 mW A/D Converter
REV. B
AD9203 AD-AD9203 Datasheet
216Kb / 19P
   10-Bit, 40 MSPS, 3 V, 74 mW A/D Converter
REV. 0
AD9203W AD-AD9203W Datasheet
134Kb / 8P
   10-Bit, 40 MSPS, 3 V, 74 mW Analog-to-Digital Converter
REV. 0
logo
Fairchild Semiconductor
SPT7861 FAIRCHILD-SPT7861 Datasheet
87Kb / 11P
   10-BIT, 40 MSPS, 160 mW A/D CONVERTER
logo
Cadeka Microcircuits LL...
SPT7863 CADEKA-SPT7863 Datasheet
183Kb / 11P
   10-BIT, 40 MSPS, 160 mW A/D CONVERTER
SPT7860 CADEKA-SPT7860 Datasheet
193Kb / 12P
   10-BIT, 40 MSPS, 175 mW A/D CONVERTER
SPT7861 CADEKA-SPT7861 Datasheet
180Kb / 11P
   10-BIT, 40 MSPS, 160 mW A/D CONVERTER
logo
Fairchild Semiconductor
SPT7860 FAIRCHILD-SPT7860 Datasheet
99Kb / 12P
   10-BIT, 40 MSPS, 175 mW A/D CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com