Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AD9066 Datasheet(PDF) 5 Page - Analog Devices

Part # AD9066
Description  Dual 6-Bit, 60 MSPS Monolithic A/D Converter
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9066 Datasheet(HTML) 5 Page - Analog Devices

  AD9066 Datasheet HTML 1Page - Analog Devices AD9066 Datasheet HTML 2Page - Analog Devices AD9066 Datasheet HTML 3Page - Analog Devices AD9066 Datasheet HTML 4Page - Analog Devices AD9066 Datasheet HTML 5Page - Analog Devices AD9066 Datasheet HTML 6Page - Analog Devices AD9066 Datasheet HTML 7Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
AD9066
REV. A
–5–
Timing
The duty cycle of the encode clock for the AD9066 is critical in
obtaining rated performance of the ADC. Rated maximum and
minimum pulse widths should be maintained, especially for
sample rates greater than 40 MSPS.
The AD9066 provides latched data outputs with three pipeline
delays. The length and load on the output data lines should be
minimized to reduce power supply transients inside the AD9066
which might diminish dynamic performance.
N
N + 1
N + 2
tA
tV
tPD
DATA
CHANGING
ANALOG
INPUT
ENCODE
D0–D5
VALID DATA
FOR N–3
VALID DATA
FOR N–2
VALID DATA
FOR N–1
Figure 5. Timing Diagram
The data is invalid during the period between tV and tPD. This
period refers to the time required for the AD9066 to fully switch
between valid CMOS logic levels. When latching the output
data, be careful to observe latch setup and hold time restrictions
as well as this data invalid period when designing the system
timing.
Layout and Signal Care
To insure optimum performance, a single low impedance
ground plane is recommended. Analog and digital grounds
should be connected together at the AD9066. Analog and digi-
tal power supplies should be bypassed, at the device, to ground
through 0.1
µF ceramic capacitors.
The use of sockets may limit the dynamic performance of the
part and is not recommended except for prototype or evaluation
purposes.
Driving the AD9066 with a Bipolar Input
The analog input range of the AD9066 is between 3.7 V and
4.2 V. Because the input is offset, the normal method of driving
the analog input is to use a blocking capacitor between the ana-
log source and the AD9066 analog input pins. In applications
where DC coupling must be employed, the simple circuit shown
in Figure 6 will take a bipolar input and offset it to the operating
range of the AD9066.
To offset the input, the midpoint voltage of the AD9066 is buff-
ered off chip and then inverted with an AD712, a low input bias
current dual op amp. This inverted midpoint is then fed to a
summation amplifier that combines the bipolar input with the
inverted offset voltage. The summation amplifier is an AD812, a
wideband current feedback amplifier that provides good band-
width and low distortion.
+
+
+
AD9066
6 BITS
6 BITS
ENCODE
INA
REF A
OR REF B
INB
1/2
AD712
2k
1/2
AD712
1/2
AD812
1/2
AD812
866
866
2k
866
866
866
866
–15V
+15V
Figure 6. Bipolar Input Using AD812 Drive for AD9066
Layout should follow high frequency/high speed design guide-
lines. In addition the capacitance around the inverting input to
the AD812 should be minimized through a tight layout and the
use of low capacitance chip resistors for gain setting.
Quadrature Receiver Using the AD9066
Although any type of input signal may be applied, the AD9066
has been optimized for low cost in-phase and quadrature (I and
Q) demodulators. Primary applications include digital direct
broadcast satellite applications where broadband quadrature
phase shift keying (QPSK) modulation is used. In these receivers
the recovered signal is separated into I and Q vector components
and digitized.
AD9066
ADC
ADC
LPF
LPF
VCO
VCO
90
IF IN
Figure 7. Simplified Block Diagram
For data symbol rates less than 10 Mbaud, the AD607 IF/RF
receiver subsystem provides an ideal solution for the second
conversion stage of a complete receiver system. Figure 8 shows
the AD9066 and AD607 used together.
The AD607 accepts inputs as high as 500 MHz which may be
the output of the first IF stage or RF signals directly. The IF/RF
signal is mixed with the local oscillator to provide an IF fre-
quency of 400 kHz to 22 MHz. This signal is filtered externally
and then amplified with an on-chip AGC before being synchro-
nously demodulated with an on-chip PLL carrier recovery
circuit. The outputs are digitized with the AD9066. The digital
outputs may be processed with a DSP chip such as the ADSP-
2171, ADSP-21062, general purpose DSP or ASIC.


Similar Part No. - AD9066

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD9066 AD-AD9066 Datasheet
99Kb / 7P
   Dual 6-Bit, 60 MSPS Monolithic A/D Converter
REV. A
AD9066AR AD-AD9066AR Datasheet
99Kb / 7P
   Dual 6-Bit, 60 MSPS Monolithic A/D Converter
REV. A
AD9066ARS AD-AD9066ARS Datasheet
99Kb / 7P
   Dual 6-Bit, 60 MSPS Monolithic A/D Converter
REV. A
AD9066JR AD-AD9066JR Datasheet
99Kb / 7P
   Dual 6-Bit, 60 MSPS Monolithic A/D Converter
REV. A
AD9066 AD-AD9066_15 Datasheet
102Kb / 7P
   Dual 6-Bit, 60 MSPS Monolithic A/D Converter
REV. A
More results

Similar Description - AD9066

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD9066 AD-AD9066 Datasheet
99Kb / 7P
   Dual 6-Bit, 60 MSPS Monolithic A/D Converter
REV. A
AD9066 AD-AD9066_15 Datasheet
102Kb / 7P
   Dual 6-Bit, 60 MSPS Monolithic A/D Converter
REV. A
AD9059BRSZ AD-AD9059BRSZ Datasheet
231Kb / 12P
   Dual 8-Bit, 60 MSPS A/D Converter
REV. A
AD9059 AD-AD9059 Datasheet
190Kb / 12P
   Dual 8-Bit, 60 MSPS A/D Converter
REV. 0
AD9059 AD-AD9059_17 Datasheet
252Kb / 13P
   Dual 8-Bit, 60 MSPS A/D Converter
AD9059 AD-AD9059_15 Datasheet
231Kb / 12P
   Dual 8-Bit, 60 MSPS A/D Converter
REV. A
AD9051 AD-AD9051_15 Datasheet
644Kb / 11P
   10-Bit, 60 MSPS A/D Converter
REV. C
logo
Cadeka Microcircuits LL...
SPT7866 CADEKA-SPT7866 Datasheet
148Kb / 8P
   10-BIT, 60 MSPS A/D CONVERTER
logo
Analog Devices
AD9051BRSZ AD-AD9051BRSZ Datasheet
644Kb / 11P
   10-Bit, 60 MSPS A-D Converter
REV. C
logo
Intersil Corporation
HI5766 INTERSIL-HI5766 Datasheet
155Kb / 14P
   10-Bit, 60 MSPS A/D Converter
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com