Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

JMK212BJ106KD-T Datasheet(PDF) 2 Page - Taiyo Yuden (U.S.A.), Inc

Part # JMK212BJ106KD-T
Description  HIGH VALUE MULTILAYER CERAMIC CAPACITORS
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TAIYO-YUDEN [Taiyo Yuden (U.S.A.), Inc]
Direct Link  http://www.t-yuden.com/
Logo TAIYO-YUDEN - Taiyo Yuden (U.S.A.), Inc

JMK212BJ106KD-T Datasheet(HTML) 2 Page - Taiyo Yuden (U.S.A.), Inc

  JMK212BJ106KD-T Datasheet HTML 1Page - Taiyo Yuden (U.S.A.), Inc JMK212BJ106KD-T Datasheet HTML 2Page - Taiyo Yuden (U.S.A.), Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
外形寸法 EXTERNAL DIMENSIONS
4
41
Type(EIA )
L
W
T
e
0.45±0.05
K
□MK107
1.6±0.10*3,*4
0.8±0.10*3,*4
(0.018±0.002)
0.35±0.25
(0603)
(0.063±0.004) (0.031±0.004)
0.8±0.10 *3,*4
A
(0.014±0.010)
(0.031±0.004)
0.45±0.05
K
(0.018±0.002)
□MK212
2.0±0.10*1,*3
1.25±0.10*1,*3
0.85±0.10
D
0.5±0.25
(0805)
(0.079±0.004)
(0.049±0.004)
(0.033±0.004)
(0.020±0.010)
1.25±0.10 *1,*3
G
(0.049±0.004)
0.85±0.10
D
(0.033±0.004)
1.15±0.10
F
□MK316
3.2±0.15*3
1.6±0.15*3
(0.045±0.004)
0.50000
(1206)
(0.126±0.006)
(0.063±0.006)
1.25±0.10
G
(0.020   )
(0.049±0.004)
1.6±0.20
L
(0.063±0.008)
0.85±0.10
D
(0.033±0.004)
1.15±0.10
F
(0.045±0.004)
□MK325
3.2±0.30
2.5±0.20*2
1.5±0.10
H
0.6±0.3
(1210)
(0.126±0.012)
(0.098±0.008)
(0.059±0.004)
(0.024±0.012)
1.9±0.20
N
(0.075±0.008)
1.9 +0.1
−0.2
Y
2.5±0.20 *2
M
(0.098±0.008)
+0.35
−0.25
+0.014
−0.010
+0.004
−0.008
(0.075
Unit:mminch
注: *1. ±0.15mm公差あり
*2. ±0.3mm公差あり
*3. ±0.2mm公差あり
*4. +0.15/−0.1mm公差あり
Note: *1. Inclulding dimension tolerance±0.15mm(±0.006 inch).
Note: *2. Inclulding dimension tolerance±0.3mm(±0.012 inch).
Note: *3. Inclulding dimension tolerance±0.2mm(±0.008 inch).
Note: *4. Inclulding dimension tolerance+0.15/−0.1mm(+0.006/−0.004 inch).
概略バリエーシ ョン AVAILABLE CAPACITANCE RANGE
BJ
JIS
B
−25∼85
20
±10
±20(M)
2.5%max.**
EIA
X7R*
−55∼125
25
±15
±10(K)
F
JIS
F
−25∼85
20
7.0%max.**
EIA
Y5V
−30∼85
25
温度範囲〔℃〕
Temperature range
基準温度〔℃〕
Ref. Temp.
静電容量変化率〔%〕
Capacitance change
温度特性コード
Temp. char.Code
静電容量許容差〔%〕
Capacitance tolerance
tanδ
〔%〕
Dissipation factor
温度特性
Temperature characteristics
(Z)
+80
−20
準拠規格
Applicable standard
+30/−80
+22/−82
低背積層セラミックコンデンサ Low profile Multilayer Ceramic Capacitors
Cap
μF
0.022
0.033
0.047
0.068
0.1
0.15
0.22
0.33
0.47
0.68
1
1.5
2.2
3.3
4.7
6.8
10
22
47
Type
TC
VDC
3[digits]
223
333
473
683
104
154
224
334
474
684
105
155
225
335
475
685
106
226
476
107
10
K
6.3
K
K
16
K
B/X5R
4
K
K
X5R
6.3
K
K
B/X7R
B/X5R
X5R
F/Y5V
F/Y5V
B/X5R
X5R
B/X7R
325
316
212
B/X5R
F/Y5R
B/X7R
50
D
D
25
D
D
16
D
D
D
D
10
D
16
D・K
D
D
D
25
D
D
10
K
D
D
6.3
K
D
6.3
K
D・K
D
4
D
10
D
10
D
50
D
50
F
25
D
F
F
16
F
F
6.3
D
25
D
16
D
D
10
D
D
D
6.3
F
F・D
16
D
10
D
6.3
D
D
10
D
F
50
G
50
H
35
G
6.3
D
25
D
H
16
D
D
25
D
50
H
35
H
10
F
10
D
D
D
Cap
μF
0.022
0.033
0.047
0.068
0.1
0.15
0.22
0.33
0.47
0.68
1
1.5
2.2
3.3
4.7
6.8
10
22
47
100
Type
TC
VDC
3[digits]
223
333
473
683
104
154
224
334
474
684
105
155
225
335
475
685
106
226
476
107
B/X7R
B/X5R
X5R
X5R
107
212
316
325
F/Y5V
X5R
B/X7R
B/X5R
F/Y5V
B/X7R
B/X5R
F/Y5V
B/X7R
B/X5R
F/Y5V
25
A
16
A
A
A
A
A
A
A
10
A
A
A
35
A
A
A
50
A
25
A
A
A
A
A
A
A
16
A
A
A
10
A
A
10
A
6.3
A
6.3
A
A
A
4
A
2.5
A
25
A
16
A
A
A
A
10
A
A
6.3
G
G
G
6.3
G
G
6.3
G
6.3
L
6.3
L
L
50
A
35
G
G
25
G
16
G
G
G
10
G
G
G
G
50
G
G
G
G
G
35
G
25
G
G
25
G
16
G
G
G
G
10
G
G
10
G
6.3
M
6.3
N
6.3
Y
M.N
Y
X5R
6.3
L
L
4
L
50
G
16
G
10
G
G
50
G
G
50
L
L
35
L
L
25
L
L
16
L
L
10
L
L
L
10
L
L
10
L
25
L
L
L
16
L
L
L
50
L
35
L
35
N
25
L
16
L
10
L
50
M
25
N
N
16
N
10
N
35
N
N
25
N
M.N
16
N
M
M
10
M.Y
M
10
M
16
N
10
N
アイテム一覧
Part Numbers
特性図
Electrical Characteristics
梱包
Packaging
信頼性
Reliability Data
使用上の注意
Precautions
セレクションガイド
Selection Guide
**: X5Rのみ対応するアイテムがあります。詳細はアイテム一覧を参照ください。
**: 代表的な値を記載しています。詳細はアイテム一覧表を参照ください。
**: Some of the parts are only applicable to X5R. Please refer to PART NUMBERS table.
**: The figure indicates typical value. Please refer to PART NUMBERS table.
P.42
P.46
P.84
P.88
P.94
P.10
etc
注:グラフの記号は製品の厚み記号です。 Note : Letter code in shaded areas are thickness code.
注:グラフの記号は製品の厚み記号です。 Note : Letter code in shaded areas are thickness code.


Similar Part No. - JMK212BJ106KD-T

ManufacturerPart #DatasheetDescription
logo
Taiyo Yuden (U.S.A.), I...
JMK212BJ106KD-T TAIYO-YUDEN-JMK212BJ106KD-T Datasheet
2Mb / 27P
   Notice for TAIYO YUDEN products
More results

Similar Description - JMK212BJ106KD-T

ManufacturerPart #DatasheetDescription
logo
Taiyo Yuden (U.S.A.), I...
JMK063BJ223MP-F TAIYO-YUDEN-JMK063BJ223MP-F Datasheet
288Kb / 2P
   High Value Multilayer Ceramic Capacitors
AMK316BBJ157ML-T TAIYO-YUDEN-AMK316BBJ157ML-T Datasheet
265Kb / 2P
   High Value Multilayer Ceramic Capacitors
AMK021BJ223MK-W TAIYO-YUDEN-AMK021BJ223MK-W Datasheet
289Kb / 2P
   High Value Multilayer Ceramic Capacitors
AMK325ABJ227MM-P TAIYO-YUDEN-AMK325ABJ227MM-P Datasheet
334Kb / 2P
   High Value Multilayer Ceramic Capacitors
AMK325AC6157MM-P TAIYO-YUDEN-AMK325AC6157MM-P Datasheet
334Kb / 2P
   High Value Multilayer Ceramic Capacitors
LMK316BJ106ML-T TAIYO-YUDEN-LMK316BJ106ML-T Datasheet
312Kb / 2P
   High Value Multilayer Ceramic Capacitors
AMK432BJ477MM-T TAIYO-YUDEN-AMK432BJ477MM-T Datasheet
334Kb / 2P
   High Value Multilayer Ceramic Capacitors
LMK316BJ106MD-T TAIYO-YUDEN-LMK316BJ106MD-T Datasheet
331Kb / 2P
   High Value Multilayer Ceramic Capacitors
GMK212BBJ475KD-T TAIYO-YUDEN-GMK212BBJ475KD-T Datasheet
334Kb / 2P
   High Value Multilayer Ceramic Capacitors
EMK021BJ102KK-W TAIYO-YUDEN-EMK021BJ102KK-W Datasheet
290Kb / 2P
   High Value Multilayer Ceramic Capacitors
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com