Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AD7943 Datasheet(PDF) 8 Page - Analog Devices

Part # AD7943
Description  3.3 V/5 V Multiplying 12-Bit DACs
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7943 Datasheet(HTML) 8 Page - Analog Devices

Back Button AD7943 Datasheet HTML 4Page - Analog Devices AD7943 Datasheet HTML 5Page - Analog Devices AD7943 Datasheet HTML 6Page - Analog Devices AD7943 Datasheet HTML 7Page - Analog Devices AD7943 Datasheet HTML 8Page - Analog Devices AD7943 Datasheet HTML 9Page - Analog Devices AD7943 Datasheet HTML 10Page - Analog Devices AD7943 Datasheet HTML 11Page - Analog Devices AD7943 Datasheet HTML 12Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
AD7943/AD7945/AD7948
REV. B
–8–
TERMINOLOGY
Relative Accuracy
Relative Accuracy or endpoint linearity is a measure of the
maximum deviation from a straight line passing through the
endpoints of the DAC transfer function. It is measured after
adjusting for zero error and full-scale error and is normally
expressed in Least Significant Bits or as a percentage of full-
scale reading.
Differential Nonlinearity
Differential nonlinearity is the difference between the measured
change and the ideal 1 LSB change between any two adjacent
codes. A specified differential nonlinearity of 1 LSB maximum
ensures monotonicity.
Gain Error
Gain Error is a measure of the output error between an ideal
DAC and the actual device output. It is measured with all 1s
in the DAC after offset error has been adjusted out and is ex-
pressed in Least Significant Bits. Gain error is adjustable to
zero with an external potentiometer.
Output Leakage Current
Output leakage current is current which flows in the DAC lad-
der switches when these are turned off. For the IOUT1 terminal,
it can be measured by loading all 0s to the DAC and measuring
the IOUT1 current. Minimum current will flow in the IOUT2 line
when the DAC is loaded with all 1s.
Output Capacitance
This is the capacitance from the IOUT1 pin to AGND.
Output Voltage Settling Time
This is the amount of time it takes for the output to settle to a
specified level for a full-scale input change. For these devices, it
is specified both with the AD843 as the output op amp in the
normal current mode and with the AD820 in the biased current
mode.
Digital to Analog Glitch Impulse
This is the amount of charge injected into the analog output
when the inputs change state. It is specified as the area of the
glitch in nV-s. It is measured with the reference input connected
to AGND and the digital inputs toggled between all 1s and all
0s. As with Settling Time, it is specified with both the AD817
and the AD820.
AC Feedthrough Error
This is the error due to capacitive feedthrough from the DAC
reference input to the DAC IOUT1 terminal, when all 0s are
loaded in the DAC.
Digital Feedthrough
When the device is not selected, high frequency logic activity on
the device digital inputs is capacitively coupled through the
device to show up as noise on the IOUT1 pin and subsequently on
the op amp output. This noise is digital feedthrough.
PIN CONFIGURATIONS
DIP/SOP
SSOP
DIP/SOP/SSOP
DIP/SOP/SSOP
20
19
18
17
16
15
14
13
12
11
1
2
3
4
5
6
7
8
9
10
TOP VIEW
(Not to Scale)
AD7945
DB5
DB6
DB7
AGND
DGND
DB11
DB8
DB9
DB10
DB4
DB3
DB2
VREF
VDD
WR
DB1
DB0
CS
IOUT1
RFB
TOP VIEW
(Not to Scale)
AD7943
16
15
14
13
12
11
10
9
1
2
3
4
5
6
7
8
IOUT1
IOUT2
AGND
STB1
LD1
SRO
SRI
STB2
RFB
VREF
VDD
CLR
DGND
STB4
STB3
LD2
TOP VIEW
(Not to Scale)
AD7943
20
19
18
17
16
15
14
13
12
11
1
2
3
4
5
6
7
8
9
10
NC = NO CONNECT
STB2
SRI
SRO
IOUT2
AGND
STB1
LD1
NC
NC
LD2
STB3
STB4
VREF
VDD
CLR
DGND
NC
NC
IOUT1
RFB
TOP VIEW
(Not to Scale)
AD7948
20
19
18
17
16
15
14
13
12
11
1
2
3
4
5
6
7
8
9
10
DB4
DB5
DB6
AGND
DGND
CSMSB
DB7 (MSB)
CTRL
DF/
DOR
DB3
DB2
DB1
VREF
VDD
WR
DB0 (LSB)
LDAC
CSLSB
IOUT1
RFB


Similar Part No. - AD7943

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD7943 AD-AD7943 Datasheet
329Kb / 16P
   3.3 V/5 V Multiplying 12-Bit DACs
REV. B
AD7943 AD-AD7943 Datasheet
221Kb / 16P
   3.3 V/5 V Multiplying 12-Bit DACs
REV. B
AD7943 AD-AD7943 Datasheet
221Kb / 16P
   3.3 V/5 V Multiplying 12-Bit DACs
REV. B
AD7943 AD-AD7943 Datasheet
221Kb / 16P
   3.3 V/5 V Multiplyingnull
REV. B
AD7943AN-B AD-AD7943AN-B Datasheet
329Kb / 16P
   3.3 V/5 V Multiplying 12-Bit DACs
REV. B
More results

Similar Description - AD7943

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD7948 AD-AD7948_15 Datasheet
333Kb / 16P
   3.3 V/5 V Multiplying 12-Bit DACs
REV. B
AD7943BNZ AD-AD7943BNZ Datasheet
333Kb / 16P
   3.3 V/5 V Multiplying 12-Bit DACs
REV. B
AD7945ARS-BREEL AD-AD7945ARS-BREEL Datasheet
333Kb / 16P
   3.3 V/5 V Multiplying 12-Bit DACs
REV. B
AD7945BRZ AD-AD7945BRZ Datasheet
333Kb / 16P
   3.3 V/5 V Multiplying 12-Bit DACs
REV. B
AD7945 AD-AD7945_15 Datasheet
333Kb / 16P
   3.3 V/5 V Multiplying 12-Bit DACs
REV. B
AD7945BNZ AD-AD7945BNZ Datasheet
221Kb / 16P
   3.3 V/5 V Multiplying 12-Bit DACs
REV. B
AD7945BRSZ AD-AD7945BRSZ Datasheet
221Kb / 16P
   3.3 V/5 V Multiplying 12-Bit DACs
REV. B
AD7943 AD-AD7943_15 Datasheet
333Kb / 16P
   3.3 V/5 V Multiplying 12-Bit DACs
REV. B
AD7943BRSZ AD-AD7943BRSZ Datasheet
221Kb / 16P
   3.3 V/5 V Multiplying 12-Bit DACs
REV. B
AD7943 AD-AD7943 Datasheet
329Kb / 16P
   3.3 V/5 V Multiplying 12-Bit DACs
REV. B
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com