Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ATSAMD20E14A-AU Datasheet(PDF) 16 Page - ATMEL Corporation

Part # ATSAMD20E14A-AU
Description  ARM-Based Microcontroller
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATSAMD20E14A-AU Datasheet(HTML) 16 Page - ATMEL Corporation

Back Button ATSAMD20E14A-AU Datasheet HTML 12Page - ATMEL Corporation ATSAMD20E14A-AU Datasheet HTML 13Page - ATMEL Corporation ATSAMD20E14A-AU Datasheet HTML 14Page - ATMEL Corporation ATSAMD20E14A-AU Datasheet HTML 15Page - ATMEL Corporation ATSAMD20E14A-AU Datasheet HTML 16Page - ATMEL Corporation ATSAMD20E14A-AU Datasheet HTML 17Page - ATMEL Corporation ATSAMD20E14A-AU Datasheet HTML 18Page - ATMEL Corporation ATSAMD20E14A-AU Datasheet HTML 19Page - ATMEL Corporation ATSAMD20E14A-AU Datasheet HTML 20Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 25 page
background image
16
Atmel SAM D20 [DATASHEET Summary]
42129JS–SAM–12/2013
8.
Packaging Information
8.1
Thermal Considerations
8.1.1
Thermal Resistance Data
Table 8-1 summarizes the thermal resistance data depending on the package.
Table 8-1.
Thermal Resistance Data
8.1.2
Junction Temperature
The average chip-junction temperature, T
J, in °C can be obtained from the following equations:
Equation 1
Equation 2
where:
θ
JA = package thermal resistance, Junction-to-ambient (°C/W), provided in Table 8-1
θ
JC = package thermal resistance, Junction-to-case thermal resistance (°C/W), provided in Table 8-1
θ
HEATSINK = cooling device thermal resistance (°C/W), provided in the manufacturer datasheet
P
D = device power consumption (W)
T
A = ambient temperature (°C)
From “Equation 1” , the user can derive the estimated lifetime of the chip and decide if a cooling device is necessary or
not. If a cooling device is to be fitted on the chip, “Equation 2” should be used to compute the resulting average chip-
junction temperature T
J in °C.
Package Type
θ
JA
θ
JC
32-pin TQFP
68
°C/W
25.8
°C/W
48-pin TQFP
78.8
°C/W
12.3
°C/W
64-pin TQFP
66.7
°C/W
11.9
°C/W
32-pin QFN
37.2
°C/W
3.1
°C/W
48-pin QFN
33
°C/W
11.4
°C/W
64-pin QFN
33.5
°C/W
11.2
°C/W
T
J
T
A
P
D
θ
JA
×
()
+
=
T
J
T
A
P
D
θ
HEATSINK
θ
JC
+
()
×
()
+
=


Similar Part No. - ATSAMD20E14A-AU

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
ATSAMD20E14 MICROCHIP-ATSAMD20E14 Datasheet
6Mb / 731P
   Low-Power, 32-bit Cortex-M0 MCUs with 12-bit ADC, 10-bit DAC, 256-Channel PTC, RTC, and SERCOM
Revision F - 03/2022
More results

Similar Description - ATSAMD20E14A-AU

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
SAM-D21 ATMEL-SAM-D21_14 Datasheet
631Kb / 23P
   SMART ARM-Based Microcontroller
SAM-D21G ATMEL-SAM-D21G_14 Datasheet
631Kb / 23P
   SMART ARM-Based Microcontroller
SAM-D20G ATMEL-SAM-D20G_14 Datasheet
979Kb / 32P
   SMART ARM-Based Microcontroller
SAM-D20E ATMEL-SAM-D20E_14 Datasheet
979Kb / 32P
   SMART ARM-Based Microcontroller
SAM-D21J ATMEL-SAM-D21J_14 Datasheet
631Kb / 23P
   SMART ARM-Based Microcontroller
SAM-D21E ATMEL-SAM-D21E Datasheet
17Mb / 1111P
   SMART ARM-Based Microcontroller
SAMD20G ATMEL-SAMD20G_14 Datasheet
4Mb / 676P
   SMART ARM-Based Microcontroller
SAMD20J ATMEL-SAMD20J_14 Datasheet
979Kb / 32P
   SMART ARM-Based Microcontroller
SAM-R21E ATMEL-SAM-R21E_14 Datasheet
762Kb / 22P
   SMART ARM-Based Wireless Microcontroller
SAM-R21G ATMEL-SAM-R21G_14 Datasheet
762Kb / 22P
   SMART ARM-Based Wireless Microcontroller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com