Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AM28F010 Datasheet(PDF) 5 Page - Advanced Micro Devices

Part # AM28F010
Description  1 Megabit (128 K x 8-Bit) CMOS 12.0 Volt, Bulk Erase Flash Memory
Download  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM28F010 Datasheet(HTML) 5 Page - Advanced Micro Devices

  AM28F010 Datasheet HTML 1Page - Advanced Micro Devices AM28F010 Datasheet HTML 2Page - Advanced Micro Devices AM28F010 Datasheet HTML 3Page - Advanced Micro Devices AM28F010 Datasheet HTML 4Page - Advanced Micro Devices AM28F010 Datasheet HTML 5Page - Advanced Micro Devices AM28F010 Datasheet HTML 6Page - Advanced Micro Devices AM28F010 Datasheet HTML 7Page - Advanced Micro Devices AM28F010 Datasheet HTML 8Page - Advanced Micro Devices AM28F010 Datasheet HTML 9Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 35 page
background image
Am28F010
5
ORDERING INFORMATION
Standard Products
AMD standard products are available in several packages and operating ranges. The order number (Valid Combination) is formed
by a combination of:
Valid Combinations
Valid Combinations list configurations planned to be sup-
ported in volume for this device. Consult the local AMD sales
office to confirm availability of specific valid combinations and
to check on newly released combinations.
DEVICE NUMBER/DESCRIPTION
Am28F010
1 Megabit (128 K x 8-Bit) CMOS Flash Memory
AM28F010
-70
J
C
OPTIONAL PROCESSING
Blank = Standard Processing
B= Burn-In
Contact an AMD representative for more information.
TEMPERATURE RANGE
C = Commercial (0°C to +70°C)
I = Industrial (–40°C to +85°C)
E = Extended (–55°C to +125°C)
PACKAGE TYPE
P = 32-Pin Plastic DIP (PD 032)
J = 32-Pin Rectangular Plastic Leaded Chip
Carrier (PL 032)
E = 32-Pin Thin Small Outline Package (TSOP)
Standard Pinout (TS 032)
F = 32-Pin Thin Small Outline Package (TSOP)
Reverse Pinout (TSR032)
SPEED OPTION
See Product Selector Guide and Valid Combinations
B
Valid Combinations
AM28F010-70
PC, PI, PE,
JC, JI, JE,
EC, EI, EE,
FC, FI, FE
AM28F010-90
AM28F010-120
AM28F010-150
AM28F010-200


Similar Part No. - AM28F010

ManufacturerPart #DatasheetDescription
logo
Advanced Micro Devices
AM28F010A AMD-AM28F010A Datasheet
464Kb / 35P
   1 Megabit (128 K x 8-Bit) CMOS 12.0 Volt, Bulk Erase Flash Memory with Embedded Algorithms
AM28F010A-120EC AMD-AM28F010A-120EC Datasheet
464Kb / 35P
   1 Megabit (128 K x 8-Bit) CMOS 12.0 Volt, Bulk Erase Flash Memory with Embedded Algorithms
AM28F010A-120ECB AMD-AM28F010A-120ECB Datasheet
464Kb / 35P
   1 Megabit (128 K x 8-Bit) CMOS 12.0 Volt, Bulk Erase Flash Memory with Embedded Algorithms
AM28F010A-120EE AMD-AM28F010A-120EE Datasheet
464Kb / 35P
   1 Megabit (128 K x 8-Bit) CMOS 12.0 Volt, Bulk Erase Flash Memory with Embedded Algorithms
AM28F010A-120EEB AMD-AM28F010A-120EEB Datasheet
464Kb / 35P
   1 Megabit (128 K x 8-Bit) CMOS 12.0 Volt, Bulk Erase Flash Memory with Embedded Algorithms
More results

Similar Description - AM28F010

ManufacturerPart #DatasheetDescription
logo
Advanced Micro Devices
AM28F010A AMD-AM28F010A Datasheet
464Kb / 35P
   1 Megabit (128 K x 8-Bit) CMOS 12.0 Volt, Bulk Erase Flash Memory with Embedded Algorithms
AM28F020 AMD-AM28F020 Datasheet
509Kb / 35P
   2 Megabit (256 K x 8-Bit) CMOS 12.0 Volt, Bulk Erase Flash Memory
AM28F020A AMD-AM28F020A Datasheet
470Kb / 35P
   2 Megabit (256 K x 8-Bit) CMOS 12.0 Volt, Bulk Erase Flash Memory with Embedded Algorithms
AM28F256 AMD-AM28F256 Datasheet
493Kb / 35P
   256 Kilobit (32 K x 8-Bit) CMOS 12.0 Volt, Bulk Erase Flash Memory
AM28F512 AMD-AM28F512 Datasheet
484Kb / 35P
   512 Kilobit (64 K x 8-Bit) CMOS 12.0 Volt, Bulk Erase Flash Memory
AM28F256A AMD-AM28F256A Datasheet
456Kb / 35P
   256 Kilobit (32 K x 8-Bit) CMOS 12.0 Volt, Bulk Erase Flash Memory with Embedded Algorithms
AM28F512A AMD-AM28F512A Datasheet
463Kb / 34P
   512 Kilobit (64 K x 8-Bit) CMOS 12.0 Volt, Bulk Erase Flash Memory with Embedded Algorithms
logo
SPANSION
AM29F010B SPANSION-AM29F010B Datasheet
849Kb / 35P
   1 Megabit (128 K x 8-bit) CMOS 5.0 Volt-only, Uniform Sector Flash Memory
logo
Advanced Micro Devices
AM29F010 AMD-AM29F010 Datasheet
370Kb / 31P
   1 Megabit (128 K x 8-bit) CMOS 5.0 Volt-only, Uniform Sector Flash Memory
AM29LV001B AMD-AM29LV001B Datasheet
453Kb / 38P
   1 Megabit (128 K x 8-Bit) CMOS 3.0 Volt-only Boot Sector Flash Memory
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com