Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RC0201JR-7C470RL Datasheet(PDF) 1 Page - YAGEO Corporation

Part # RC0201JR-7C470RL
Description  GENERAL PURPOSE CHIP RESISTORS
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  YAGEO [YAGEO Corporation]
Direct Link  http://www.yageo.com
Logo YAGEO - YAGEO Corporation

RC0201JR-7C470RL Datasheet(HTML) 1 Page - YAGEO Corporation

  RC0201JR-7C470RL Datasheet HTML 1Page - YAGEO Corporation RC0201JR-7C470RL Datasheet HTML 2Page - YAGEO Corporation RC0201JR-7C470RL Datasheet HTML 3Page - YAGEO Corporation RC0201JR-7C470RL Datasheet HTML 4Page - YAGEO Corporation RC0201JR-7C470RL Datasheet HTML 5Page - YAGEO Corporation RC0201JR-7C470RL Datasheet HTML 6Page - YAGEO Corporation RC0201JR-7C470RL Datasheet HTML 7Page - YAGEO Corporation RC0201JR-7C470RL Datasheet HTML 8Page - YAGEO Corporation RC0201JR-7C470RL Datasheet HTML 9Page - YAGEO Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
DATA SHEET
GENERAL PURPOSE CHIP RESISTORS
RC0201
5%, 1%, 0.5%
RoHS compliant & Halogen free


Similar Part No. - RC0201JR-7C470RL

ManufacturerPart #DatasheetDescription
logo
YAGEO Corporation
RC0201JR-7C100R YAGEO-RC0201JR-7C100R Datasheet
314Kb / 9P
   GENERAL PURPOSE CHIP RESISTORS
RC0201JR-7C10R YAGEO-RC0201JR-7C10R Datasheet
314Kb / 9P
   GENERAL PURPOSE CHIP RESISTORS
RC0201JR-7C1R YAGEO-RC0201JR-7C1R Datasheet
314Kb / 9P
   GENERAL PURPOSE CHIP RESISTORS
RC0201JR-7C1R5 YAGEO-RC0201JR-7C1R5 Datasheet
314Kb / 9P
   GENERAL PURPOSE CHIP RESISTORS
RC0201JR-7C22KL YAGEO-RC0201JR-7C22KL Datasheet
314Kb / 9P
   GENERAL PURPOSE CHIP RESISTORS
More results

Similar Description - RC0201JR-7C470RL

ManufacturerPart #DatasheetDescription
logo
YAGEO Corporation
RC0075BR-0797R6L YAGEO-RC0075BR-0797R6L Datasheet
1,007Kb / 10P
   GENERAL PURPOSE CHIP RESISTORS
logo
List of Unclassifed Man...
RC01 ETC1-RC01 Datasheet
629Kb / 15P
   General purpose chip resistors
logo
YAGEO Corporation
RC0402FR-07620RL YAGEO-RC0402FR-07620RL Datasheet
309Kb / 9P
   GENERAL PURPOSE CHIP RESISTORS
RC0805FR-078K2L YAGEO-RC0805FR-078K2L Datasheet
315Kb / 9P
   GENERAL PURPOSE CHIP RESISTORS
RC0603FR-076K8L YAGEO-RC0603FR-076K8L Datasheet
402Kb / 9P
   GENERAL PURPOSE CHIP RESISTORS
RC2512JK-0747KL YAGEO-RC2512JK-0747KL Datasheet
432Kb / 9P
   GENERAL PURPOSE CHIP RESISTORS
RC0603FR-0718RL YAGEO-RC0603FR-0718RL Datasheet
402Kb / 9P
   GENERAL PURPOSE CHIP RESISTORS
RC2512JK-0710RL YAGEO-RC2512JK-0710RL Datasheet
299Kb / 9P
   GENERAL PURPOSE CHIP RESISTORS
RC0402JR-0727KL YAGEO-RC0402JR-0727KL Datasheet
309Kb / 9P
   GENERAL PURPOSE CHIP RESISTORS
RC0201FR-0722KL YAGEO-RC0201FR-0722KL Datasheet
314Kb / 9P
   GENERAL PURPOSE CHIP RESISTORS
1018594 YAGEO-1018594 Datasheet
309Kb / 9P
   GENERAL PURPOSE CHIP RESISTORS
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com