Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ISP1763AETTM Datasheet(PDF) 6 Page - List of Unclassifed Manufacturers

Part # ISP1763AETTM
Description  Hi-Speed USB OTG controller Rev. 02 ??24 February 2011
Download  134 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

ISP1763AETTM Datasheet(HTML) 6 Page - List of Unclassifed Manufacturers

Back Button ISP1763AETTM Datasheet HTML 2Page - List of Unclassifed Manufacturers ISP1763AETTM Datasheet HTML 3Page - List of Unclassifed Manufacturers ISP1763AETTM Datasheet HTML 4Page - List of Unclassifed Manufacturers ISP1763AETTM Datasheet HTML 5Page - List of Unclassifed Manufacturers ISP1763AETTM Datasheet HTML 6Page - List of Unclassifed Manufacturers ISP1763AETTM Datasheet HTML 7Page - List of Unclassifed Manufacturers ISP1763AETTM Datasheet HTML 8Page - List of Unclassifed Manufacturers ISP1763AETTM Datasheet HTML 9Page - List of Unclassifed Manufacturers ISP1763AETTM Datasheet HTML 10Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 134 page
background image
CD00264885
© ST-ERICSSON 2011. All rights reserved.
Product data sheet
Rev. 02 — 24 February 2011
6 of 134
ISP1763A
Hi-Speed USB OTG controller
7.2 Pin description
Fig 3.
Pin configuration VFQFPN64
004aab154
ISP1763A
Transparent top view
AGND
AD0
AD1
AD2
AD3
VCC(I/O)
AD4
AD5
AD6
AD7
AD8
AD9
AD10
AD11
VCC(I/O)
AD12
PSW1_N
AGND
VREG(1V2)
X2
X1/CLKIN
AGND
FREQSEL2
FREQSEL1
RESET_N
CLE
ALE/ADV_N
DACK
DREQ
VCC(I/O)
A7
A6
ball A1
index area
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
48
47
46
45
44
43
42
41
40
39
38
37
36
35
34
33
Table 3.
Pin description
Symbol[1]
Pin
Type[2]
Description
TFBGA64
VFQFPN64
AGND
B2
1
P
analog ground
AD0
B1
2
I/O
bit 0 of the address and data bus
bidirectional pad; push-pull input; three-state output; 3.3 V
tolerant
AD1
C2
3
I/O
bit 1 of the address and data bus
bidirectional pad; push-pull input; three-state output; 3.3 V
tolerant
AD2
C1
4
I/O
bit 2 of the address and data bus
bidirectional pad; push-pull input; three-state output; 3.3 V
tolerant


Similar Part No. - ISP1763AETTM

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
ISP1760 PHILIPS-ISP1760 Datasheet
449Kb / 105P
   Hi-Speed Universal Serial Bus host controller for embedded applications
Rev. 01-8 November 2004
ISP1760BE PHILIPS-ISP1760BE Datasheet
449Kb / 105P
   Hi-Speed Universal Serial Bus host controller for embedded applications
Rev. 01-8 November 2004
ISP1761 PHILIPS-ISP1761 Datasheet
724Kb / 158P
   Hi-Speed Universal Serial Bus On-The-Go controller
Rev. 01-12 January 2005
ISP1761 PHILIPS-ISP1761 Datasheet
793Kb / 164P
   Hi-Speed Universal Serial Bus On-The-Go controller
13 March 2008
ISP1761BE PHILIPS-ISP1761BE Datasheet
724Kb / 158P
   Hi-Speed Universal Serial Bus On-The-Go controller
Rev. 01-12 January 2005
More results

Similar Description - ISP1763AETTM

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PMLL4148L115 NXP-PMLL4148L115 Datasheet
122Kb / 11P
   High-speed switching diodes Rev. 8 ??1 February 2011
Rev. 8-1 February 2011
ISP1506A NXP-ISP1506A_08 Datasheet
427Kb / 80P
   ULPI Hi-Speed USB OTG transceiver
Rev. 02-28 August 2008
logo
PLX Technology
OXU210HP PLX-OXU210HP Datasheet
105Kb / 1P
   Local bus to Hi-Speed USB Host, Peripheral/OTG controller
logo
Microchip Technology
USB3500 MICROCHIP-USB3500 Datasheet
792Kb / 45P
   Hi-Speed USB Host, Device or OTG PHY
07/14/15
logo
NXP Semiconductors
ISP1582 NXP-ISP1582 Datasheet
364Kb / 69P
   Hi-Speed USB peripheral controller
Rev. 07-22 September 2008
ISP1583 NXP-ISP1583 Datasheet
507Kb / 100P
   Hi-Speed USB peripheral controller
Rev. 07-22 September 2008
logo
List of Unclassifed Man...
PL-2555 ETC-PL-2555 Datasheet
31Kb / 1P
   Hi-Speed USB Docking Controller
logo
Microchip Technology
USB3300 MICROCHIP-USB3300 Datasheet
1Mb / 53P
   Hi-Speed USB Host, Device or OTG PHY
01/27/15
USB2512 MICROCHIP-USB2512 Datasheet
887Kb / 57P
   USB 2.0 Hi-Speed Hub Controller
07/14/15
USB251 MICROCHIP-USB251 Datasheet
810Kb / 57P
   USB 2.0 Hi-Speed Hub Controller
2010 - 2015
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com