Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

C0402C0G1C110J Datasheet(PDF) 4 Page - TDK Electronics

Part # C0402C0G1C110J
Description  MULTILAYER CERAMIC CHIP CAPACITORS
Download  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TDK [TDK Electronics]
Direct Link  http://www.tdk.com
Logo TDK - TDK Electronics

C0402C0G1C110J Datasheet(HTML) 4 Page - TDK Electronics

  C0402C0G1C110J Datasheet HTML 1Page - TDK Electronics C0402C0G1C110J Datasheet HTML 2Page - TDK Electronics C0402C0G1C110J Datasheet HTML 3Page - TDK Electronics C0402C0G1C110J Datasheet HTML 4Page - TDK Electronics C0402C0G1C110J Datasheet HTML 5Page - TDK Electronics C0402C0G1C110J Datasheet HTML 6Page - TDK Electronics C0402C0G1C110J Datasheet HTML 7Page - TDK Electronics C0402C0G1C110J Datasheet HTML 8Page - TDK Electronics C0402C0G1C110J Datasheet HTML 9Page - TDK Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 72 page
background image
TDK MLCC US Catalog
Version B11
Page 6
Capacitance
Range Chart
C0402 [EIA CC01005]
Capacitance Range Chart
Temperature Characteristics: C0G (0 ± 30ppm/ºC)
Rated Voltage: 16V (1C)
Capacitance
(pF)
Cap
Code
Tolerance
C0G
1C
(16V)
6.8
6R8
B: ± 0.10pF
E: ± 0.20pF
C: ± 0.25pF
D: ± 0.50pF
G: ± 2%
J: ± 5%
7.5
7R5
8.2
8R2
9.1
9R1
10
100
11
110
12
120
13
130
15
150
16
160
18
180
20
200
22
220
24
240
27
270
30
300
33
330
36
360
39
390
43
430
47
470
51
510
56
560
62
620
68
680
75
750
82
820
91
910
100
101
• Standard capacitance is shown. Please refer to Capacitance Range Table for additional capacitance values.
Capacitance Range Chart
Temperature Characteristics: X7R (± 15%), X5R (± 15%)
Rated Voltage: 16V (1C), 10V (1A), 6.3V (0J)
Capacitance
(pF)
Cap
Code
Tolerance
X7R
X5R
1A
(10V)
1C
(16V)
1A
(10V)
0J
(6.3V)
100
101
K: ± 10%
150
151
220
221
330
331
470
471
680
681
1,000
102
1,500
152
2,200
222
3,300
332
4,700
472
6,800
682
10,000
103
0.20 mm
Standard Thickness
Capacitance
(pF)
Cap
Code
Tolerance
C0G
1C
(16V)
0.1
0R1
W: ± 0.05pF
B: ± 0.10pF
C: ± 0.25pF
D: ± 0.50pF
0.2
0R2
0.3
0R3
0.4
0R4
0.5
0R5
0.6
0R6
0.7
0R7
0.8
0R8
0.9
0R9
1
010
1.1
1R1
1.2
1R2
1.3
1R3
1.5
1R5
1.6
1R6
1.8
1R8
2
020
2.2
2R2
2.4
2R4
2.7
2R7
3
030
3.3
3R3
3.6
3R6
3.9
3R9
4.3
4R3
4.7
4R7
5.1
5R1
5.6
5R6
6.2
6R2


Similar Part No. - C0402C0G1C110J

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
C0402C0G1C110J TDK-C0402C0G1C110J Datasheet
1Mb / 72P
   C Series General Application
C0402C0G1C110J TDK-C0402C0G1C110J Datasheet
1Mb / 72P
   MULTILAYER CERAMIC CHIP CAPACITORS
More results

Similar Description - C0402C0G1C110J

ManufacturerPart #DatasheetDescription
logo
EPCOS
X8R EPCOS-X8R Datasheet
112Kb / 13P
   Multilayer ceramic capacitors Chip capacitors
logo
NIC-Components Corp.
NMC0402X7R104K16TRPF NIC-NMC0402X7R104K16TRPF Datasheet
138Kb / 4P
   Multilayer Ceramic Chip Capacitors
logo
TDK Electronics
C1005C0G1H1R5C050BA TDK-C1005C0G1H1R5C050BA Datasheet
173Kb / 31P
   Multilayer Ceramic Chip Capacitors
C1608X5R0J226M080AC TDK-C1608X5R0J226M080AC Datasheet
2Mb / 55P
   MULTILAYER CERAMIC CHIP CAPACITORS
C3216X7R1C105K TDK-C3216X7R1C105K Datasheet
197Kb / 31P
   Multilayer Ceramic Chip Capacitors
C3216X7R1V106M160AC TDK-C3216X7R1V106M160AC Datasheet
2Mb / 55P
   MULTILAYER CERAMIC CHIP CAPACITORS
CKG57NX5R1E476M500JH TDK-CKG57NX5R1E476M500JH Datasheet
109Kb / 9P
   Multilayer Ceramic Chip Capacitors
C3225X5R1C226K TDK-C3225X5R1C226K Datasheet
173Kb / 31P
   Multilayer Ceramic Chip Capacitors
logo
Kyocera Kinseki Corpota...
CM32Y5V106Z16AT KSS-CM32Y5V106Z16AT Datasheet
163Kb / 16P
   Multilayer Ceramic Chip Capacitors
logo
TDK Electronics
C0603X5R0J224K TDK-C0603X5R0J224K Datasheet
463Kb / 2P
   Multilayer Ceramic Chip Capacitors
logo
NIC-Components Corp.
NMC1 NIC-NMC1 Datasheet
268Kb / 4P
   Multilayer Ceramic Chip Capacitors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com