Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

C1005X5R1E104K Datasheet(PDF) 1 Page - TDK Electronics

Part # C1005X5R1E104K
Description  MULTILAYER CERAMIC CHIP CAPACITORS
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TDK [TDK Electronics]
Direct Link  http://www.tdk.com
Logo TDK - TDK Electronics

C1005X5R1E104K Datasheet(HTML) 1 Page - TDK Electronics

  C1005X5R1E104K Datasheet HTML 1Page - TDK Electronics C1005X5R1E104K Datasheet HTML 2Page - TDK Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
•This PDF document was created based on the data listed on the TDK Corporation website.
•All specifications are subject to change without notice.
Copyright(c) TDK Corporation. All rights reserved
Page 1 of 2
Creation Date : October 09, 2013
C1005X5R1E104K050BC (TDK item description : C1005X5R1E104KT****)
Applications
Commercial Grade
Please refer to Part No. CGA2B3X5R1E104K050BB for automotive use.
Feature
General (Up to 50V)
Series
C1005 [EIA CC0402]
Size
Length(L)
1.00mm +/-0.05mm
Width(W)
0.50mm +/-0.05mm
Thickness(T)
0.50mm +/-0.05mm
Terminal Width(B)
0.10mm Min.
Terminal Spacing(G)
0.30mm Min.
Electrical Characteristics
Capacitance
100nF +/-10%
Rated Voltage
25Vdc
Temperature Characteristic
X5R(+/-15%)
Dissipation Factor
5% Max.
Insulation Resistance
1000MΩ Min.
Other
Soldering Method
Reflow
AEC Q200
No
Packing
Punched (Paper)Taping [180mm Reel]
Package Quantity
10000 Pcs Min.


Similar Part No. - C1005X5R1E104K

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
C1005X5R1E104K050BC TDK-C1005X5R1E104K050BC Datasheet
138Kb / 1P
   Commercial Grade ( General (Up to 50V) )
C1005X5R1E104K050BC TDK-C1005X5R1E104K050BC_17 Datasheet
233Kb / 3P
   Multilayer Ceramic Chip Capacitors
More results

Similar Description - C1005X5R1E104K

ManufacturerPart #DatasheetDescription
logo
EPCOS
X8R EPCOS-X8R Datasheet
112Kb / 13P
   Multilayer ceramic capacitors Chip capacitors
logo
NIC-Components Corp.
NMC0402X7R104K16TRPF NIC-NMC0402X7R104K16TRPF Datasheet
138Kb / 4P
   Multilayer Ceramic Chip Capacitors
logo
TDK Electronics
C1005C0G1H1R5C050BA TDK-C1005C0G1H1R5C050BA Datasheet
173Kb / 31P
   Multilayer Ceramic Chip Capacitors
C1608X5R0J226M080AC TDK-C1608X5R0J226M080AC Datasheet
2Mb / 55P
   MULTILAYER CERAMIC CHIP CAPACITORS
C3216X7R1C105K TDK-C3216X7R1C105K Datasheet
197Kb / 31P
   Multilayer Ceramic Chip Capacitors
C3216X7R1V106M160AC TDK-C3216X7R1V106M160AC Datasheet
2Mb / 55P
   MULTILAYER CERAMIC CHIP CAPACITORS
CKG57NX5R1E476M500JH TDK-CKG57NX5R1E476M500JH Datasheet
109Kb / 9P
   Multilayer Ceramic Chip Capacitors
C3225X5R1C226K TDK-C3225X5R1C226K Datasheet
173Kb / 31P
   Multilayer Ceramic Chip Capacitors
logo
Kyocera Kinseki Corpota...
CM32Y5V106Z16AT KSS-CM32Y5V106Z16AT Datasheet
163Kb / 16P
   Multilayer Ceramic Chip Capacitors
logo
TDK Electronics
C0603X5R0J224K TDK-C0603X5R0J224K Datasheet
463Kb / 2P
   Multilayer Ceramic Chip Capacitors
logo
NIC-Components Corp.
NMC1 NIC-NMC1 Datasheet
268Kb / 4P
   Multilayer Ceramic Chip Capacitors
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com