Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

C527RT230-S0200 Datasheet(PDF) 4 Page - Marktech Corporate

Part # C527RT230-S0200
Description  RazerThin LEDs
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MARKTECH [Marktech Corporate]
Direct Link  http://www.marktechopto.com
Logo MARKTECH - Marktech Corporate

C527RT230-S0200 Datasheet(HTML) 4 Page - Marktech Corporate

  C527RT230-S0200 Datasheet HTML 1Page - Marktech Corporate C527RT230-S0200 Datasheet HTML 2Page - Marktech Corporate C527RT230-S0200 Datasheet HTML 3Page - Marktech Corporate C527RT230-S0200 Datasheet HTML 4Page - Marktech Corporate  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
Copyright © 2005-2006 Cree, Inc. All rights reserved. The information in this document is subject to change without notice. Cree,
the Cree logo, G•SiC and RazerThin are registered trademarks, and RT230 is a trademark of Cree, Inc.
4
CPR3CO Rev. A
Cree, Inc.
4600 Silicon Drive
Durham, NC 27703
USA Tel: +1.919.313.5300
www.cree.com
Characteristic Curves
These are representative measurements for the RT230 product. Actual curves will vary slightly for the various radiant
flux and dominant wavelength bins.
Forward Current vs Forward Voltage
0
5
10
15
20
25
30
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
5.0
Vf (V)
Wavelength Shift vs Forward Current
-4.0
0.0
4.0
8.0
12.0
16.0
20.0
0
5
10
15
20
25
30
If (mA)
527nm
505nm
470nm
Relative Intensity vs. Peak Wavelength
0
20
40
60
80
100
350
400
450
500
550
600
650
Wavelength (nm)
460 nm
505 nm
527 nm
Relative Intensity vs Forward Voltage
0
20
40
60
80
100
120
140
0
5
10
15
20
25
30
If (mA)


Similar Part No. - C527RT230-S0200

ManufacturerPart #DatasheetDescription
logo
Cree, Inc
C527RT230-S0200 CREE-C527RT230-S0200 Datasheet
243Kb / 4P
   RazerThin짰 LEDs
C527RT230-S0200 CREE-C527RT230-S0200 Datasheet
248Kb / 4P
   Low Forward Voltage 3.1 V Typical at 20 mA - Blue & Traffic Green, 3.2 V Typical at 20 mA Green
More results

Similar Description - C527RT230-S0200

ManufacturerPart #DatasheetDescription
logo
Marktech Corporate
RT230-20 MARKTECH-RT230-20 Datasheet
264Kb / 4P
   RazerThin LEDs
C460RT230-0103 MARKTECH-C460RT230-0103 Datasheet
257Kb / 4P
   RazerThin LEDs
C460RT290-0205 MARKTECH-C460RT290-0205 Datasheet
229Kb / 4P
   RazerThin LEDs
RT230-5 MARKTECH-RT230-5 Datasheet
257Kb / 4P
   RazerThin LEDs
C460RT290-0105 MARKTECH-C460RT290-0105 Datasheet
229Kb / 4P
   RazerThin LEDs
C460RT200-0309 MARKTECH-C460RT200-0309 Datasheet
376Kb / 6P
   RazerThin Gen III LEDs
C460RT260-0313 MARKTECH-C460RT260-0313 Datasheet
387Kb / 6P
   RazerThin Gen III LEDs
TR2227 MARKTECH-TR2227 Datasheet
389Kb / 5P
   LEDs
TR5050M MARKTECH-TR5050M Datasheet
375Kb / 5P
   LEDs
CPR3DK MARKTECH-CPR3DK Datasheet
340Kb / 6P
   LEDs
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com