Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

C470UT190-0306-31 Datasheet(PDF) 1 Page - Marktech Corporate

Part # C470UT190-0306-31
Description  Cree UltraThin Gen III LEDs
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MARKTECH [Marktech Corporate]
Direct Link  http://www.marktechopto.com
Logo MARKTECH - Marktech Corporate

C470UT190-0306-31 Datasheet(HTML) 1 Page - Marktech Corporate

  C470UT190-0306-31 Datasheet HTML 1Page - Marktech Corporate C470UT190-0306-31 Datasheet HTML 2Page - Marktech Corporate C470UT190-0306-31 Datasheet HTML 3Page - Marktech Corporate C470UT190-0306-31 Datasheet HTML 4Page - Marktech Corporate C470UT190-0306-31 Datasheet HTML 5Page - Marktech Corporate C470UT190-0306-31 Datasheet HTML 6Page - Marktech Corporate  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
1
Subject to change without notice.
www.cree.com
CxxxUT190-Sxxxx-31 Chip Diagram
FEATURES
• SmallChip–190x190x50μm
• UTLEDPerformance
– 450&460nm–12mWmin.
– 470nm–10mWmin.
– 527nm–3.0mWmin.
• LowForwardVoltage
– 2.9VTypicalat5mA
• SingleWireBondStructure
• Class2ESDRating
APPLICATIONS
• MobilePhoneKeypads
• AudioProductDisplayLighting
• MobileApplianceKeypads
• AutomotiveApplications
Cree® UltraThin™ Gen III LEDs
Data Sheet
CxxxUT190-Sxxxx-31
Cree’sUltraThinLEDscombinehighlyefficientInGaNmaterialswithCree’sproprietaryG•SiC®substratetodeliver
superiorprice/performanceforblueLEDs.TheseverticallystructuredLEDchipsaresmallinsizeandrequirealow
forwardvoltage.Cree’sUT™serieschipsaretestedforconformitytoopticalandelectricalspecificationsandthe
abilitytowithstand1000VESD.Applicationsincludekeypadbacklightingwheresub-miniaturizationandthinner
formfactorsarerequired.
Top View
Bottom View
190x190μm
t=50μm
Anode(+)
85-μmDiameter
Die Cross Section
Cathode(-)
80x80μm
BottomSurface
150x150μm
Junction
160x160μm


Similar Part No. - C470UT190-0306-31

ManufacturerPart #DatasheetDescription
logo
Cree, Inc
C470UT190-0306-30 CREE-C470UT190-0306-30 Datasheet
300Kb / 6P
   Small Chip 190 x 190 x 85 Single Wire Bond Structure
logo
Marktech Corporate
C470UT190-0306-30 MARKTECH-C470UT190-0306-30 Datasheet
300Kb / 6P
   Cree UltraThin Gen III LEDs
More results

Similar Description - C470UT190-0306-31

ManufacturerPart #DatasheetDescription
logo
Marktech Corporate
C450UT190-0317-30 MARKTECH-C450UT190-0317-30 Datasheet
300Kb / 6P
   Cree UltraThin Gen III LEDs
logo
Magnetrol International...
UT190-50 MAGNETROL-UT190-50 Datasheet
304Kb / 6P
   Cree UltraThin??Gen III LEDs
UT190-50 MAGNETROL-UT190-50 Datasheet
304Kb / 6P
   UltraThin??Gen III LEDs
UT190-50 MAGNETROL-UT190-50 Datasheet
304Kb / 6P
   UltraThin??Gen III LEDs
logo
Cree, Inc
C460UT200-0201 CREE-C460UT200-0201 Datasheet
323Kb / 5P
   Cree UltraThin LED
logo
Marktech Corporate
RT200-5 MARKTECH-RT200-5_15 Datasheet
376Kb / 6P
   Gen III LEDs
UT190-50 MARKTECH-UT190-50_15 Datasheet
304Kb / 6P
   Gen III LEDs
UT190-85 MARKTECH-UT190-85_15 Datasheet
300Kb / 6P
   Gen III LEDs
RT320-20 MARKTECH-RT320-20_15 Datasheet
375Kb / 6P
   Gen III LEDs
RT200-5 MARKTECH-RT200-5 Datasheet
376Kb / 6P
   Gen III LEDs
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com