Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TC4425A Datasheet(PDF) 5 Page - Microchip Technology

Part # TC4425A
Description  3A Dual High-Speed Power MOSFET Drivers
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

TC4425A Datasheet(HTML) 5 Page - Microchip Technology

  TC4425A Datasheet HTML 1Page - Microchip Technology TC4425A Datasheet HTML 2Page - Microchip Technology TC4425A Datasheet HTML 3Page - Microchip Technology TC4425A Datasheet HTML 4Page - Microchip Technology TC4425A Datasheet HTML 5Page - Microchip Technology TC4425A Datasheet HTML 6Page - Microchip Technology TC4425A Datasheet HTML 7Page - Microchip Technology TC4425A Datasheet HTML 8Page - Microchip Technology TC4425A Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 22 page
background image
© 2007 Microchip Technology Inc.
DS21998B-page 5
TC4423A/TC4424A/TC4425A
2.0
TYPICAL PERFORMANCE CURVES
Note: Unless otherwise indicated, TA = +25°C with 4.5V <= VDD <= 18V.
FIGURE 2-1:
Rise Time vs. Supply
Voltage.
FIGURE 2-2:
Rise Time vs. Capacitive
Load.
FIGURE 2-3:
Rise and Fall Times vs.
Temperature.
FIGURE 2-4:
Fall Time vs. Supply
Voltage.
FIGURE 2-5:
Fall Time vs. Capacitive
Load.
FIGURE 2-6:
Propagation Delay vs. Input
Amplitude.
Note:
The graphs and tables provided following this note are a statistical summary based on a limited number of
samples and are provided for informational purposes only. The performance characteristics listed herein
are not tested or guaranteed. In some graphs or tables, the data presented may be outside the specified
operating range (e.g., outside specified power supply range) and therefore outside the warranted range.
0
10
20
30
40
50
60
70
80
4
6
8
1012141618
Supply Voltage (V)
4,700 pF
3,300 pF
1,800 pF
1,000 pF
470 pF
0
10
20
30
40
50
60
100
1000
10000
Capacitive Load (pF)
5V
10V
15V
10
12
14
16
18
20
22
24
-40 -25 -10 5
20 35 50 65 80 95 110 125
Temperature (
oC)
tFALL
tRISE
CLOAD = 1800 pF
0
10
20
30
40
50
60
70
80
4
6
8
10
12
14
16
18
Supply Voltage (V)
4700 pF
3300 pF
1800 pF
470 pF
1000 pF
0
10
20
30
40
50
60
70
100
1000
10000
Capacitive Load (pF)
5V
10V
15V
25
45
65
85
105
125
145
23
4
5
6789
10
Input Amplitude (V)
tD1
tD2
VDD = 12V
CLOAD = 1800 pF


Similar Part No. - TC4425A

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
TC4425A MICROCHIP-TC4425A Datasheet
771Kb / 22P
   3A Dual High-Speed Power MOSFET Drivers
2007
TC4425A MICROCHIP-TC4425A Datasheet
773Kb / 22P
   3A Dual High-Speed Power MOSFET Drivers
12/08/06
More results

Similar Description - TC4425A

ManufacturerPart #DatasheetDescription
logo
TelCom Semiconductor, I...
TC4423 TELCOM-TC4423 Datasheet
84Kb / 7P
   3A DUAL HIGH-SPEED POWER MOSFET DRIVERS
logo
Microchip Technology
TC4423 MICROCHIP-TC4423_04 Datasheet
321Kb / 18P
   3A Dual High-Speed Power MOSFET Drivers
2004
TC4423A MICROCHIP-TC4423A Datasheet
771Kb / 22P
   3A Dual High-Speed Power MOSFET Drivers
2007
TC4424AVOA713 MICROCHIP-TC4424AVOA713 Datasheet
773Kb / 22P
   3A Dual High-Speed Power MOSFET Drivers
12/08/06
TC4424AVOE MICROCHIP-TC4424AVOE Datasheet
773Kb / 22P
   3A Dual High-Speed Power MOSFET Drivers
12/08/06
logo
Unisonic Technologies
UTC4424 UTC-UTC4424 Datasheet
171Kb / 4P
   3A Dual High-Speed Power MOSFET Drivers
logo
Microchip Technology
TC4423 MICROCHIP-TC4423 Datasheet
71Kb / 9P
   3A DUAL HIGH-SPEED POWER MOSFET DRIVERS
2001
TC4423 MICROCHIP-TC4423_13 Datasheet
358Kb / 20P
   3A Dual High-Speed Power MOSFET Drivers
2002-2012 11/27/12
TC4424AVOA MICROCHIP-TC4424AVOA Datasheet
773Kb / 22P
   3A Dual High-Speed Power MOSFET Drivers
12/08/06
TC4423M MICROCHIP-TC4423M Datasheet
225Kb / 18P
   3A Dual High-Speed Power MOSFET Drivers
2005
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com