Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TC1412NEPA Datasheet(PDF) 5 Page - Microchip Technology

Part # TC1412NEPA
Description  2A High-Speed MOSFET Drivers
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

TC1412NEPA Datasheet(HTML) 5 Page - Microchip Technology

  TC1412NEPA Datasheet HTML 1Page - Microchip Technology TC1412NEPA Datasheet HTML 2Page - Microchip Technology TC1412NEPA Datasheet HTML 3Page - Microchip Technology TC1412NEPA Datasheet HTML 4Page - Microchip Technology TC1412NEPA Datasheet HTML 5Page - Microchip Technology TC1412NEPA Datasheet HTML 6Page - Microchip Technology TC1412NEPA Datasheet HTML 7Page - Microchip Technology TC1412NEPA Datasheet HTML 8Page - Microchip Technology TC1412NEPA Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
 2003 Microchip Technology Inc.
DS21391C-page 5
TC1412/TC1412N
2.0
TYPICAL PERFORMANCE CURVES
Note: Unless otherwise indicated, over operating temperature range with 4.5V
≤ VDD ≤ 16V.
FIGURE 2-1:
Quiescent Supply Current
vs. Supply Voltage.
FIGURE 2-2:
Input Threshold vs. Supply
Voltage.
FIGURE 2-3:
High-State Output
Resistance vs. Supply Voltage.
FIGURE 2-4:
Quiescent Supply Current
vs. Temperature.
FIGURE 2-5:
Input Threshold vs.
Temperature.
FIGURE 2-6:
Low-State Output
Resistance vs. Supply Voltage.
Note:
The graphs and tables provided following this note are a statistical summary based on a limited number of
samples and are provided for informational purposes only. The performance characteristics listed herein
are not tested or guaranteed. In some graphs or tables, the data presented may be outside the specified
operating range (e.g., outside specified power supply range) and therefore outside the warranted range.
0
100
200
300
400
500
16
14
12
10
8
6
4
VIN = 3V
VIN = 0V
TA = +25°C
VDD (V)
VDD (V)
1.1
1.2
1.3
1.4
1.5
1.6
16
14
12
10
8
6
4
VIH
VIL
TA = +25°C
VDD (V)
1
3
5
7
9
11
13
16
14
12
10
8
6
4
TA = -40°C
TA = +25°C
TA = +85°C
-40
-20
0
20406080
0
100
200
300
400
500
VIN = 3V
VIN = 0V
VSUPPLY = 16V
TEMPERATURE (
°C)
-40
-20
0
20
40
60
80
1.1
1.2
1.3
1.4
1.5
1.6
VSUPPLY = 16V
TEMPERATURE (
°C)
VIH
VIL
VDD (V)
1
3
5
7
9
11
13
16
14
12
10
8
6
4
TA = -40°C
TA = +25°C
TA = +85°C


Similar Part No. - TC1412NEPA

ManufacturerPart #DatasheetDescription
logo
TelCom Semiconductor, I...
TC1412NEPA TELCOM-TC1412NEPA Datasheet
66Kb / 5P
   2A HIGH-SPEED MOSFET DRIVERS
logo
Microchip Technology
TC1412NEPA MICROCHIP-TC1412NEPA Datasheet
434Kb / 14P
   2A High-Speed MOSFET Drivers
2002
TC1412NEPA MICROCHIP-TC1412NEPA Datasheet
819Kb / 24P
   2A High-Speed MOSFET Drivers
01/27/15
More results

Similar Description - TC1412NEPA

ManufacturerPart #DatasheetDescription
logo
TelCom Semiconductor, I...
TC1412 TELCOM-TC1412 Datasheet
66Kb / 5P
   2A HIGH-SPEED MOSFET DRIVERS
logo
Microchip Technology
TC1412 MICROCHIP-TC1412_03 Datasheet
343Kb / 16P
   2A High-Speed MOSFET Drivers
2003
TC1412 MICROCHIP-TC1412_13 Datasheet
261Kb / 18P
   2A High-Speed MOSFET Drivers
2001-2012 11/27/12
TC1412 MICROCHIP-TC1412_15 Datasheet
819Kb / 24P
   2A High-Speed MOSFET Drivers
01/27/15
TC1412 MICROCHIP-TC1412 Datasheet
434Kb / 14P
   2A High-Speed MOSFET Drivers
2002
logo
Maxim Integrated Produc...
MAX5062 MAXIM-MAX5062_07 Datasheet
351Kb / 20P
   125V/2A, High-Speed, Half-Bridge MOSFET Drivers
Rev 5; 5/07
MAX5062 MAXIM-MAX5062 Datasheet
471Kb / 19P
   125V/2A, High-Speed, Half-Bridge MOSFET Drivers
Rev 3; 10/05
MAX15012 MAXIM-MAX15012 Datasheet
271Kb / 14P
   175V/2A, High-Speed, Half-Bridge MOSFET Drivers
Rev 0; 5/06
MAX15012 MAXIM-MAX15012_07 Datasheet
372Kb / 18P
   175V/2A, High-Speed, Half-Bridge MOSFET Drivers
Rev 1; 12/07
logo
ON Semiconductor
NCP4413 ONSEMI-NCP4413 Datasheet
94Kb / 8P
   High-Speed MOSFET Drivers
August, 2002 ??Rev. 1
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com