Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TC428MJA Datasheet(PDF) 5 Page - Microchip Technology

Part # TC428MJA
Description  1.5A Dual High-Speed Power MOSFET Drivers
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

TC428MJA Datasheet(HTML) 5 Page - Microchip Technology

  TC428MJA Datasheet HTML 1Page - Microchip Technology TC428MJA Datasheet HTML 2Page - Microchip Technology TC428MJA Datasheet HTML 3Page - Microchip Technology TC428MJA Datasheet HTML 4Page - Microchip Technology TC428MJA Datasheet HTML 5Page - Microchip Technology TC428MJA Datasheet HTML 6Page - Microchip Technology TC428MJA Datasheet HTML 7Page - Microchip Technology TC428MJA Datasheet HTML 8Page - Microchip Technology TC428MJA Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
© 2006 Microchip Technology Inc.
DS21415C-page 5
TC426/TC427/TC428
2.0
PIN DESCRIPTIONS
The descriptions of the pins are listed in Table 2-1.
TABLE 2-1:
PIN FUNCTION TABLE
Pin No.
(8-Pin PDIP,
SOIC, CERDIP)
Symbol
Description
1
NC
No Internal Connection.
2
IN A
Control Input A, TTL/CMOS compatible logic input.
3
GND
Ground.
4
IN B
Control Input B, TTL/CMOS compatible logic input.
5
OUT B
CMOS totem-pole output.
6VDD
Supply input, 4.5V to 18V.
7
OUT A
CMOS totem-pole output.
8
NC
No internal Connection.


Similar Part No. - TC428MJA

ManufacturerPart #DatasheetDescription
logo
TelCom Semiconductor, I...
TC428MJA TELCOM-TC428MJA Datasheet
76Kb / 5P
   1.5A DUAL HIGH-SPEED POWER MOSFET DRIVERS
logo
Microchip Technology
TC428MJA MICROCHIP-TC428MJA Datasheet
461Kb / 16P
   1.5A Dual High-Speed Power MOSFET Drivers
2002
TC428MJA MICROCHIP-TC428MJA Datasheet
514Kb / 18P
   1.5A Dual High-Speed Power MOSFET Drivers
2002-2012 11/27/12
More results

Similar Description - TC428MJA

ManufacturerPart #DatasheetDescription
logo
TelCom Semiconductor, I...
TC426 TELCOM-TC426 Datasheet
76Kb / 5P
   1.5A DUAL HIGH-SPEED POWER MOSFET DRIVERS
logo
Microchip Technology
TC4426 MICROCHIP-TC4426 Datasheet
66Kb / 9P
   1.5A DUAL HIGH-SPEED POWER MOSFET DRIVERS
2001
TC4426A MICROCHIP-TC4426A_06 Datasheet
427Kb / 18P
   1.5A Dual High-Speed Power MOSFET Drivers
2006
TC4426M MICROCHIP-TC4426M Datasheet
209Kb / 18P
   1.5A Dual High-Speed Power MOSFET Drivers
2005
TC4426 MICROCHIP-TC4426_V01 Datasheet
976Kb / 28P
   1.5A Dual High-Speed Power MOSFET Drivers
2006-2014
TC426 MICROCHIP-TC426_13 Datasheet
514Kb / 18P
   1.5A Dual High-Speed Power MOSFET Drivers
2002-2012 11/27/12
TC4426M MICROCHIP-TC4426M_13 Datasheet
239Kb / 18P
   1.5A Dual High-Speed Power MOSFET Drivers
11/29/12
TC4426 MICROCHIP-TC4426_13 Datasheet
356Kb / 20P
   1.5A Dual High-Speed Power MOSFET Drivers
2002-2012 11/27/12
TC426 MICROCHIP-TC426_06 Datasheet
587Kb / 16P
   1.5A Dual High-Speed Power MOSFET Drivers
2006
TC4426 MICROCHIP-TC4426_06 Datasheet
444Kb / 20P
   1.5A Dual High-Speed Power MOSFET Drivers
2006
TC4426A MICROCHIP-TC4426A Datasheet
501Kb / 16P
   1.5A Dual High-Speed Power MOSFET Drivers
2002
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com