Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TC1272AMVNBTR Datasheet(PDF) 7 Page - Microchip Technology

Part # TC1272AMVNBTR
Description  3-Pin Reset Monitor
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

TC1272AMVNBTR Datasheet(HTML) 7 Page - Microchip Technology

Back Button TC1272AMVNBTR Datasheet HTML 3Page - Microchip Technology TC1272AMVNBTR Datasheet HTML 4Page - Microchip Technology TC1272AMVNBTR Datasheet HTML 5Page - Microchip Technology TC1272AMVNBTR Datasheet HTML 6Page - Microchip Technology TC1272AMVNBTR Datasheet HTML 7Page - Microchip Technology TC1272AMVNBTR Datasheet HTML 8Page - Microchip Technology TC1272AMVNBTR Datasheet HTML 9Page - Microchip Technology TC1272AMVNBTR Datasheet HTML 10Page - Microchip Technology TC1272AMVNBTR Datasheet HTML 11Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
 2004 Microchip Technology Inc.
DS21877A-page 7
TC1272A
3-Lead Plastic Small Outline Transistor (NB) (SOT-23)
10
5
0
10
5
0
β
Mold Draft Angle Bottom
10
5
0
10
5
0
α
Mold Draft Angle Top
0.51
0.44
0.37
.020
.017
.015
B
Lead Width
0.18
0.14
0.09
.007
.006
.004
c
Lead Thickness
10
5
0
10
5
0
φ
Foot Angle
0.55
0.45
0.35
.022
.018
.014
L
Foot Length
3.04
2.92
2.80
.120
.115
.110
D
Overall Length
1.40
1.30
1.20
.055
.051
.047
E1
Molded Package Width
2.64
2.37
2.10
.104
.093
.083
E
Overall Width
0.10
0.06
0.01
.004
.002
.000
A1
Standoff §
1.02
0.95
0.88
.040
.037
.035
A2
Molded Package Thickness
1.12
1.01
0.89
.044
.040
.035
A
Overall Height
1.92
.076
p1
Outside lead pitch (basic)
0.96
.038
p
Pitch
3
3
n
Number of Pins
MAX
NOM
MIN
MAX
NOM
MIN
Dimension Limits
MILLIMETERS
INCHES*
Units
2
1
p
D
B
n
E
E1
L
c
β
φ
α
A2
A
A1
p1
* Controlling Parameter
Notes:
Dimensions D and E1 do not include mold flash or protrusions. Mold flash or protrusions shall not exceed
.010” (0.254mm) per side.
JEDEC Equivalent: TO-236
Drawing No. C04-104
§ Significant Characteristic


Similar Part No. - TC1272AMVNBTR

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
TC1272A MICROCHIP-TC1272A Datasheet
208Kb / 14P
   3-Pin Reset Monitor
11/29/12
More results

Similar Description - TC1272AMVNBTR

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
TC1272A MICROCHIP-TC1272A Datasheet
208Kb / 14P
   3-Pin Reset Monitor
11/29/12
logo
E-CMOS Corporation
EC95809 E-CMOS-EC95809 Datasheet
246Kb / 6P
   3-Pin Microprocessor Reset Monitor
logo
Seaward Electronics Inc...
SE810 SEAWARD-SE810 Datasheet
209Kb / 6P
   3-Pin Microprocessor Reset Monitor
logo
YOBON TECHNOLOGIES,INC.
YB1921 YOBON-YB1921 Datasheet
149Kb / 5P
   3-Pin Microprocessor Reset Monitor
logo
Seaward Electronics Inc...
SE809 SEAWARD-SE809 Datasheet
184Kb / 5P
   3-Pin Microprocessor Reset Monitor
logo
List of Unclassifed Man...
CYT809 ETC2-CYT809 Datasheet
170Kb / 4P
   3-Pin Microprocessor Reset Monitor (Preliminary)
logo
Seaward Electronics Inc...
SE811 SEAWARD-SE811 Datasheet
235Kb / 8P
   4-Pin Microprocessor Reset Monitor
logo
ON Semiconductor
MAX803 ONSEMI-MAX803_07 Datasheet
108Kb / 10P
   Very Low Supply Current 3-Pin Microprocessor Reset Monitor
October, 2007 - Rev. 4
MAX803 ONSEMI-MAX803 Datasheet
86Kb / 9P
   Very Low Supply Current 3-Pin Microprocessor Reset Monitor
March, 2006 ??Rev. 0
NCP803 ONSEMI-NCP803 Datasheet
55Kb / 8P
   Very Low Supply Current 3-Pin Microprocessor Reset Monitor
May, 2003 - Rev. 4
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com