Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TC2117-33VDBTR Datasheet(PDF) 13 Page - Microchip Technology

Part # TC2117-33VDBTR
Description  800 mA Fixed Low Dropout Positive Regulator
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

TC2117-33VDBTR Datasheet(HTML) 13 Page - Microchip Technology

Back Button TC2117-33VDBTR Datasheet HTML 9Page - Microchip Technology TC2117-33VDBTR Datasheet HTML 10Page - Microchip Technology TC2117-33VDBTR Datasheet HTML 11Page - Microchip Technology TC2117-33VDBTR Datasheet HTML 12Page - Microchip Technology TC2117-33VDBTR Datasheet HTML 13Page - Microchip Technology TC2117-33VDBTR Datasheet HTML 14Page - Microchip Technology TC2117-33VDBTR Datasheet HTML 15Page - Microchip Technology TC2117-33VDBTR Datasheet HTML 16Page - Microchip Technology TC2117-33VDBTR Datasheet HTML 17Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 18 page
background image
© 2006 Microchip Technology Inc.
DS21665C-page 13
TC2117
APPENDIX A: REVISION HISTORY
Revision C (October 2006)
• Section 1.0 “Electrical Characteristics”:
Changed dropout voltage voltage typical value for
IL = 500 mA from 700 to 1000 and maximum
value from 1000 to 1200 for. Changed typical
value for IL = 800 mA from 890 to 1200
• Section 5.0 “Packaging information”: Added
package marking information and package outline
drawings
• Added disclaimer to package outline drawings.
• Added Appendix A Revision History
Revision B (May 2002)
• Not Documented
Revision A (May 2001)
• Original Release of this Document.


Similar Part No. - TC2117-33VDBTR

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
TC2117-3.0DB MICROCHIP-TC2117-3.0DB Datasheet
821Kb / 18P
   800 mA Fixed Low Dropout Positive Regulator
2006
TC2117-3.0DBTR MICROCHIP-TC2117-3.0DBTR Datasheet
821Kb / 18P
   800 mA Fixed Low Dropout Positive Regulator
2006
TC2117-3.0EB MICROCHIP-TC2117-3.0EB Datasheet
821Kb / 18P
   800 mA Fixed Low Dropout Positive Regulator
2006
TC2117-3.0EDTR MICROCHIP-TC2117-3.0EDTR Datasheet
821Kb / 18P
   800 mA Fixed Low Dropout Positive Regulator
2006
TC2117-3.3DB MICROCHIP-TC2117-3.3DB Datasheet
821Kb / 18P
   800 mA Fixed Low Dropout Positive Regulator
2006
More results

Similar Description - TC2117-33VDBTR

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
TC2117 MICROCHIP-TC2117_06 Datasheet
821Kb / 18P
   800 mA Fixed Low Dropout Positive Regulator
2006
logo
Texas Instruments
LM1117 TI1-LM1117_16 Datasheet
2Mb / 36P
[Old version datasheet]   800-mA Low-Dropout Linear Regulator
logo
Galaxy Semi-Conductor H...
BLA1117 BILIN-BLA1117 Datasheet
149Kb / 6P
   800 mA Low-Dropout Linear Regulator
logo
ON Semiconductor
LM1117 ONSEMI-LM1117 Datasheet
215Kb / 13P
   800 mA Low-Dropout Linear Regulator
May, 2020 ??Rev. 0
logo
Toshiba Semiconductor
TCR8BM TOSHIBA-TCR8BM Datasheet
1Mb / 15P
   800 mA CMOS Ultra Low Dropout Regulator
2022-09-02 Rev.4.0
logo
International Rectifier
IRU1011-33 IRF-IRU1011-33 Datasheet
111Kb / 6P
   1.3A LOW DROPOUT POSITIVE FIXED REGULATOR
logo
Microchip Technology
TC2117 MICROCHIP-TC2117 Datasheet
447Kb / 12P
   800mA Fixed Low Dropout Positive Regulator
2002
logo
ON Semiconductor
MC33269D-33G ONSEMI-MC33269D-33G Datasheet
268Kb / 12P
   800 mA, Adjustable Output, Low Dropout Voltage Regulator
April, 2013 ??Rev. 27
MC33269DG ONSEMI-MC33269DG Datasheet
268Kb / 12P
   800 mA, Adjustable Output, Low Dropout Voltage Regulator
April, 2013 ??Rev. 27
MC33269DG ONSEMI-MC33269DG Datasheet
287Kb / 12P
   800 mA, Adjustable Output, Low Dropout Voltage Regulator
April, 2013 ??Rev. 27
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com