Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TC53N1802ETR Datasheet(PDF) 2 Page - Microchip Technology

Part # TC53N1802ETR
Description  Voltage Detector
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

TC53N1802ETR Datasheet(HTML) 2 Page - Microchip Technology

  TC53N1802ETR Datasheet HTML 1Page - Microchip Technology TC53N1802ETR Datasheet HTML 2Page - Microchip Technology TC53N1802ETR Datasheet HTML 3Page - Microchip Technology TC53N1802ETR Datasheet HTML 4Page - Microchip Technology TC53N1802ETR Datasheet HTML 5Page - Microchip Technology TC53N1802ETR Datasheet HTML 6Page - Microchip Technology TC53N1802ETR Datasheet HTML 7Page - Microchip Technology TC53N1802ETR Datasheet HTML 8Page - Microchip Technology TC53N1802ETR Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
TC53
DS21432C-page 2
 2002 Microchip Technology Inc.
1.0
ELECTRICAL
CHARACTERISTICS
Absolute Maximum Ratings*
Input Voltage ........................................................+12V
Output Current ....................................................50mA
Output Voltage ......................VIN + 0.3V to VSS – 0.3V
Power Dissipation
5-Pin SOT-23A ...........................................240mW
Operating Temperature Range.............-40°C to +85°C
Storage Temperature Range ..............-40°C to +125°C
*Stresses above those listed under "Absolute Maximum
Ratings" may cause permanent damage to the device. These
are stress ratings only and functional operation of the device
at these or any other conditions above those indicated in the
operation sections of the specifications is not implied.
Exposure to Absolute Maximum Rating conditions for
extended periods may affect device reliability.
TC53 ELECTRICAL SPECIFICATIONS
Electrical Characteristics: TA = 25°C, unless otherwise specified. Note 1, Note 2.
Symbol
Parameter
Min
Typ
Max
Units
Test Conditions
VDF
Detect Voltage
VT x 0.98
VT ±0.5%
VT x 1.02
V
Note 3
VHYS
Hysteresis Range
VDF x 0.02 VDF x 0.05 VDF x 0.08
V
ISS
Supply Current
0.9
1.0
1.3
1.6
2.0
2.6
3.0
3.4
3.8
4.2
µAVIN = 1.5V
VIN = 2.0V
VIN = 3.0V
VIN = 4.0V
VIN = 5.0V
VIN
Operating Voltage
1.5
10.0
V
VDF = 2.1 to 6.0V
IOUT
Output Current
2.2
7.7
10.1
11.5
13.0
mA
N-ch; VDS = 0.5V, VIN = 1.0V
VIN = 2.0V
VIN = 3.0V
VIN = 4.0V
VIN = 5.0V
-10.0
P-ch; VDS = 2.1V, VIN = 8.0V
(CMOS Output)
∆VDF/
(
∆TOPR VDF)
Temperature Characteristics
±100
ppm/°C
tDLY
Delay Time
(VDR → VOUT Inversion)
——
0.2
msec
Note
1:
An additional resistor between the VIN pin and the supply voltage may alter the electrical characteristics due to the increasing values of
VDR.
2:
The power consumption during power-start to output being stable (release operation) is 2
µA greater than it is after that period
(completion of release operation) because of rush current in the delay circuit.
3:
VT is the factory-programmed voltage detection threshold.


Similar Part No. - TC53N1802ETR

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
TC53N1802ETR MICROCHIP-TC53N1802ETR Datasheet
167Kb / 10P
   TC53
2002
More results

Similar Description - TC53N1802ETR

ManufacturerPart #DatasheetDescription
logo
BCD Semiconductor Manuf...
AZ70XX BCDSEMI-AZ70XX Datasheet
144Kb / 12P
   VOLTAGE DETECTOR
logo
RICOH electronics devic...
R5VL20C RICOH-R5VL20C Datasheet
300Kb / 29P
   VOLTAGE DETECTOR
logo
New Japan Radio
NJM2405 NJRC-NJM2405 Datasheet
161Kb / 4P
   VOLTAGE DETECTOR
logo
Texas Instruments
TPS3803-01 TI1-TPS3803-01_12 Datasheet
699Kb / 17P
[Old version datasheet]   VOLTAGE DETECTOR
logo
New Japan Radio
NJU7706 NJRC-NJU7706 Datasheet
79Kb / 9P
   VOLTAGE DETECTOR
logo
Microchip Technology
TC54 MICROCHIP-TC54_07 Datasheet
229Kb / 16P
   Voltage Detector
2007
logo
Texas Instruments
TPS3803-01-EP TI1-TPS3803-01-EP_16 Datasheet
925Kb / 18P
[Old version datasheet]   VOLTAGE DETECTOR
logo
E-CMOS Corporation
EC9518C E-CMOS-EC9518C Datasheet
439Kb / 9P
   VOLTAGE DETECTOR
logo
Fujitsu Component Limit...
MB3761 FUJITSU-MB3761 Datasheet
414Kb / 13P
   VOLTAGE DETECTOR
logo
Holtek Semiconductor In...
HT70XX HOLTEK-HT70XX Datasheet
131Kb / 16P
   Voltage Detector
logo
Microchip Technology
TC54 MICROCHIP-TC54 Datasheet
215Kb / 12P
   Voltage Detector
2002
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com