Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

C470UT190-S1200-30 Datasheet(PDF) 2 Page - Marktech Corporate

Part # C470UT190-S1200-30
Description  Cree UltraThin Gen III LEDs
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MARKTECH [Marktech Corporate]
Direct Link  http://www.marktechopto.com
Logo MARKTECH - Marktech Corporate

C470UT190-S1200-30 Datasheet(HTML) 2 Page - Marktech Corporate

  C470UT190-S1200-30 Datasheet HTML 1Page - Marktech Corporate C470UT190-S1200-30 Datasheet HTML 2Page - Marktech Corporate C470UT190-S1200-30 Datasheet HTML 3Page - Marktech Corporate C470UT190-S1200-30 Datasheet HTML 4Page - Marktech Corporate C470UT190-S1200-30 Datasheet HTML 5Page - Marktech Corporate C470UT190-S1200-30 Datasheet HTML 6Page - Marktech Corporate  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
Copyright © 2011 Cree, Inc. All rights reserved. The information in this document is subject to change without notice. Cree, the
Cree logo and G•SiC are registered trademarks, and UltraThin and UT are trademarks of Cree, Inc.
2
CPR3EO Rev. A
Cree, Inc.
4600 Silicon Drive
Durham, NC 27703
USA Tel: +1.919.313.5300
www.cree.com
Maximum Ratings at T
A = 25°C
Notes 1&3
CxxxUT190-Sxxxx-30
DCForwardCurrent
30mA
PeakForwardCurrent(1/10dutycycle@1kHz)
100mA
LEDJunctionTemperature
125°C
ReverseVoltage
5V
OperatingTemperatureRange
-40°Cto+100°C
StorageTemperatureRange
-40°Cto+100°C
ElectrostaticDischargeThreshold(HBM)Note2
1000V
ElectrostaticDischargeClassification(MIL-STD-883E)Note2
Class2
Typical Electrical/Optical Characteristics at T
A = 25°C, If = 5 mA
Note 3
Part Number
Forward Voltage (V
f, V)
Reverse Current
[I(Vr=5 V), μA]
Full Width Half Max
(
λ
D, nm)
Min.
Typ.
Max.
Max.
Typ.
C450UT190-Sxxxx-30
2.7
2.9
3.1
2
21
C460UT190-Sxxxx-30
2.7
2.9
3.1
2
21
C470UT190-Sxxxx-30
2.7
2.9
3.1
2
22
C527UT190-Sxxxx-30
2.7
3.0
3.2
2
35
Mechanical Specifications
CxxxUT190-Sxxxx-30
Description
Dimension
Tolerance
P-NJunctionArea(μm)
160x160
±25
ChipTopArea(μm)
190x190
±25
ChipBottomArea(μm)
105x105
±25
ChipThickness(μm)
85
±10
AuBondPadDiameter(μm)
85
-10/+15
AuBondPadThickness(μm)
1.2
±0.5
BacksideContactMetalArea(μm)
80x80
±25
Notes:
1. Maximum ratings are package dependent. The above ratings were determined using a T-1 3/4 package (with Hysol OS4000
epoxy)forcharacterization.Ratingsforotherpackagesmaydiffer.Theforwardcurrents(DCandPeak)arenotlimitedbythedie
butbytheeffectoftheLEDjunctiontemperatureonthepackage.Thejunctiontemperaturelimitof125°CisalimitoftheT-1
3/4package;junctiontemperatureshouldbecharacterizedinaspecificpackagetodeterminelimitations.Assemblyprocessing
temperaturemustnotexceed325°C(<5seconds).
2. Productresistancetoelectrostaticdischarge(ESD)accordingtotheHBMismeasuredbysimulatingESDusingarapidavalanche
energytest(RAET).TheRAETproceduresaredesignedtoapproximatetheminimumESDratingsshown.TheESDclassificationof
Class2isbasedonsampletestingaccordingtoMIL-STD-883E.
3. Allproductsconformtothelistedminimumandmaximumspecificationsforelectricalandopticalcharacteristicswhenassembled
andoperatedat5mAwithinthemaximumratingsshownabove.Efficiencydecreasesathighercurrents.Typicalvaluesgiven
arewithintherangeofaveragevaluesexpectedbymanufacturerinlargequantitiesandareprovidedforinformationonly.All
measurementsweremadeusinglampsinT-13/4packages(withHysolOS4000epoxy).Opticalcharacteristicsmeasuredinan
integratingsphereusingIlluminanceE.
4. Caution: To obtain optimum output efficiency, the amount of epoxy used should be characterized based upon the specific
application.


Similar Part No. - C470UT190-S1200-30

ManufacturerPart #DatasheetDescription
logo
Cree, Inc
C470UT190-S1200-30 CREE-C470UT190-S1200-30 Datasheet
300Kb / 6P
   Small Chip 190 x 190 x 85 Single Wire Bond Structure
C470UT190-S1200-30 CREE-C470UT190-S1200-30 Datasheet
298Kb / 6P
   Low Forward Voltage 2.9 V Typical at 5 mA
More results

Similar Description - C470UT190-S1200-30

ManufacturerPart #DatasheetDescription
logo
Marktech Corporate
C450UT190-0317-31 MARKTECH-C450UT190-0317-31 Datasheet
304Kb / 6P
   Cree UltraThin Gen III LEDs
logo
Magnetrol International...
UT190-50 MAGNETROL-UT190-50 Datasheet
304Kb / 6P
   Cree UltraThin??Gen III LEDs
UT190-50 MAGNETROL-UT190-50 Datasheet
304Kb / 6P
   UltraThin??Gen III LEDs
UT190-50 MAGNETROL-UT190-50 Datasheet
304Kb / 6P
   UltraThin??Gen III LEDs
logo
Cree, Inc
C460UT200-0201 CREE-C460UT200-0201 Datasheet
323Kb / 5P
   Cree UltraThin LED
logo
Marktech Corporate
RT200-5 MARKTECH-RT200-5_15 Datasheet
376Kb / 6P
   Gen III LEDs
UT190-50 MARKTECH-UT190-50_15 Datasheet
304Kb / 6P
   Gen III LEDs
UT190-85 MARKTECH-UT190-85_15 Datasheet
300Kb / 6P
   Gen III LEDs
RT320-20 MARKTECH-RT320-20_15 Datasheet
375Kb / 6P
   Gen III LEDs
RT200-5 MARKTECH-RT200-5 Datasheet
376Kb / 6P
   Gen III LEDs
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com