Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PIC24FJ192GB110 Datasheet(PDF) 3 Page - Microchip Technology

Part # PIC24FJ192GB110
Description  64/80/100-Pin, 16-Bit Flash Microcontrollers with USB On-The-Go (OTG)
Download  328 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC24FJ192GB110 Datasheet(HTML) 3 Page - Microchip Technology

  PIC24FJ192GB110 Datasheet HTML 1Page - Microchip Technology PIC24FJ192GB110 Datasheet HTML 2Page - Microchip Technology PIC24FJ192GB110 Datasheet HTML 3Page - Microchip Technology PIC24FJ192GB110 Datasheet HTML 4Page - Microchip Technology PIC24FJ192GB110 Datasheet HTML 5Page - Microchip Technology PIC24FJ192GB110 Datasheet HTML 6Page - Microchip Technology PIC24FJ192GB110 Datasheet HTML 7Page - Microchip Technology PIC24FJ192GB110 Datasheet HTML 8Page - Microchip Technology PIC24FJ192GB110 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 328 page
background image
© 2008 Microchip Technology Inc.
Preliminary
DS39897B-page 1
PIC24FJ256GB110 FAMILY
Power Management:
• On-Chip 2.5V Voltage Regulator
• Switch between Clock Sources in Real Time
• Idle, Sleep and Doze modes with Fast Wake-up and
Two-Speed Start-up
• Run mode: 1 mA/MIPS, 2.0V Typical
• Sleep mode Current Down to 100 nA Typical
• Standby Current with 32 kHz Oscillator: 2.5
μA,
2.0V typical
Universal Serial Bus Features:
• USB v2.0 On-The-Go (OTG) Compliant
• Dual Role Capable – can act as either Host or Peripheral
• Low-Speed (1.5 Mb/s) and Full-Speed (12 Mb/s) USB
Operation in Host mode
• Full-Speed USB Operation in Device mode
• High-Precision PLL for USB
• Internal Voltage Boost Assist for USB Bus Voltage
Generation
• Interface for Off-Chip Charge Pump for USB Bus
Voltage Generation
• Supports up to 32 Endpoints (16 bidirectional):
- USB Module can use any RAM location on the
device as USB endpoint buffers
• On-Chip USB Transceiver with On-Chip Voltage Regulator
• Interface for Off-Chip USB Transceiver
• Supports Control, Interrupt, Isochronous and Bulk Transfers
• On-Chip Pull-up and Pull-Down Resistors
High-Performance CPU:
• Modified Harvard Architecture
• Up to 16 MIPS Operation at 32 MHz
• 8 MHz Internal Oscillator
• 17-Bit x 17-Bit Single-Cycle Hardware Multiplier
• 32-Bit by 16-Bit Hardware Divider
• 16 x 16-Bit Working Register Array
• C Compiler Optimized Instruction Set Architecture with
Flexible Addressing modes
• Linear Program Memory Addressing, Up to 12 Mbytes
• Linear Data Memory Addressing, Up to 64 Kbytes
• Two Address Generation Units for Separate Read and
Write Addressing of Data Memory
Analog Features:
• 10-Bit, Up to 16-Channel Analog-to-Digital (A/D)
Converter at 500 ksps:
- Conversions available in Sleep mode
• Three Analog Comparators with Programmable Input/
Output Configuration
• Charge Time Measurement Unit (CTMU)
Device
Remappable Peripherals
PIC24FJ64GB106
64
64K
16K
29
5
9
9
4
3
3
16
3
Y
Y
Y
Y
PIC24FJ128GB106
64
128K
16K
29
5
9
9
4
3
3
16
3
Y
Y
Y
Y
PIC24FJ192GB106
64
192K
16K
29
5
9
9
4
3
3
16
3
Y
Y
Y
Y
PIC24FJ256GB106
64
256K
16K
29
5
9
9
4
3
3
16
3
Y
Y
Y
Y
PIC24FJ64GB108
80
64K
16K
40
5
9
9
4
3
3
16
3
Y
Y
Y
Y
PIC24FJ128GB108
80
128K
16K
40
5
9
9
4
3
3
16
3
Y
Y
Y
Y
PIC24FJ192GB108
80
192K
16K
40
5
9
9
4
3
3
16
3
Y
Y
Y
Y
PIC24FJ256GB108
80
256K
16K
40
5
9
9
4
3
3
16
3
Y
Y
Y
Y
PIC24FJ64GB110
100
64K
16K
44
5
9
9
4
3
3
16
3
Y
Y
Y
Y
PIC24FJ128GB110
100
128K
16K
44
5
9
9
4
3
3
16
3
Y
Y
Y
Y
PIC24FJ192GB110
100
192K
16K
44
5
9
9
4
3
3
16
3
Y
Y
Y
Y
PIC24FJ256GB110
100
256K
16K
44
5
9
9
4
3
3
16
3
Y
Y
Y
Y
64/80/100-Pin, 16-Bit Flash Microcontrollers
with USB On-The-Go (OTG)


Similar Part No. - PIC24FJ192GB110

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
PIC24FJ192GB110 MICROCHIP-PIC24FJ192GB110 Datasheet
2Mb / 352P
   64/80/100-Pin, 16-Bit Flash Microcontrollers with USB On-The-Go (OTG)
2009
PIC24FJ192GB110 MICROCHIP-PIC24FJ192GB110 Datasheet
3Mb / 328P
   64/80/100-Pin, 16-Bit Flash Microcontrollers with USB On-The-Go (OTG)
01/02/08
More results

Similar Description - PIC24FJ192GB110

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
PIC24FJ256GB106-IMR MICROCHIP-PIC24FJ256GB106-IMR Datasheet
2Mb / 352P
   64/80/100-Pin, 16-Bit Flash Microcontrollers with USB On-The-Go (OTG)
03/26/09
PIC24FJ256GB106 MICROCHIP-PIC24FJ256GB106 Datasheet
2Mb / 352P
   64/80/100-Pin, 16-Bit Flash Microcontrollers with USB On-The-Go (OTG)
2009
PIC24FJ256GB110-I MICROCHIP-PIC24FJ256GB110-I Datasheet
3Mb / 328P
   64/80/100-Pin, 16-Bit Flash Microcontrollers with USB On-The-Go (OTG)
01/02/08
PIC24FJ256GB108-I MICROCHIP-PIC24FJ256GB108-I Datasheet
2Mb / 352P
   64/80/100-Pin, 16-Bit Flash Microcontrollers with USB On-The-Go (OTG)
03/26/09
PIC24FJ256GB110 MICROCHIP-PIC24FJ256GB110 Datasheet
5Mb / 328P
   64/80/100-Pin, 16-Bit Flash Microcontrollers with USB On-The-Go (OTG)
2008
PIC24FJ256GB210 MICROCHIP-PIC24FJ256GB210 Datasheet
3Mb / 386P
   64/100-Pin, 16-Bit Flash Microcontrollers with USB On-The-Go (OTG)
2010
PIC24FJ256DA210 MICROCHIP-PIC24FJ256DA210 Datasheet
3Mb / 408P
   64/100-Pin, 16-Bit Flash Microcontrollers with Graphics Controller and USB On-The-Go (OTG)
2010
PIC24FJ128DA106-I MICROCHIP-PIC24FJ128DA106-I Datasheet
156Kb / 3P
   PIC24FJ256DA210 FAMILY, 64-100-Pin, 16-Bit Flash Microcontrollers with Graphics Controller and USB On-The-Go (OTG)
PIC24FJ256DA210-I-PT MICROCHIP-PIC24FJ256DA210-I-PT Datasheet
3Mb / 408P
   16-Bit Flash Microcontrollers with Graphics Controller and USB On-The-Go (OTG)
01/05/10
PIC24FJ64GB004 MICROCHIP-PIC24FJ64GB004 Datasheet
2Mb / 352P
   28/44-Pin, 16-Bit, Flash Microcontrollers with USB On-The-Go (OTG) and nanoWatt XLP Technology
2010
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com