Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

C460TR2227-0205 Datasheet(PDF) 3 Page - Marktech Corporate

Part # C460TR2227-0205
Description  Cree TR2227 LEDs
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MARKTECH [Marktech Corporate]
Direct Link  http://www.marktechopto.com
Logo MARKTECH - Marktech Corporate

C460TR2227-0205 Datasheet(HTML) 3 Page - Marktech Corporate

  C460TR2227-0205 Datasheet HTML 1Page - Marktech Corporate C460TR2227-0205 Datasheet HTML 2Page - Marktech Corporate C460TR2227-0205 Datasheet HTML 3Page - Marktech Corporate C460TR2227-0205 Datasheet HTML 4Page - Marktech Corporate C460TR2227-0205 Datasheet HTML 5Page - Marktech Corporate  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
Copyright©2010Cree,Inc.Allrightsreserved.Theinformationinthisdocumentissubjecttochangewithoutnotice.Creeandthe
Creelogoareregisteredtrademarks,andTRandTR2227aretrademarksofCree,Inc.
3
CPR3EF Rev A
Cree,Inc.
4600SiliconDrive
Durham,NC27703
USATel:+1.919.313.5300
www.cree.com
Standard Bins for CxxxTR2227-Sxx00
LEDchipsaresortedtotheRadiantFluxandDominantWavelengthbinsshown.Asorteddiesheetcontainsdiefromonly
onebin.Sorteddiekit(CxxxTR2227-Sxx00)ordersmaybefilledwithanyorallbins(CxxxTR2227-xxxx)containedin
thekit.AllRadiantFlux(RF)valuesandalldominantwavelengthvaluesshownarespecifiedatIf=20mA.
TR 450 nm Kits
TR 460 nm Kits
TR 527 nm Kits
TR-21
C450TR2227-S2100
C450TR2227-0213
C450TR2227-0214
C450TR2227-0215
C450TR2227-0216
C450TR2227-0209
C450TR2227-0210
C450TR2227-0211
C450TR2227-0212
C450TR2227-0205
C450TR2227-0206
C450TR2227-0207
C450TR2227-0208
Dominant Wavelength
447.5nm
450nm
452.5nm
445nm
455nm
27.0mW
24.0mW
21.0mW
TR-21
C460TR2227-S2100
C460TR2227-0213
C460TR2227-0214
C460TR2227-0215
C460TR2227-0216
C460TR2227-0209
C460TR2227-0210
C460TR2227-0211
C460TR2227-0212
C460TR2227-0205
C460TR2227-0206
C460TR2227-0207
C460TR2227-0208
Dominant Wavelength
457.5nm
460nm
462.5nm
455nm
465nm
27.0mW
24.0mW
21.0mW
C527TR2227-S0600
C527TR2227-0213
C527TR2227-0214
C527TR2227-0215
C527TR2227-0210
C527TR2227-0211
C527TR2227-0212
C527TR2227-0207
C527TR2227-0208
C527TR2227-0209
C527TR2227-0204
C527TR2227-0205
C527TR2227-0206
C527TR2227-0201
C527TR2227-0202
C527TR2227-0203
Dominant Wavelength
525nm
530nm
535nm
520nm
10.0mW
9.0mW
8.0mW
7.0mW
6.0mW
TR-06


Similar Part No. - C460TR2227-0205

ManufacturerPart #DatasheetDescription
logo
Cree, Inc
C460TR2227-0205 CREE-C460TR2227-0205 Datasheet
389Kb / 5P
   Rectangular LED Rf Performance Low Forward Voltage - 3.3 V Typical at 20 mA
More results

Similar Description - C460TR2227-0205

ManufacturerPart #DatasheetDescription
logo
Marktech Corporate
C450TR2432-0317 MARKTECH-C450TR2432-0317 Datasheet
350Kb / 6P
   Cree TR2432 LEDs
logo
Cree, Inc
XHP35 CREE-XHP35 Datasheet
2Mb / 37P
   Cree XLamp XHP35 LEDs
C450EZ1350-S56000-X CREE-C450EZ1350-S56000-X Datasheet
373Kb / 5P
   Cree EZ1350-p LEDs
C450EZ1950-S112000-X CREE-C450EZ1950-S112000-X Datasheet
362Kb / 5P
   Cree EZ1950-p LEDs
C450EZ950-S44000-X CREE-C450EZ950-S44000-X Datasheet
373Kb / 6P
   Cree EZ950-p LEDs
logo
Marktech Corporate
C460EZ290-0213-2 MARKTECH-C460EZ290-0213-2 Datasheet
411Kb / 5P
   Cree EZ290 Gen II LEDs
logo
Cree, Inc
XQ-E CREE-XQ-E Datasheet
2Mb / 31P
   Cree XLamp XQ-E LEDs
XM-L2 CREE-XM-L2 Datasheet
1Mb / 14P
   Cree XLamp XM-L2 LEDs
MX3SWT-A1-0000-000E51 CREE-MX3SWT-A1-0000-000E51 Datasheet
988Kb / 10P
   Cree XLamp MX-3S LEDs
logo
Marktech Corporate
C450EZ1400-0217-2 MARKTECH-C450EZ1400-0217-2 Datasheet
309Kb / 5P
   Cree EZ1400 Gen II LEDs
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com