Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

C527EZ400-0201-2 Datasheet(PDF) 3 Page - Marktech Corporate

Part # C527EZ400-0201-2
Description  Cree EZ400 Gen II LED
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MARKTECH [Marktech Corporate]
Direct Link  http://www.marktechopto.com
Logo MARKTECH - Marktech Corporate

C527EZ400-0201-2 Datasheet(HTML) 3 Page - Marktech Corporate

  C527EZ400-0201-2 Datasheet HTML 1Page - Marktech Corporate C527EZ400-0201-2 Datasheet HTML 2Page - Marktech Corporate C527EZ400-0201-2 Datasheet HTML 3Page - Marktech Corporate C527EZ400-0201-2 Datasheet HTML 4Page - Marktech Corporate C527EZ400-0201-2 Datasheet HTML 5Page - Marktech Corporate  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
Copyright©2009Cree,Inc.Allrightsreserved.Theinformationinthisdocumentissubjecttochangewithoutnotice.Creeandthe
Creelogoareregisteredtrademarks,andEZBright,EZ,andEZ400aretrademarksofCree,Inc.
3
CPR3ED Rev. -
Cree,Inc.
4600SiliconDrive
Durham,NC27703
USATel:+1.919.313.5300
www.cree.com
Standard Bins for CxxxEZ400-Sxxx00-2
LED chips are sorted to the radiant flux and dominant wavelength bins shown. A sorted die sheet contains die
fromonlyonebin.Sorteddiekit(CxxxEZ400-Sxxx00-2)ordersmaybefilledwithanyorallbins(CxxxEZ400-0xxx-2)
containedinthekit.AllradiantfluxandalldominantwavelengthvaluesshownandspecifiedareatIf=150mA.Radiant
fluxvaluesaremeasuredusingAu-platedTO39headerswithoutanencapsulant.
C450EZ400-S09000-2
C450EZ400-0213-2
C450EZ400-0214-2
C450EZ400-0215-2
C450EZ400-0216-2
C450EZ400-0209-2
C450EZ400-0210-2
C450EZ400-0211-2
C450EZ400-0212-2
C450EZ400-0205-2
C450EZ400-0206-2
C450EZ400-0207-2
C450EZ400-0208-2
120mW
105mW
90mW
Dominant Wavelength
447.5nm
450nm
452.5nm
445nm
455nm
C460EZ400-S09000-2
C460EZ400-0213-2
C460EZ400-0214-2
C460EZ400-0215-2
C460EZ400-0216-2
C460EZ400-0209-2
C460EZ400-0210-2
C460EZ400-0211-2
C460EZ400-0212-2
C460EZ400-0205-2
C460EZ400-0206-2
C460EZ400-0207-2
C460EZ400-0208-2
120mW
105mW
90mW
Dominant Wavelength
457.5nm
460nm
462.5nm
455nm
465nm
C470EZ400-S07500-2
C470EZ400-0209-2
C470EZ400-0210-2
C470EZ400-0211-2
C470EZ400-0212-2
C470EZ400-0205-2
C470EZ400-0206-2
C470EZ400-0207-2
C470EZ400-0208-2
C470EZ400-0201-2
C470EZ400-0202-2
C470EZ400-0203-2
C470EZ400-0204-2
105mW
90mW
75mW
Dominant Wavelength
467.5nm
470nm
472.5nm
465nm
475nm
C527EZ400-S2500-2
C527EZ400-0207-2
C527EZ400-0208-2
C527EZ400-0209-2
C527EZ400-0204-2
C527EZ400-0205-2
C527EZ400-0206-2
C527EZ400-0201-2
C527EZ400-0202-2
C527EZ400-0203-2
50mW
40mW
25mW
Dominant Wavelength
525nm
530nm
535nm
520nm


Similar Part No. - C527EZ400-0201-2

ManufacturerPart #DatasheetDescription
logo
Cree, Inc
C527EZ400-0201-2 CREE-C527EZ400-0201-2 Datasheet
294Kb / 5P
   EZBright Power Chip LED Rf Performance Lambertian Radiation
More results

Similar Description - C527EZ400-0201-2

ManufacturerPart #DatasheetDescription
logo
Cree, Inc
C450EZ400-S09000-2 CREE-C450EZ400-S09000-2_16 Datasheet
230Kb / 5P
   Cree EZ400-n Gen 2 LED
logo
Marktech Corporate
C450EZ500-0213-2 MARKTECH-C450EZ500-0213-2 Datasheet
290Kb / 5P
   Cree EZ500 Gen II LED
C450EZ700-0313-2 MARKTECH-C450EZ700-0313-2 Datasheet
275Kb / 5P
   Cree EZ700 Gen II LED
C450EZ600-0209-2 MARKTECH-C450EZ600-0209-2 Datasheet
290Kb / 5P
   Cree EZ600 Gen II LED
C460EZ290-0213-2 MARKTECH-C460EZ290-0213-2 Datasheet
411Kb / 5P
   Cree EZ290 Gen II LEDs
C450EZ1400-0217-2 MARKTECH-C450EZ1400-0217-2 Datasheet
309Kb / 5P
   Cree EZ1400 Gen II LEDs
C450EZ900-0317-2 MARKTECH-C450EZ900-0317-2 Datasheet
397Kb / 6P
   Cree EZ900 Gen II LEDs
C450EZ1000-0221-2 MARKTECH-C450EZ1000-0221-2 Datasheet
456Kb / 5P
   Cree EZ1000 Gen II LEDs
EZ700 MARKTECH-EZ700_15 Datasheet
275Kb / 5P
   Gen II LED
EZ600 MARKTECH-EZ600_15 Datasheet
290Kb / 5P
   Gen II LED
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com