Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AD9221AR Datasheet(PDF) 8 Page - Analog Devices

Part # AD9221AR
Description  Complete 12-Bit 1.5/3.0/10.0 MSPS Monolithic A/D Converters
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9221AR Datasheet(HTML) 8 Page - Analog Devices

Back Button AD9221AR Datasheet HTML 4Page - Analog Devices AD9221AR Datasheet HTML 5Page - Analog Devices AD9221AR Datasheet HTML 6Page - Analog Devices AD9221AR Datasheet HTML 7Page - Analog Devices AD9221AR Datasheet HTML 8Page - Analog Devices AD9221AR Datasheet HTML 9Page - Analog Devices AD9221AR Datasheet HTML 10Page - Analog Devices AD9221AR Datasheet HTML 11Page - Analog Devices AD9221AR Datasheet HTML 12Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 32 page
background image
REV. E
–8–
AD9221/AD9223/AD9220
AD9220–Typical Performance Characteristics (AVDD = 5 V, DVDD = 5 V, f
SAMPLE = 10 MSPS, TA = 25 C)
CODE
1.0
0.4
–0.6
1
4095
0.8
0.6
0.0
–0.4
0.2
–0.2
–0.8
–1.0
TPC 19. Typical DNL
FREQUENCY – MHz
80
75
40
70
65
45
60
55
50
0.1
1.0
10.0
–0.5dB
–6dB
–20dB
TPC 22. SINAD vs. Input Frequency
(Input Span = 2.0 V p-p, VCM = 2.5 V)
FREQUENCY – MHz
–50
–55
–90
0.1
1.0
10.0
–60
–65
–85
–70
–75
–80
–6.0dB
–0.5dB
–20.0dB
TPC 25. THD vs. Input Frequency
(Input Span = 5.0 V p-p, VCM = 2.5 V)
CODE
1.0
0.4
–1.0
1
4095
0.8
0.6
0.0
–0.8
0.2
–0.6
–0.2
–0.4
TPC 20. Typical INL
FREQUENCY – MHz
–50
–55
–100
0.5
1.0
10.0
–60
–65
–85
–70
–75
–80
–90
–95
–20dB
–6dB
–0.5dB
TPC 23. THD vs. Input Frequency
(Input Span = 2.0 V p-p, VCM = 2.5 V)
SAMPLE RATE – MSPS
–60
–65
–100
110
–70
–75
–95
–80
–85
–90
5V p-p
2V p-p
15
TPC 26. THD vs. Clock Frequency
(AIN = –0.5 dB, fIN = 1.0 MHz,
VCM = 2.5 V)
CODE
134,613
8,123,672
130,323
N–1
N
N+1
TPC 21. “Grounded-Input”
Histogram (Input Span = 2 V p-p)
FREQUENCY – MHz
80
75
40
0.1
1.0
10.0
70
65
45
60
55
50
–6.0dB
–0.5dB
–20.0dB
TPC 24. SINAD vs. Input Frequency
(Input Span = 5.0 V p-p, VCM = 2.5 V)
AIN – dBFS
90
80
20
–60
–40
0
–20
60
50
30
40
70
10
–50
–30
–10
SFDR
SNR
TPC 27. SNR/SFDR vs. AIN (Input
Amplitude) (fIN = 5.0 MHz, Input
Span = 2 V p-p, VCM = 2.5 V)


Similar Part No. - AD9221AR

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD9221AR AD-AD9221AR Datasheet
470Kb / 32P
   Complete 12-Bit 1.5/3.0/10.0 MSPS Monolithic A/D Converters
REV. E
AD9221AR AD-AD9221AR Datasheet
518Kb / 32P
   Complete 12-Bit 1.5/3.0/10.0 MSPS Monolithic A/D Converters
REV. E
AD9221AR AD-AD9221AR Datasheet
518Kb / 32P
   Complete 12-Bit 1.5/3.0/10.0 MSPS Monolithic A/D Converters
REV. E
AD9221AR AD-AD9221AR Datasheet
412Kb / 32P
   Complete 12-Bit 1.5/3.0/10.0 MSPS ithic A/D Converters
Rev. E
AD9221AR AD-AD9221AR Datasheet
412Kb / 32P
   Complete 12-Bit 1.5/3.0/10.0 MSPS olithic A/D Converters
Rev. E
More results

Similar Description - AD9221AR

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD9221ARSZ AD-AD9221ARSZ Datasheet
518Kb / 32P
   Complete 12-Bit 1.5/3.0/10.0 MSPS Monolithic A/D Converters
REV. E
AD9200ARSZ AD-AD9200ARSZ Datasheet
518Kb / 32P
   Complete 12-Bit 1.5/3.0/10.0 MSPS Monolithic A/D Converters
REV. E
AD9220 AD-AD9220_15 Datasheet
518Kb / 32P
   Complete 12-Bit 1.5/3.0/10.0 MSPS Monolithic A/D Converters
REV. E
AD9221 AD-AD9221_15 Datasheet
518Kb / 32P
   Complete 12-Bit 1.5/3.0/10.0 MSPS Monolithic A/D Converters
REV. E
AD9223 AD-AD9223_15 Datasheet
518Kb / 32P
   Complete 12-Bit 1.5/3.0/10.0 MSPS Monolithic A/D Converters
REV. E
AD9221 AD-AD9221 Datasheet
470Kb / 32P
   Complete 12-Bit 1.5/3.0/10.0 MSPS Monolithic A/D Converters
REV. E
AD9221ARZ-REEL AD-AD9221ARZ-REEL Datasheet
518Kb / 32P
   Complete 12-Bit 1.5/3.0/10.0 MSPS Monolithic A/D Converters
REV. E
AD9220ARZ AD-AD9220ARZ Datasheet
412Kb / 32P
   Complete 12-Bit 1.5/3.0/10.0 MSPS ithic A/D Converters
Rev. E
AD9220ARSZ AD-AD9220ARSZ Datasheet
412Kb / 32P
   Complete 12-Bit 1.5/3.0/10.0 MSPS olithic A/D Converters
Rev. E
AD9243 AD-AD9243_15 Datasheet
403Kb / 24P
   Complete 14-Bit, 3.0 MSPS Monolithic A/D Converter
REV. A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com