Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AD9361 Datasheet(PDF) 11 Page - Analog Devices

Part # AD9361
Description  RF Agile Transceiver
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9361 Datasheet(HTML) 11 Page - Analog Devices

Back Button AD9361 Datasheet HTML 7Page - Analog Devices AD9361 Datasheet HTML 8Page - Analog Devices AD9361 Datasheet HTML 9Page - Analog Devices AD9361 Datasheet HTML 10Page - Analog Devices AD9361 Datasheet HTML 11Page - Analog Devices AD9361 Datasheet HTML 12Page - Analog Devices AD9361 Datasheet HTML 13Page - Analog Devices AD9361 Datasheet HTML 14Page - Analog Devices AD9361 Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 36 page
background image
Data Sheet
AD9361
Rev. D | Page 11 of 36
Table 6. TDD Mode, 2.4 GHz
Parameter
Min
Typ
Max
Unit
Test Conditions/Comments
1RX
5 MHz Bandwidth
175
mA
Continuous RX
10 MHz Bandwidth
200
mA
Continuous RX
20 MHz Bandwidth
240
mA
Continuous RX
2RX
5 MHz Bandwidth
260
mA
Continuous RX
10 MHz Bandwidth
305
mA
Continuous RX
20 MHz Bandwidth
390
mA
Continuous RX
1TX
5 MHz Bandwidth
7 dBm
350
mA
Continuous TX
−27 dBm
160
mA
Continuous TX
10 MHz Bandwidth
7 dBm
380
mA
Continuous TX
−27 dBm
220
mA
Continuous TX
20 MHz Bandwidth
7 dBm
410
mA
Continuous TX
−27 dBm
260
mA
Continuous TX
2TX
5 MHz Bandwidth
7 dBm
580
mA
Continuous TX
−27 dBm
280
mA
Continuous TX
10 MHz Bandwidth
7 dBm
635
mA
Continuous TX
−27 dBm
330
mA
Continuous TX
20 MHz Bandwidth
7 dBm
690
mA
Continuous TX
−27 dBm
390
mA
Continuous TX
Table 7. TDD Mode, 5.5 GHz
Parameter
Min
Typ
Max
Unit
Test Conditions/Comments
1RX
5 MHz Bandwidth
175
mA
Continuous RX
40 MHz Bandwidth
275
mA
Continuous RX
2RX
5 MHz Bandwidth
270
mA
Continuous RX
40 MHz Bandwidth
445
mA
Continuous RX
1TX
5 MHz Bandwidth
7 dBm
400
mA
Continuous TX
−27 dBm
240
mA
Continuous TX
40 MHz Bandwidth
7 dBm
490
mA
Continuous TX
−27 dBm
385
mA
Continuous TX
2TX
5 MHz Bandwidth
7 dBm
650
mA
Continuous TX
−27 dBm
335
mA
Continuous TX
40 MHz Bandwidth
7 dBm
820
mA
Continuous TX
−27 dBm
500
mA
Continuous TX


Similar Part No. - AD9361

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD9361 AD-AD9361 Datasheet
596Kb / 36P
   RF Agile Transceiver
REV. D
AD9361 AD-AD9361 Datasheet
337Kb / 2P
   AD-FMCOMMS2-EBZ
AD9361 AD-AD9361 Datasheet
639Kb / 36P
   RF Agile Transceiver
Rev. F
AD9361BBCZ AD-AD9361BBCZ Datasheet
83Kb / 2P
   RF Agile Transceiver
Rev. SpC
AD9361BBCZ AD-AD9361BBCZ Datasheet
596Kb / 36P
   RF Agile Transceiver
REV. D
More results

Similar Description - AD9361

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD9361 AD-AD9361 Datasheet
639Kb / 36P
   RF Agile Transceiver
Rev. F
AD9361BBCZ-REEL AD-AD9361BBCZ-REEL Datasheet
596Kb / 36P
   RF Agile Transceiver
REV. D
AD9361BBCZ AD-AD9361BBCZ Datasheet
83Kb / 2P
   RF Agile Transceiver
Rev. SpC
AD9361S-CSL AD-AD9361S-CSL Datasheet
640Kb / 33P
   RF Agile Transceiver
logo
AMI SEMICONDUCTOR
AMIS-53000 AMI-AMIS-53000 Datasheet
3Mb / 99P
   Frequency Agile Transceiver
AMIS-53050 AMI-AMIS-53050 Datasheet
3Mb / 107P
   Frequency Agile Transceiver
logo
List of Unclassifed Man...
SMARTALPHA-433 ETC2-SMARTALPHA-433 Datasheet
4Mb / 14P
   RF Transceiver
logo
Texas Instruments
CC400 TI1-CC400 Datasheet
566Kb / 2P
[Old version datasheet]   RF Transceiver
logo
Pico Technology Ltd.
AS108 PICO-AS108 Datasheet
1Mb / 10P
   8 GHz Agile Synthesizer
logo
Analog Devices
AD6411 AD-AD6411 Datasheet
112Kb / 11P
   DECT RF Transceiver
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com