Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

C450TR2227-0211 Datasheet(PDF) 2 Page - Marktech Corporate

Part # C450TR2227-0211
Description  Cree TR2227 LEDs
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MARKTECH [Marktech Corporate]
Direct Link  http://www.marktechopto.com
Logo MARKTECH - Marktech Corporate

C450TR2227-0211 Datasheet(HTML) 2 Page - Marktech Corporate

  C450TR2227-0211 Datasheet HTML 1Page - Marktech Corporate C450TR2227-0211 Datasheet HTML 2Page - Marktech Corporate C450TR2227-0211 Datasheet HTML 3Page - Marktech Corporate C450TR2227-0211 Datasheet HTML 4Page - Marktech Corporate C450TR2227-0211 Datasheet HTML 5Page - Marktech Corporate  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
Copyright©2010Cree,Inc.Allrightsreserved.Theinformationinthisdocumentissubjecttochangewithoutnotice.Creeandthe
Creelogoareregisteredtrademarks,andTRandTR2227aretrademarksofCree,Inc.
2
CPR3EF Rev A
Cree,Inc.
4600SiliconDrive
Durham,NC27703
USATel:+1.919.313.5300
www.cree.com
Maximum Ratings at T
A = 25°C
Notes 1&3
CxxxTR2227-Sxx00
DCForwardCurrent
30mA
PeakForwardCurrent(1/10dutycycle@1kHz)
70mA
LEDJunctionTemperature
125°C
ReverseVoltage
5V
OperatingTemperatureRange
-40°Cto+100°C
StorageTemperatureRange
-40°Cto+100°C
ElectrostaticDischargeThreshold(HBM)Note2
1000V
ElectrostaticDischargeClassification(MIL-STD-883E)Note2
Class2
Typical Electrical/Optical Characteristics at T
A = 25°C, If = 20 mA
Note 3
Part Number
Forward Voltage (V
f, V)
Reverse Current
[I(Vr=5V), μA]
Full Width Half Max
(
λ
D, nm)
Min.
Typ.
Max.
Max.
Typ.
C450TR2227-Sxx00
2.7
3.3
3.7
2
20
C460TR2227-Sxx00
2.7
3.3
3.7
2
21
C527TR2227-Sxx00
2.9
3.4
3.9
2
34
Mechanical Specifications
CxxxTR2227-Sxx00
Description
Dimension
Tolerance
P-NJunctionArea(μm)
190x230
±35
ChipArea(μm)
220x270
±35
ChipThickness(μm)
50
±15
AuBondPadDiameterAnode(μm)
80
-5,+15
AuBondPadThicknesses(μm)
1.0
±0.5
AuBondPadAreaCathode(μm)
80x80
-5,+15
BottomArea(μm)
190x240
±35
Notes:
1. Maximum ratings are package-dependent. The above ratings were determined using a T-1 3/4 package (with Hysol OS4000
epoxy)forcharacterization.Ratingsforotherpackagesmaydiffer.Theforwardcurrents(DCandPeak)arenotlimitedbythedie
butbytheeffectoftheLEDjunctiontemperatureonthepackage.Thejunctiontemperaturelimitof125°CisalimitoftheT-1
3/4package;junctiontemperatureshouldbecharacterizedinaspecificpackagetodeterminelimitations.Assemblyprocessing
temperaturemustnotexceed325°C(<5seconds).
2. Productresistancetoelectrostaticdischarge(ESD)accordingtotheHBMismeasuredbysimulatingESDusingarapidavalanche
energytest(RAET).TheRAETproceduresaredesignedtoapproximatethemaximumESDratingsshown.TheRAETprocedureis
performedoneachdie.TheESDclassificationofClass2isbasedonsampletestingaccordingtoMIL-STD-883E.
3. Allproductsconformtothelistedminimumandmaximumspecificationsforelectricalandopticalcharacteristicswhenassembled
andoperatedat20mAwithinthemaximumratingsshownabove.Efficiencydecreasesathighercurrents.Typicalvaluesgiven
arewithintherangeofaveragevaluesexpectedbymanufacturerinlargequantitiesandareprovidedforinformationonly.All
measurementsweremadeusinglampsinT-13/4packages(withHysolOS4000epoxy).Opticalcharacteristicsmeasuredinan
integratingsphereusingIlluminanceE.
4. Specificationsaresubjecttochangewithoutnotice.


Similar Part No. - C450TR2227-0211

ManufacturerPart #DatasheetDescription
logo
Cree, Inc
C450TR2227-0211 CREE-C450TR2227-0211 Datasheet
389Kb / 5P
   Rectangular LED Rf Performance Low Forward Voltage - 3.3 V Typical at 20 mA
More results

Similar Description - C450TR2227-0211

ManufacturerPart #DatasheetDescription
logo
Marktech Corporate
C450TR2432-0317 MARKTECH-C450TR2432-0317 Datasheet
350Kb / 6P
   Cree TR2432 LEDs
logo
Cree, Inc
XHP35 CREE-XHP35 Datasheet
2Mb / 37P
   Cree XLamp XHP35 LEDs
C450EZ1350-S56000-X CREE-C450EZ1350-S56000-X Datasheet
373Kb / 5P
   Cree EZ1350-p LEDs
C450EZ1950-S112000-X CREE-C450EZ1950-S112000-X Datasheet
362Kb / 5P
   Cree EZ1950-p LEDs
C450EZ950-S44000-X CREE-C450EZ950-S44000-X Datasheet
373Kb / 6P
   Cree EZ950-p LEDs
logo
Marktech Corporate
C460EZ290-0213-2 MARKTECH-C460EZ290-0213-2 Datasheet
411Kb / 5P
   Cree EZ290 Gen II LEDs
logo
Cree, Inc
XQ-E CREE-XQ-E Datasheet
2Mb / 31P
   Cree XLamp XQ-E LEDs
XM-L2 CREE-XM-L2 Datasheet
1Mb / 14P
   Cree XLamp XM-L2 LEDs
MX3SWT-A1-0000-000E51 CREE-MX3SWT-A1-0000-000E51 Datasheet
988Kb / 10P
   Cree XLamp MX-3S LEDs
logo
Marktech Corporate
C450EZ1400-0217-2 MARKTECH-C450EZ1400-0217-2 Datasheet
309Kb / 5P
   Cree EZ1400 Gen II LEDs
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com