Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

C460EZ700-0315-2 Datasheet(PDF) 1 Page - Marktech Corporate

Part # C460EZ700-0315-2
Description  Cree EZ700 Gen II LED
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MARKTECH [Marktech Corporate]
Direct Link  http://www.marktechopto.com
Logo MARKTECH - Marktech Corporate

C460EZ700-0315-2 Datasheet(HTML) 1 Page - Marktech Corporate

  C460EZ700-0315-2 Datasheet HTML 1Page - Marktech Corporate C460EZ700-0315-2 Datasheet HTML 2Page - Marktech Corporate C460EZ700-0315-2 Datasheet HTML 3Page - Marktech Corporate C460EZ700-0315-2 Datasheet HTML 4Page - Marktech Corporate C460EZ700-0315-2 Datasheet HTML 5Page - Marktech Corporate  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
1
Subject to change without notice.
www.cree.com
FEATURES
• EZBrightPowerChipLEDRfPerformance
− 240mWmin.-450&460nm
− 200mWmin.-470nm
− 90mWmin.-527nm
• LambertianRadiation
• ConductiveEpoxy,SolderPasteorPreforms,
orFluxEutecticAttach
• LowForwardVoltage–3.6VTypicalat350
mA
• SingleWireBondStructure
• DielectricPassivationAcrossEpiSurface
APPLICATIONS
• GeneralIllumination
– Aircraft
– DecorativeLighting
– TaskLighting
– OutdoorIllumination
– ProjectionLighting
• WhiteLEDs
• CrosswalkSignals
• Backlighting
• Automotive
Cree® EZ700™ Gen II LED
Data Sheet
CxxxEZ700-Sxx000-2
Cree’sEZBright™LEDsarethenextgenerationofsolid-stateLEDemittersthatcombinehighlyefficientInGaNmaterials
withCree’sproprietaryopticaldesignanddevicetechnologytodeliversuperiorvalueforhigh-intensityLEDs.The
opticaldesignmaximizeslightextractionefficiencyandenablesaLambertianradiationpattern.Additionally,these
LEDsaredieattachablewithconductiveepoxy,solderpasteorsolderpreforms,inadditiontousingthefluxeutectic
method.Theseverticallystructured,lowforwardvoltageLEDchipsareapproximately170micronsinheight.Cree’s
EZ™chipsaretestedforconformitytoopticalandelectricalspecifications.TheseLEDsareusefulinabroadrangeof
applications,suchasgeneralillumination,automotivelightingandLCDbacklighting.
CxxxEZ700-Sxx000-2 Chip Diagram
Top View
Bottom View
EZBrightLEDChip
680x680µm
t=170µm
Backside
Metallization
GoldBondPad
150x150µm
Die Cross Section
Anode(+);
3µmAuSn
Cathode(-)
DielectricPassivation


Similar Part No. - C460EZ700-0315-2

ManufacturerPart #DatasheetDescription
logo
Cree, Inc
C460EZ700-0315-2 CREE-C460EZ700-0315-2 Datasheet
275Kb / 5P
   EZBright Power Chip LED Rf Performance Low Forward Voltage ??3.6 V Typical at 350
More results

Similar Description - C460EZ700-0315-2

ManufacturerPart #DatasheetDescription
logo
Marktech Corporate
C450EZ400-0213-2 MARKTECH-C450EZ400-0213-2 Datasheet
294Kb / 5P
   Cree EZ400 Gen II LED
C450EZ500-0213-2 MARKTECH-C450EZ500-0213-2 Datasheet
290Kb / 5P
   Cree EZ500 Gen II LED
C450EZ600-0209-2 MARKTECH-C450EZ600-0209-2 Datasheet
290Kb / 5P
   Cree EZ600 Gen II LED
C460EZ290-0213-2 MARKTECH-C460EZ290-0213-2 Datasheet
411Kb / 5P
   Cree EZ290 Gen II LEDs
C450EZ1400-0217-2 MARKTECH-C450EZ1400-0217-2 Datasheet
309Kb / 5P
   Cree EZ1400 Gen II LEDs
C450EZ900-0317-2 MARKTECH-C450EZ900-0317-2 Datasheet
397Kb / 6P
   Cree EZ900 Gen II LEDs
C450EZ1000-0221-2 MARKTECH-C450EZ1000-0221-2 Datasheet
456Kb / 5P
   Cree EZ1000 Gen II LEDs
EZ700 MARKTECH-EZ700_15 Datasheet
275Kb / 5P
   Gen II LED
EZ600 MARKTECH-EZ600_15 Datasheet
290Kb / 5P
   Gen II LED
EZ400 MARKTECH-EZ400_15 Datasheet
294Kb / 5P
   Gen II LED
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com