Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

C450EZ1400-0219-2 Datasheet(PDF) 4 Page - Marktech Corporate

Part # C450EZ1400-0219-2
Description  Cree EZ1400 Gen II LEDs
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MARKTECH [Marktech Corporate]
Direct Link  http://www.marktechopto.com
Logo MARKTECH - Marktech Corporate

C450EZ1400-0219-2 Datasheet(HTML) 4 Page - Marktech Corporate

  C450EZ1400-0219-2 Datasheet HTML 1Page - Marktech Corporate C450EZ1400-0219-2 Datasheet HTML 2Page - Marktech Corporate C450EZ1400-0219-2 Datasheet HTML 3Page - Marktech Corporate C450EZ1400-0219-2 Datasheet HTML 4Page - Marktech Corporate C450EZ1400-0219-2 Datasheet HTML 5Page - Marktech Corporate  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
Copyright © 2010 Cree, Inc. All rights reserved. The information in this document is subject to change without notice. Cree and the
Cree logo are registered trademarks, and EZBright. EZ1400 and EZ are trademarks of Cree, Inc.
4
CPR3EK Rev. -
Cree, Inc.
4600 Silicon Drive
Durham, NC 27703
USA Tel: +1.919.313.5300
Fax: +1.919.313.5778
www.cree.com
Characteristic Curves, T
A = 25°C
This is a representative measurement for the EZ1400 LED product. Actual curves will vary slightly for the various radiant
flux and dominant wavelength bins.
0%
25%
50%
75%
100%
125%
150%
0
250
500
750
1000
1250
1500
If (mA)
Relative Intensity vs. Forward Current
-1
-0.5
0
0.5
1
1.5
2
2.5
3
0
250
500
750
1000
1250
1500
If (mA)
Wavelength Shift vs. Forward Current
0%
25%
50%
75%
100%
125%
150%
0
250
500
750
1000
1250
1500
If (mA)
Relative Intensity vs. Forward Current
-1
-0.5
0
0.5
1
1.5
2
2.5
3
0
250
500
750
1000
1250
1500
If (mA)
Wavelength Shift vs. Forward Current
0
1
2
3
4
5
6
25
50
75
100
125
150
Junction Temperature (°C)
Dominant Wavelength Shift vs. Junction Temperature
0.60
0.65
0.70
0.75
0.80
0.85
0.90
0.95
1.00
25
50
75
100
125
150
Junction Temperature (°C)
Relative Light Intensity vs. Junction Temperature
0
1
2
3
4
5
6
25
50
75
100
125
150
Junction Temperature (°C)
Dominant Wavelength Shift vs. Junction Temperature
0.60
0.65
0.70
0.75
0.80
0.85
0.90
0.95
1.00
25
50
75
100
125
150
Junction Temperature (°C)
Relative Light Intensity vs. Junction Temperature
-0.350
-0.300
-0.250
-0.200
-0.150
-0.100
-0.050
0.000
25
50
75
100
125
150
Junction Temperature (°C)
Voltage Shift vs. Junction Temperature
0
250
500
750
1000
1250
1500
0
1
2
3
4
5
Vf (V)
Forward Current vs. Forward Voltage


Similar Part No. - C450EZ1400-0219-2

ManufacturerPart #DatasheetDescription
logo
Cree, Inc
C450EZ1400-0219-2 CREE-C450EZ1400-0219-2 Datasheet
309Kb / 5P
   EZBright LED Technology Conductive Epoxy, Solder Paste or Preforms, or Flux
More results

Similar Description - C450EZ1400-0219-2

ManufacturerPart #DatasheetDescription
logo
Marktech Corporate
C460EZ290-0213-2 MARKTECH-C460EZ290-0213-2 Datasheet
411Kb / 5P
   Cree EZ290 Gen II LEDs
C450EZ900-0317-2 MARKTECH-C450EZ900-0317-2 Datasheet
397Kb / 6P
   Cree EZ900 Gen II LEDs
C450EZ1000-0221-2 MARKTECH-C450EZ1000-0221-2 Datasheet
456Kb / 5P
   Cree EZ1000 Gen II LEDs
C450EZ400-0213-2 MARKTECH-C450EZ400-0213-2 Datasheet
294Kb / 5P
   Cree EZ400 Gen II LED
C450EZ500-0213-2 MARKTECH-C450EZ500-0213-2 Datasheet
290Kb / 5P
   Cree EZ500 Gen II LED
C450EZ700-0313-2 MARKTECH-C450EZ700-0313-2 Datasheet
275Kb / 5P
   Cree EZ700 Gen II LED
C450EZ600-0209-2 MARKTECH-C450EZ600-0209-2 Datasheet
290Kb / 5P
   Cree EZ600 Gen II LED
C450UT190-0317-31 MARKTECH-C450UT190-0317-31 Datasheet
304Kb / 6P
   Cree UltraThin Gen III LEDs
logo
Cree, Inc
C450EZ1000-S38000-2 CREE-C450EZ1000-S38000-2_16 Datasheet
366Kb / 5P
   Cree EZ1000 Gen 2 LEDs
logo
Magnetrol International...
UT190-50 MAGNETROL-UT190-50 Datasheet
304Kb / 6P
   Cree UltraThin??Gen III LEDs
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com