Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

C450DA1000-0324 Datasheet(PDF) 3 Page - Marktech Corporate

Part # C450DA1000-0324
Description  Direct Attach DA1000 LEDs
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MARKTECH [Marktech Corporate]
Direct Link  http://www.marktechopto.com
Logo MARKTECH - Marktech Corporate

C450DA1000-0324 Datasheet(HTML) 3 Page - Marktech Corporate

  C450DA1000-0324 Datasheet HTML 1Page - Marktech Corporate C450DA1000-0324 Datasheet HTML 2Page - Marktech Corporate C450DA1000-0324 Datasheet HTML 3Page - Marktech Corporate C450DA1000-0324 Datasheet HTML 4Page - Marktech Corporate C450DA1000-0324 Datasheet HTML 5Page - Marktech Corporate  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
Copyright © 2010 Cree, Inc. All rights reserved. The information in this document is subject to change without notice. Cree and the
Cree logo are registered trademarks, and DA and DA1000 are trademarks of Cree, Inc.
3
CPR3ES Rev A
Cree, Inc.
4600 Silicon Drive
Durham, NC 27703
USA Tel: +1.919.313.5300
www.cree.com
Standard Bins for CxxxDA1000-Sxx000
LED chips are sorted to the radiant flux and dominant wavelength bins shown. A sorted die sheet contains die
fromonlyonebin.Sorteddiekit(CxxxDA1000-Sxxxxx)ordersmaybefilledwithanyorallbins(CxxxDA1000-xxxxx)
containedinthekit.AllradiantfluxanddominantwavelengthvaluesshownandspecifiedareatIf=350mA.
Note:Theradiant-fluxvaluesabovearerepresentativeofthedieinaT-1¾encapsulated5-mmlamp.
Dominant Wavelength (nm)
C450DA1000-S48500
C450DA1000-0325
C450DA1000-0326
C450DA1000-0327
C450DA1000-0328
C450DA1000-0321
C450DA1000-0322
C450DA1000-0323
C450DA1000-0324
C450DA1000-0317
C450DA1000-0318
C450DA1000-0319
C450DA1000-0320
C450DA1000-0313
C450DA1000-0314
C450DA1000-0315
C450DA1000-0316
C450DA1000-0309
C450DA1000-0310
C450DA1000-0311
C450DA1000-0312
447.5
450
452.5
445
455
625
585
550
515
485
C460DA1000-S48500
C460DA1000-0325
C460DA1000-0326
C460DA1000-0327
C460DA1000-0328
C460DA1000-0321
C460DA1000-0322
C460DA1000-0323
C460DA1000-0324
C460DA1000-0317
C460DA1000-0318
C460DA1000-0319
C460DA1000-0320
C460DA1000-0313
C460DA1000-0314
C460DA1000-0315
C460DA1000-0316
C460DA1000-0309
C460DA1000-0310
C460DA1000-0311
C460DA1000-0312
Dominant Wavelength (nm)
457.5
460
462.5
455
465
625
585
550
515
485


Similar Part No. - C450DA1000-0324

ManufacturerPart #DatasheetDescription
logo
Cree, Inc
C450DA1000-0324 CREE-C450DA1000-0324 Datasheet
462Kb / 5P
   Direct Attach LED Technology Rectangular LED RF Performance
More results

Similar Description - C450DA1000-0324

ManufacturerPart #DatasheetDescription
logo
Marktech Corporate
DA1000 MARKTECH-DA1000_15 Datasheet
462Kb / 5P
   Direct Attach DA1000 LEDs
logo
Cree, Inc
C450DA1000-S48500-2-G CREE-C450DA1000-S48500-2-G Datasheet
420Kb / 6P
   Cree Direct Attach DA1000 LEDs
logo
Marktech Corporate
DA700 MARKTECH-DA700_15 Datasheet
418Kb / 5P
   Direct Attach DA700 LEDs
C450DA700-0217 MARKTECH-C450DA700-0217 Datasheet
418Kb / 5P
   Direct Attach DA700 LEDs
C450DA3547-0313 MARKTECH-C450DA3547-0313 Datasheet
403Kb / 5P
   Direct Attach DA3547 LEDs
logo
Cree, Inc
C450DA2432-S3300-2 CREE-C450DA2432-S3300-2 Datasheet
371Kb / 5P
   Cree Direct Attach DA2432 LEDs
logo
TE Connectivity Ltd
C-2333842 TEC-C-2333842 Datasheet
232Kb / 2P
   CABLE ASSEMBLY,DIRECT ATTACH QSFP 26AWG,25GIG
C-2333393 TEC-C-2333393 Datasheet
372Kb / 2P
   CABLE ASSEMBLY,DIRECT ATTACH QSFP 25GIG, 30AWG
C-2336313 TEC-C-2336313 Datasheet
415Kb / 2P
   CABLE ASSEMBLY,DIRECT ATTACH QSFP 25GIG ,32 AWG
logo
Cree, Inc
C450DA700-S43000 CREE-C450DA700-S43000 Datasheet
418Kb / 5P
   Direct Attach LED Technology Rectangular LED RF Performance
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com