Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LQM21NN2R7K10J Datasheet(PDF) 2 Page - Murata Manufacturing Co., Ltd.

Part # LQM21NN2R7K10J
Description  Chip Inductor (Chip Coil) for General Use Multilayer Type
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA [Murata Manufacturing Co., Ltd.]
Direct Link  http://www.murata.com
Logo MURATA - Murata Manufacturing Co., Ltd.

LQM21NN2R7K10J Datasheet(HTML) 2 Page - Murata Manufacturing Co., Ltd.

  LQM21NN2R7K10J Datasheet HTML 1Page - Murata Manufacturing Co., Ltd. LQM21NN2R7K10J Datasheet HTML 2Page - Murata Manufacturing Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
2
Data Sheet
!Note:
1. This datasheet is downloaded from the website of Murata Manufacturing co., ltd. Therefore, it’s specifications are subject to change or our products in it
may be discontinued without advance notice. Please check with our sales representatives or product engineers before ordering.
2. This datasheet has only typical specifications because there is no space for detailed specifications. Therefore, please approve our product
specifications or transact the approval sheet for product specifications before ordering.
http://www.murata.com/
2
Inductors (Coils) > Chip Inductor (Chip Coil) > for General Use Multilayer Type
2012.11.8
oThis data sheet is applied for CHIP INDUCTORS (CHIP COILS) used for General Electronics equipment for your design.
Continued from the preceding page.
c Q-Frequency Characteristics (Typ.)
Frequency (MHz)
100
0
80
60
20
40
1
10
100
1000
4.7μH
1.0μH
1.8μH
0.1μH
0.22μH
0.18μH
c Inductance-Current Characteristics (Typ.)
10
100
1
0.1
0.01
1
10
100
1000
Current (mA)
1.0μH
1.8μH
4.7μH
0.22μH
0.10μH
0.82μH
c !Caution/Notice
!Caution (Rating)
Do not use products beyond the rated current as
this may create excessive heat.
Notice
Solderability of Tin plating termination chip might be
deteriorated when low temperature soldering profile
where peak solder temperature is below the Tin melting
point is used. Please confirm the solderability of Tin
plating termination chip before use.


Similar Part No. - LQM21NN2R7K10J

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
LQM21NN2R7K10J MURATA-LQM21NN2R7K10J Datasheet
64Kb / 2P
   Chip Inductor (Chip Coil) for General Use Multilayer Type
More results

Similar Description - LQM21NN2R7K10J

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
LQM21NN3R3K10L MURATA-LQM21NN3R3K10L Datasheet
64Kb / 2P
   Chip Inductor (Chip Coil) for General Use Multilayer Type
L0075S0092LQM21N MURATA-L0075S0092LQM21N Datasheet
64Kb / 2P
   Chip Inductor (Chip Coil) for General Use Multilayer Type
LQH32MN680J23L MURATA-LQH32MN680J23L Datasheet
81Kb / 3P
   Chip Inductor (Chip Coil) for General Use Wire Wound Type
LQH32MN330K23L MURATA-LQH32MN330K23L Datasheet
81Kb / 3P
   Chip Inductor (Chip Coil) for General Use Wire Wound Type
LQH32MN680J23L MURATA-LQH32MN680J23L Datasheet
81Kb / 3P
   Chip Inductor (Chip Coil) for General Use Wire Wound Type
LQH31MNR15K03D MURATA-LQH31MNR15K03D Datasheet
67Kb / 3P
   Chip Inductor (Chip Coil) for General Use Wire Wound Type LQH31M Series
LQM21FN100N00L MURATA-LQM21FN100N00L Datasheet
59Kb / 2P
   Chip Inductor (Chip Coil) Power Inductor (Multilayer Type for Choke)
LQM21FN1R0N00D MURATA-LQM21FN1R0N00D Datasheet
59Kb / 2P
   Chip Inductor (Chip Coil) Power Inductor (Multilayer Type for Choke)
LQM18FN100M00D MURATA-LQM18FN100M00D Datasheet
42Kb / 1P
   Chip Inductor (Chip Coil) Power Inductor (Multilayer Type for Choke)
LQM18FN1R0M00D MURATA-LQM18FN1R0M00D Datasheet
42Kb / 1P
   Chip Inductor (Chip Coil) Power Inductor (Multilayer Type for Choke)
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com