Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

C450DA700-0209 Datasheet(PDF) 3 Page - Marktech Corporate

Part # C450DA700-0209
Description  Direct Attach DA700 LEDs
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MARKTECH [Marktech Corporate]
Direct Link  http://www.marktechopto.com
Logo MARKTECH - Marktech Corporate

C450DA700-0209 Datasheet(HTML) 3 Page - Marktech Corporate

  C450DA700-0209 Datasheet HTML 1Page - Marktech Corporate C450DA700-0209 Datasheet HTML 2Page - Marktech Corporate C450DA700-0209 Datasheet HTML 3Page - Marktech Corporate C450DA700-0209 Datasheet HTML 4Page - Marktech Corporate C450DA700-0209 Datasheet HTML 5Page - Marktech Corporate  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
Copyright©2011Cree,Inc.Allrightsreserved.Theinformationinthisdocumentissubjecttochangewithoutnotice.Creeandthe
Creelogoareregisteredtrademarks,andDAandDA700aretrademarksofCree,Inc.
3
CPR3EU Rev. -
Cree,Inc.
4600SiliconDrive
Durham,NC27703
USATel:+1.919.313.5300
www.cree.com
Standard Bins for CxxxDA700-Sxx000
LEDchipsaresortedtotheradiant fluxanddominant wavelengthbinsshown.Asorteddiesheetcontainsdiefrom
onlyonebin.Sorteddiekit(CxxxDA700-Sxxxxx)ordersmaybefilledwithanyorallbins(CxxxDA700-xxxxx)contained
inthekit.AllradiantfluxanddominantwavelengthvaluesshownandspecifiedareatIf=350mA.
Note:Theradiant-fluxvaluesabovearerepresentativeofthedieinaT-1¾encapsulated5-mmlamp.
C450DA700-S43000
C450DA700-0217
C450DA700-0218
C450DA700-0219
C450DA700-0220
C450DA700-0213
C450DA700-0214
C450DA700-0215
C450DA700-0216
C450DA700-0209
C450DA700-0210
C450DA700-0211
C450DA700-0212
C450DA700-0205
C450DA700-0206
C450DA700-0207
C450DA700-0208
Dominant Wavelength (nm)
447.5
450
452.5
445
455
515
485
455
430
C460DA700-S43000
C460DA700-0217
C460DA700-0218
C460DA700-0219
C460DA700-0220
C460DA700-0213
C460DA700-0214
C460DA700-0215
C460DA700-0216
C460DA700-0209
C460DA700-0210
C460DA700-0211
C460DA700-0212
C460DA700-0205
C460DA700-0206
C460DA700-0207
C460DA700-0208
Dominant Wavelength (nm)
457.5
460
462.5
455
465
515
485
455
430


Similar Part No. - C450DA700-0209

ManufacturerPart #DatasheetDescription
logo
Cree, Inc
C450DA700-0209 CREE-C450DA700-0209 Datasheet
418Kb / 5P
   Direct Attach LED Technology Rectangular LED RF Performance
More results

Similar Description - C450DA700-0209

ManufacturerPart #DatasheetDescription
logo
Marktech Corporate
DA700 MARKTECH-DA700_15 Datasheet
418Kb / 5P
   Direct Attach DA700 LEDs
C450DA1000-0325 MARKTECH-C450DA1000-0325 Datasheet
462Kb / 5P
   Direct Attach DA1000 LEDs
DA1000 MARKTECH-DA1000_15 Datasheet
462Kb / 5P
   Direct Attach DA1000 LEDs
C450DA3547-0313 MARKTECH-C450DA3547-0313 Datasheet
403Kb / 5P
   Direct Attach DA3547 LEDs
logo
Cree, Inc
C450DA1000-S48500-2-G CREE-C450DA1000-S48500-2-G Datasheet
420Kb / 6P
   Cree Direct Attach DA1000 LEDs
C450DA2432-S3300-2 CREE-C450DA2432-S3300-2 Datasheet
371Kb / 5P
   Cree Direct Attach DA2432 LEDs
logo
TE Connectivity Ltd
C-2333842 TEC-C-2333842 Datasheet
232Kb / 2P
   CABLE ASSEMBLY,DIRECT ATTACH QSFP 26AWG,25GIG
C-2333393 TEC-C-2333393 Datasheet
372Kb / 2P
   CABLE ASSEMBLY,DIRECT ATTACH QSFP 25GIG, 30AWG
C-2336313 TEC-C-2336313 Datasheet
415Kb / 2P
   CABLE ASSEMBLY,DIRECT ATTACH QSFP 25GIG ,32 AWG
logo
Cree, Inc
C450DA700-S43000 CREE-C450DA700-S43000 Datasheet
418Kb / 5P
   Direct Attach LED Technology Rectangular LED RF Performance
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com