Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

C450DA3547-0310 Datasheet(PDF) 5 Page - Marktech Corporate

Part # C450DA3547-0310
Description  Direct Attach DA3547 LEDs
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MARKTECH [Marktech Corporate]
Direct Link  http://www.marktechopto.com
Logo MARKTECH - Marktech Corporate

C450DA3547-0310 Datasheet(HTML) 5 Page - Marktech Corporate

  C450DA3547-0310 Datasheet HTML 1Page - Marktech Corporate C450DA3547-0310 Datasheet HTML 2Page - Marktech Corporate C450DA3547-0310 Datasheet HTML 3Page - Marktech Corporate C450DA3547-0310 Datasheet HTML 4Page - Marktech Corporate C450DA3547-0310 Datasheet HTML 5Page - Marktech Corporate  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
Copyright©2010Cree,Inc.Allrightsreserved.Theinformationinthisdocumentissubjecttochangewithoutnotice.Creeandthe
Creelogoareregisteredtrademarks,andDAandDA3547aretrademarksofCree,Inc.
5
CPR3EL Rev. A
Cree,Inc.
4600SiliconDrive
Durham,NC27703
USATel:+1.919.313.5300
www.cree.com
Radiation Pattern
ThisisarepresentativeradiationpatternfortheDALEDproduct.Actualpatternswillvaryslightlyforeachchip.


Similar Part No. - C450DA3547-0310

ManufacturerPart #DatasheetDescription
logo
Cree, Inc
C450DA3547-0310 CREE-C450DA3547-0310 Datasheet
403Kb / 5P
   Rectangular LED RF Performance High Reliability - Eutectic Attach
More results

Similar Description - C450DA3547-0310

ManufacturerPart #DatasheetDescription
logo
Marktech Corporate
C450DA1000-0325 MARKTECH-C450DA1000-0325 Datasheet
462Kb / 5P
   Direct Attach DA1000 LEDs
DA700 MARKTECH-DA700_15 Datasheet
418Kb / 5P
   Direct Attach DA700 LEDs
C450DA700-0217 MARKTECH-C450DA700-0217 Datasheet
418Kb / 5P
   Direct Attach DA700 LEDs
DA1000 MARKTECH-DA1000_15 Datasheet
462Kb / 5P
   Direct Attach DA1000 LEDs
logo
Cree, Inc
C450DA1000-S48500-2-G CREE-C450DA1000-S48500-2-G Datasheet
420Kb / 6P
   Cree Direct Attach DA1000 LEDs
C450DA2432-S3300-2 CREE-C450DA2432-S3300-2 Datasheet
371Kb / 5P
   Cree Direct Attach DA2432 LEDs
logo
TE Connectivity Ltd
C-2333842 TEC-C-2333842 Datasheet
232Kb / 2P
   CABLE ASSEMBLY,DIRECT ATTACH QSFP 26AWG,25GIG
C-2333393 TEC-C-2333393 Datasheet
372Kb / 2P
   CABLE ASSEMBLY,DIRECT ATTACH QSFP 25GIG, 30AWG
C-2336313 TEC-C-2336313 Datasheet
415Kb / 2P
   CABLE ASSEMBLY,DIRECT ATTACH QSFP 25GIG ,32 AWG
logo
Cree, Inc
C450DA700-S43000 CREE-C450DA700-S43000 Datasheet
418Kb / 5P
   Direct Attach LED Technology Rectangular LED RF Performance
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com