Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LQD18MN15NG02D Datasheet(PDF) 2 Page - Murata Manufacturing Co., Ltd.

Part # LQD18MN15NG02D
Description  Chip Inductor (Chip Coil) for High Frequency Film Type
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA [Murata Manufacturing Co., Ltd.]
Direct Link  http://www.murata.com
Logo MURATA - Murata Manufacturing Co., Ltd.

LQD18MN15NG02D Datasheet(HTML) 2 Page - Murata Manufacturing Co., Ltd.

  LQD18MN15NG02D Datasheet HTML 1Page - Murata Manufacturing Co., Ltd. LQD18MN15NG02D Datasheet HTML 2Page - Murata Manufacturing Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Continued from the preceding page.
http://www.murata.com/
Data Sheet
! Note:
1. This datasheet is downloaded from the website of Murata Manufacturing co., ltd. Therefore, it’s specifications are subject to change or our
products in it may be discontinued without advance notice. Please check with our sales representatives or product engineers before ordering.
2. This datasheet has only typical specifications because there is no space for detailed specifications. Therefore, please approve our product
specifications or transact the approval sheet for product specifications before ordering.
2
o This data sheet is applied for CHIP INDUCTORS (CHIP COILS) used for General Electronics equipment for your design.
2010.9.9
Inductors (Coils) > Chip Inductor (Chip Coil) > for High Frequency Film Type
Part Number
Inductance
Test Frequency
Rated Current
Max. of DC resistance
Q (min.) Test Frequency
Self Resonance Frequency (min.)
LQP18MNR10G02p
100nH
±2%
300MHz
50mA
6.1ohm
17
300MHz
700MHz
100
1000
10000
200
160
120
80
40
0
1.5nH
3.3nH
6.8nH
15nH
33nH
68nH
100nH
Frequency (MHz)
100
1000
10000
Frequency (MHz)
1000
100
10
1
1.5nH
3.3nH
6.8nH
15nH
33nH
68nH
100nH
Operating Temperature Range: -40
°C to +85°C
Only for reflow soldering.
I Q-Frequency Characteristics (Typ.)
I Inductance-Frequency Characteristics (Typ.)
!Caution (Rating)
Do not use products beyond the rated current as
this may create excessive heat.
Notice
Solderability of Tin plating termination chip might be
deteriorated when low temperature soldering profile
where peak solder temperature is below the Tin melting
point is used. Please confirm the solderability of Tin
plating termination chip before use.
I !Caution/Notice


Similar Part No. - LQD18MN15NG02D

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
LQD15MN1N0B02D MURATA-LQD15MN1N0B02D Datasheet
63Kb / 3P
   Chip Inductor (Chip Coil) for High Frequency Film Type LQP15M Series
LQD15MN1N0W02D MURATA-LQD15MN1N0W02D Datasheet
63Kb / 3P
   Chip Inductor (Chip Coil) for High Frequency Film Type LQP15M Series
LQD15MN1N1B02D MURATA-LQD15MN1N1B02D Datasheet
63Kb / 3P
   Chip Inductor (Chip Coil) for High Frequency Film Type LQP15M Series
LQD15MN1N1W02D MURATA-LQD15MN1N1W02D Datasheet
63Kb / 3P
   Chip Inductor (Chip Coil) for High Frequency Film Type LQP15M Series
LQD15MN1N2B02D MURATA-LQD15MN1N2B02D Datasheet
63Kb / 3P
   Chip Inductor (Chip Coil) for High Frequency Film Type LQP15M Series
More results

Similar Description - LQD18MN15NG02D

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
LQP15MN7N5B02D MURATA-LQP15MN7N5B02D Datasheet
63Kb / 3P
   Chip Inductor (Chip Coil) for High Frequency Film Type
LQP03TN3N9B04D MURATA-LQP03TN3N9B04D Datasheet
76Kb / 3P
   Chip Inductor (Chip Coil) for High Frequency Film Type
LQP03TN6N2J02D MURATA-LQP03TN6N2J02D Datasheet
94Kb / 4P
   Chip Inductor (Chip Coil) for High Frequency Film Type
LQP03TN1N0B02D MURATA-LQP03TN1N0B02D Datasheet
94Kb / 4P
   Chip Inductor (Chip Coil) for High Frequency Film Type
LQP15MN1N0B02D MURATA-LQP15MN1N0B02D Datasheet
63Kb / 3P
   Chip Inductor (Chip Coil) for High Frequency Film Type LQP15M Series
LQG15HS1N0S02D MURATA-LQG15HS1N0S02D Datasheet
52Kb / 2P
   Chip Inductor (Chip Coil) for High Frequency Multilayer Type
LQG15HN1N0S02D MURATA-LQG15HN1N0S02D Datasheet
51Kb / 2P
   Chip Inductor (Chip Coil) for High Frequency Multilayer Type
LQG15HS1N1S02D MURATA-LQG15HS1N1S02D Datasheet
52Kb / 2P
   Chip Inductor (Chip Coil) for High Frequency Multilayer Type
LQP15MN3N0B02D MURATA-LQP15MN3N0B02D Datasheet
63Kb / 3P
   Chip Inductor (Chip Coil) for High Frequency Film Type LQP15M Series (0402 Size)
LQH31HNR88K03L MURATA-LQH31HNR88K03L Datasheet
46Kb / 2P
   Chip Inductor (Chip Coil) for High Frequency Vertical Wire Wound Ferrite Type
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com