Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LQH43PN3R3M26L Datasheet(PDF) 2 Page - Murata Manufacturing Co., Ltd.

Part # LQH43PN3R3M26L
Description  Chip Inductor (Chip Coil) Power Inductor (Wire Wound Type)
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA [Murata Manufacturing Co., Ltd.]
Direct Link  http://www.murata.com
Logo MURATA - Murata Manufacturing Co., Ltd.

LQH43PN3R3M26L Datasheet(HTML) 2 Page - Murata Manufacturing Co., Ltd.

  LQH43PN3R3M26L Datasheet HTML 1Page - Murata Manufacturing Co., Ltd. LQH43PN3R3M26L Datasheet HTML 2Page - Murata Manufacturing Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
2
Data Sheet
!Note:
1. This datasheet is downloaded from the website of Murata Manufacturing co., ltd. Therefore, it’s specifications are subject to change or our
products in it may be discontinued without advance notice. Please check with our sales representatives or product engineers before ordering.
2. This datasheet has only typical specifications because there is no space for detailed specifications. Therefore, please approve our product
specifications or transact the approval sheet for product specifications before ordering.
http://www.murata.com/
2
Inductors (Coils) > Chip Inductor (Chip Coil) > Power Inductor (Wire Wound Type)
2011.9.8
oThis data sheet is applied for CHIP INDUCTORS (CHIP COILS) used for General Electronics equipment for your design.
Continued from the preceding page.
c Inductance-Frequency Characteristics (Typ.)
Frequency (MHz)
0.1
1
10
100
1000
10000
0.1
1
10
100
1000
220μH
100μH
47μH
22μH
10μH
4.7μH
1.0μH
2.2μH
c Inductance-Current Characteristics (Typ.)
0.1
1
10
100
1000
10
100
1000
10000
Current (mA)
1.0μH
2.2μH
4.7μH
22μH
100μH
10μH
47μH
220μH
c Temperature Rise Characteristics (Typ.)
0
10
20
30
40
50
Current (mA)
0
800
1600
2400
3200
4000
4.7μH
2.2μH
10μH
22μH
1.0μH
220μH
47μH
100μH
c !Caution/Notice
!Caution (Rating)
Do not use products beyond the rated current as
this may create excessive heat.
Notice
Solderability of Tin plating termination chip might be
deteriorated when low temperature soldering profile
where peak solder temperature is below the Tin melting
point is used. Please confirm the solderability of Tin
plating termination chip before use.


Similar Part No. - LQH43PN3R3M26L

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
LQH43PH100M26 MURATA-LQH43PH100M26 Datasheet
88Kb / 2P
   Inductance
LQH43PH100M26K MURATA-LQH43PH100M26K Datasheet
88Kb / 2P
   Inductance
LQH43PH100M26L MURATA-LQH43PH100M26L Datasheet
88Kb / 2P
   Inductance
LQH43PH101M26 MURATA-LQH43PH101M26 Datasheet
88Kb / 2P
   Inductance
LQH43PH101M26K MURATA-LQH43PH101M26K Datasheet
88Kb / 2P
   Inductance
More results

Similar Description - LQH43PN3R3M26L

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
LQH32PN100MN0L MURATA-LQH32PN100MN0L Datasheet
91Kb / 2P
   Chip Inductor (Chip Coil) Power Inductor (Wire Wound Type)
LQH3NPN4R7MM0L MURATA-LQH3NPN4R7MM0L Datasheet
79Kb / 2P
   Chip Inductor (Chip Coil) Power Inductor (Wire Wound Type)
logo
Murata Power Solutions ...
LQH5BPNR47NT0X MURATA-PS-LQH5BPNR47NT0X Datasheet
67Kb / 2P
   Chip Inductor (Chip Coil) Power Inductor (Wire Wound Type)
logo
Murata Manufacturing Co...
LQH5BPN1R5NT0L MURATA-LQH5BPN1R5NT0L Datasheet
67Kb / 2P
   Chip Inductor (Chip Coil) Power Inductor (Wire Wound Type)
LQH88P MURATA-LQH88P Datasheet
76Kb / 2P
   Chip Inductor (Chip Coil) Power Inductor (Wire Wound Type)
LQH3NP MURATA-LQH3NP Datasheet
94Kb / 2P
   Chip Inductor (Chip Coil) Power Inductor (Wire Wound Type)
LQH32PNR47NN0L MURATA-LQH32PNR47NN0L Datasheet
85Kb / 2P
   Chip Inductor (Chip Coil) Power Inductor (Wire Wound Type)
LQH6PP MURATA-LQH6PP Datasheet
75Kb / 2P
   Chip Inductor (Chip Coil) Power Inductor (Wire Wound Type)
LQH6PPN3R3N43L MURATA-LQH6PPN3R3N43L Datasheet
75Kb / 2P
   Chip Inductor (Chip Coil) Power Inductor (Wire Wound Type)
LQH44PN100MP0L MURATA-LQH44PN100MP0L Datasheet
83Kb / 2P
   Chip Inductor (Chip Coil) Power Inductor (Wire Wound Type)
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com