Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SPD1101-111 Datasheet(PDF) 2 Page - Alpha Industries

Part # SPD1101-111
Description  Sampling Phase Detectors
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALPHA [Alpha Industries]
Direct Link  http://www.alphaind.com
Logo ALPHA - Alpha Industries

SPD1101-111 Datasheet(HTML) 2 Page - Alpha Industries

  SPD1101-111 Datasheet HTML 1Page - Alpha Industries SPD1101-111 Datasheet HTML 2Page - Alpha Industries  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Sampling Phase Detectors
SPD1101-111, SPD1102-111, SPD1103-111
2
Alpha Industries, Inc. [781] 935-5150
• Fax [978] 241-7906 • Email sales@alphaind.com • www.alphaind.com
Specifications subject to change without notice. 9/01A
Typical Performance
04
26
8
10
20 22
12 14 16 18
VCO Frequency (GHz)
SPD1101-111
0
200
400
600
800
1000
Ref. Frequency: 100 MHz
Ref Input Power: 17 dBm
VCO Power: 0 dBm
Suggested Circuit
REFERENCE
FREQUENCY
INPUT
10–500 MHz
47 pF
47 pF
INPUT
TRANSFORMER
22 pF
CL
CL
39 pF
RFC
SRD
IF
OUTPUT
VCO
INPUT
100
100
100
10 k
10 k
-111 Package Outline
0.110 (2.794 mm)
1
2
3
4
A1
5
0.090 (2.286 mm)
0.015
(0.381 mm)
0.073 (1.854 mm)
0.053 (1.346 mm)
0.017 (0.432 mm)
0.000
0.002 (0.051 mm)
0.088 (2.235 mm)
0.040
(1.016 mm)
EPOXY
CERAMIC
Schematic Diagram
35
1
2
SCHEMATIC
SRD
4
Input transformer: 10:1 step down impedance ratio.


Similar Part No. - SPD1101-111

ManufacturerPart #DatasheetDescription
logo
Skyworks Solutions Inc.
SPD1101-111 SKYWORKS-SPD1101-111 Datasheet
183Kb / 3P
   Sampling Phase Detectors
SPD1101-111 SKYWORKS-SPD1101-111_06 Datasheet
183Kb / 3P
   Sampling Phase Detectors
More results

Similar Description - SPD1101-111

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
MSPD101X-XXX MA-COM-MSPD101X-XXX Datasheet
820Kb / 6P
   Sampling Phase Detectors
logo
Skyworks Solutions Inc.
SPD1101-111 SKYWORKS-SPD1101-111_06 Datasheet
183Kb / 3P
   Sampling Phase Detectors
logo
Mini-Circuits
K-PD MINI-K-PD Datasheet
204Kb / 1P
   PHASE DETECTORS
logo
Maxim Integrated Produc...
MAX9382 MAXIM-MAX9382 Datasheet
214Kb / 10P
   ECL/PECL Phase-Frequency Detectors
Rev 1; 11/02
logo
Mini-Circuits
RPD-2 MINI-RPD-2 Datasheet
68Kb / 1P
   Phase Detectors 1000mV DC output , 7dBmRF
logo
Torex Semiconductor
XC61CC2002MRN TOREX-XC61CC2002MRN Datasheet
655Kb / 17P
   Low Voltage Detectors Standard Voltage Detectors
logo
STMicroelectronics
TDA0161 STMICROELECTRONICS-TDA0161 Datasheet
125Kb / 6P
   PROXIMITY DETECTORS
logo
Systemsensor advanced i...
2100S SYSTEMSENSOR-2100S Datasheet
77Kb / 4P
   Smoke Detectors
logo
Unisonic Technologies
82CXX UTC-82CXX_15 Datasheet
423Kb / 20P
   VOLTAGE DETECTORS
logo
Systemsensor advanced i...
1806 SYSTEMSENSOR-1806 Datasheet
523Kb / 2P
   SMOKE DETECTORS
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com