Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF


LQH32PN100MN0L Datasheet(PDF) 1 Page - Murata Manufacturing Co., Ltd.

Part No. LQH32PN100MN0L
Description  Chip Inductor (Chip Coil) Power Inductor (Wire Wound Type)
Download  2 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  MURATA [Murata Manufacturing Co., Ltd.]
Homepage  http://www.murata.com
Logo 

   
 1 page
background image
http://www.murata.com/
Data Sheet
! Note:
1. This datasheet is downloaded from the website of Murata Manufacturing co., ltd. Therefore, it’s specifications are subject to change or our
products in it may be discontinued without advance notice. Please check with our sales representatives or product engineers before ordering.
2. This datasheet has only typical specifications because there is no space for detailed specifications. Therefore, please approve our product
specifications or transact the approval sheet for product specifications before ordering.
1
o This data sheet is applied for CHIP INDUCTORS (CHIP COILS) used for General Electronics equipment for your design.
2011.5.12
Inductors (Coils) > Chip Inductor (Chip Coil) > Power Inductor (Wire Wound Type)
2.7
±0.2
(in mm)
3.2
±0.3
2.5
±0.2
2.5
±0.2
A: 2.8 max.
A
A
1.3
±0.2
0.9
±0.3
0.9
±0.3
Chip Inductor (Chip Coil) Power Inductor (Wire Wound Type)
LQH32P_N0 Series (1210 Size)
I Dimensions
I Packaging
Code
Packaging
Minimum Quantity
L
180mm Embossed Tape
2000
K
330mm Embossed Tape
7500
I Rated Value (p: packaging code)
Part Number
Inductance
Rated Current
(Based on Inductance Change)
Rated Current
(Based on Temperature Rise)
DC Resistance
Self Resonance
Frequency (min.)
LQH32PNR47NN0p
0.47
µH±30%
3400mA
2550mA
0.03ohm
±20%
100MHz
LQH32PN1R0NN0p
1.0
µH±30%
2300mA
2050mA
0.045ohm
±20%
100MHz
LQH32PN1R5NN0p
1.5
µH±30%
1750mA
1750mA
0.057ohm
±20%
70MHz
LQH32PN2R2NN0p
2.2
µH±30%
1550mA
1600mA
0.076ohm
±20%
70MHz
LQH32PN3R3NN0p
3.3
µH±30%
1250mA
1200mA
0.12ohm
±20%
50MHz
LQH32PN4R7NN0p
4.7
µH±30%
1000mA
1000mA
0.18ohm
±20%
40MHz
LQH32PN6R8NN0p
6.8
µH±30%
850mA
850mA
0.24ohm
±20%
40MHz
LQH32PN100MN0p
10
µH±20%
750mA
700mA
0.38ohm
±20%
30MHz
LQH32PN150MN0p
15
µH±20%
600mA
520mA
0.57ohm
±20%
20MHz
LQH32PN220MN0p
22
µH±20%
500mA
450mA
0.81ohm
±20%
20MHz
LQH32PN330MN0p
33
µH±20%
380mA
390mA
1.15ohm
±20%
13MHz
LQH32PN470MN0p
47
µH±20%
330mA
310mA
1.78ohm
±20%
11MHz
LQH32PN680MN0p
68
µH±20%
280mA
275mA
2.28ohm
±20%
11MHz
LQH32PN101MN0p
100
µH±20%
180mA
250mA
2.70ohm
±20%
8MHz
LQH32PN121MN0p
120
µH±20%
170mA
200mA
4.38ohm
±20%
8MHz
Test Frequency: 1MHz
Class of Magnetic Shield: Magnetic shield of magnetic powder in resin
Operating Temperature Range (Self-temperature rise is included): -40 to +125
°C
Operating Temperature Range (Self-temperature rise is not included): -40 to +85
°C
Only for reflow soldering.
*1 When Rated Current is applied to the Products, Inductance will be within
±30% of nominal Inductance value.
*2 When Rated Current is applied to the Products, self-generation of heat will rise to 40
°C or less.
Continued on the following page.




Html Pages

1  2 


Datasheet Download




Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl