Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TQL9048-PCB Datasheet(PDF) 10 Page - TriQuint Semiconductor

Part # TQL9048-PCB
Description  High Linearity Gain Block with Shutdown
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRIQUINT [TriQuint Semiconductor]
Direct Link  http://www.triquint.com
Logo TRIQUINT - TriQuint Semiconductor

TQL9048-PCB Datasheet(HTML) 10 Page - TriQuint Semiconductor

Back Button TQL9048-PCB Datasheet HTML 2Page - TriQuint Semiconductor TQL9048-PCB Datasheet HTML 3Page - TriQuint Semiconductor TQL9048-PCB Datasheet HTML 4Page - TriQuint Semiconductor TQL9048-PCB Datasheet HTML 5Page - TriQuint Semiconductor TQL9048-PCB Datasheet HTML 6Page - TriQuint Semiconductor TQL9048-PCB Datasheet HTML 7Page - TriQuint Semiconductor TQL9048-PCB Datasheet HTML 8Page - TriQuint Semiconductor TQL9048-PCB Datasheet HTML 9Page - TriQuint Semiconductor TQL9048-PCB Datasheet HTML 10Page - TriQuint Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 10 / 10 page
background image
TQL9048
High Linearity Gain Block with Shutdown
Advanced Data Sheet: Rev D 12-13-13
- 10 of 10 -
Disclaimer: Subject to change without notice
© 2013 TriQuint
www.triquint.com
Product Compliance Information
ESD Sensitivity Ratings
Caution! ESD-Sensitive Device
ESD Rating: Class 1A
Value:
Passes ≥ 250 V to < 500 V
Test:
Human Body Model (HBM)
Standard:
JEDEC Standard JESD22-A114
ESD Rating: TBD
Value:
Passes TBD V to < TBD V
Test:
Charged Device Model (CDM)
Standard:
JEDEC Standard JESD22-C101
Solderability
Compatible with both lead-free (260 °C max. reflow
temperature) and tin/lead (245 °C max. reflow
temperature) soldering processes.
Contact plating: NiPdAu
RoHs Compliance
This part is compliant with EU 2002/95/EC RoHS
directive (Restrictions on the Use of Certain
Hazardous Substances in Electrical and Electronic
Equipment).
This product also has the following attributes:
Lead Free
Halogen Free (Chlorine, Bromine)
Antimony Free
TBBP-A (C15H12Br402) Free
PFOS Free
SVHC Free
MSL Rating
MSL Rating: Level 1
Test:
260°C convection reflow
Standard:
JEDEC Standard IPC/JEDEC J-STD-020
Contact Information
For the latest specifications, additional product information, worldwide sales and distribution locations, and
information about TriQuint:
Web: www.triquint.com
Tel:
+1.503.615.9000
Email: info-sales@triquint.com
Fax:
+1.503.615.8902
For technical questions and application information:
Email: sjcapplications.engineering@triquint.com
Important Notice
The information contained herein is believed to be reliable. TriQuint makes no warranties regarding the information
contained herein. TriQuint assumes no responsibility or liability whatsoever for any of the information contained
herein. TriQuint assumes no responsibility or liability whatsoever for the use of the information contained herein.
The information contained herein is provided "AS IS, WHERE IS" and with all faults, and the entire risk associated
with such information is entirely with the user. All information contained herein is subject to change without notice.
Customers should obtain and verify the latest relevant information before placing orders for TriQuint products. The
information contained herein or any use of such information does not grant, explicitly or implicitly, to any party any
patent rights, licenses, or any other intellectual property rights, whether with regard to such information itself or
anything described by such information.
TriQuint products are not warranted or authorized for use as critical components in medical, life-saving, or life-
sustaining applications, or other applications where a failure would reasonably be expected to cause severe
personal injury or death.


Similar Part No. - TQL9048-PCB

ManufacturerPart #DatasheetDescription
logo
TriQuint Semiconductor
TQL9048 TRIQUINT-TQL9048 Datasheet
808Kb / 11P
   High Linearity Gain Block with Shutdown
TQL9048 TRIQUINT-TQL9048_15 Datasheet
808Kb / 11P
   High Linearity Gain Block with Shutdown
More results

Similar Description - TQL9048-PCB

ManufacturerPart #DatasheetDescription
logo
TriQuint Semiconductor
TQL9048 TRIQUINT-TQL9048_15 Datasheet
808Kb / 11P
   High Linearity Gain Block with Shutdown
logo
Broadcom Corporation.
MGA-30789 BOARDCOM-MGA-30789 Datasheet
702Kb / 14P
   High Linearity Gain Block
logo
Qorvo, Inc
TQL9047 QORVO-TQL9047 Datasheet
954Kb / 15P
   High Linearity Gain Block
logo
TriQuint Semiconductor
TQL9047 TRIQUINT-TQL9047_15 Datasheet
599Kb / 13P
   High Linearity Gain Block
logo
Qorvo, Inc
QPA9126 QORVO-QPA9126 Datasheet
1Mb / 12P
   High Linearity Gain Block
June 26, 2019
logo
AVAGO TECHNOLOGIES LIMI...
MGA-30789 AVAGO-MGA-30789_15 Datasheet
702Kb / 14P
   High Linearity Gain Block
logo
Qorvo, Inc
QPA9127 QORVO-QPA9127 Datasheet
1Mb / 11P
   High Linearity Gain Block
logo
AVAGO TECHNOLOGIES LIMI...
MGA-30689 AVAGO-MGA-30689_15 Datasheet
733Kb / 16P
   Flat Gain High Linearity Gain Block
MGA-30889-BLKG AVAGO-MGA-30889-BLKG Datasheet
650Kb / 15P
   Flat Gain High Linearity Gain Block
MGA-30889 AVAGO-MGA-30889 Datasheet
710Kb / 15P
   Flat Gain High Linearity Gain Block
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com