Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MPQ4456 Datasheet(PDF) 2 Page - Monolithic Power Systems

Part # MPQ4456
Description  Industrial Grade ,1A, 4MHz, 36V Step-Down Converter
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MPQ4456 Datasheet(HTML) 2 Page - Monolithic Power Systems

  MPQ4456 Datasheet HTML 1Page - Monolithic Power Systems MPQ4456 Datasheet HTML 2Page - Monolithic Power Systems MPQ4456 Datasheet HTML 3Page - Monolithic Power Systems MPQ4456 Datasheet HTML 4Page - Monolithic Power Systems MPQ4456 Datasheet HTML 5Page - Monolithic Power Systems MPQ4456 Datasheet HTML 6Page - Monolithic Power Systems MPQ4456 Datasheet HTML 7Page - Monolithic Power Systems MPQ4456 Datasheet HTML 8Page - Monolithic Power Systems MPQ4456 Datasheet HTML 9Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
MPQ4456 –INDUSTRIAL GRADE, 1A, 4MHz, 36V STEP-DOWN CONVERTER
MPQ4456 Rev. 1.0
www.MonolithicPower.com
2
2/8/2013
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2013 MPS. All Rights Reserved.
ORDERING INFORMATION
Part Number*
Package
Top Marking
MPQ4456GQT
TQFN10 (3mm x3mm)
AFD
* For Tape & Reel, add suffix –Z (e.g. MPQ4456GQT–Z).
PACKAGE REFERENCE
TOP
VIEW
SW
SW
EN
COMP
FB
1
2
3
4
5
BST
VIN
VIN
FREQ
GND
10
9
8
7
6
EXPOSED
P
AD
ON
BACKSIDE
ABSOLUTE MAXIMUM RATINGS
(1)
Supply Voltage (VIN).................... –0.3V to +40V
Switch Voltage (VSW)............–0.3V to VIN + 0.3V
BST to SW.................................... –0.3V to +6V
All Other Pins................................ –0.3V to +6V
Continuous Power Dissipation (TA = +25°C)
(2)
............................................................2.5W
Junction Temperature .............................. 150
°C
Lead Temperature ................................... 260
°C
Storage Temperature.............. –65°C to +150
°C
Recommended Operating Conditions
(3)
Supply Voltage VIN .......................... 3.8V to 36V
Output Voltage VOUT........................ 0.8V to 36V
Operating Junct. Temp (TJ)..... –40°C to +125°C
Thermal Resistance
(4)
θJA
θJC
TQFN10 (3mm x3mm) ........... 50 ...... 12...
°C/W
Notes:
1) Exceeding these ratings may damage the device.
2) The maximum allowable power dissipation is a function of the
maximum junction temperature TJ (MAX), the junction-to-
ambient thermal resistance θJA, and the ambient temperature
TA. The maximum allowable continuous power dissipation at
any ambient temperature is calculated by PD (MAX) = (TJ
(MAX)-TA)/θJA. Exceeding the maximum allowable power
dissipation will cause excessive die temperature, and the
regulator will go into thermal shutdown. Internal thermal
shutdown circuitry protects the device from permanent
damage.
3) The device is not guaranteed to function outside of its
operating conditions.
4) Measured on JESD51-7 4-layer board.


Similar Part No. - MPQ4456

ManufacturerPart #DatasheetDescription
logo
Monolithic Power System...
MPQ4458 MPS-MPQ4458 Datasheet
362Kb / 16P
   Industrial Grade ,1A, 4MHz, 36V Step-Down Converter
MPQ4458DQT MPS-MPQ4458DQT Datasheet
362Kb / 16P
   Industrial Grade ,1A, 4MHz, 36V Step-Down Converter
MPQ4459 MPS-MPQ4459 Datasheet
398Kb / 17P
   Industrial Grade,1.5A, 4MHz, 36V Step-Down Converter
MPQ4459DQT MPS-MPQ4459DQT Datasheet
398Kb / 17P
   Industrial Grade,1.5A, 4MHz, 36V Step-Down Converter
More results

Similar Description - MPQ4456

ManufacturerPart #DatasheetDescription
logo
Monolithic Power System...
MPQ4458 MPS-MPQ4458 Datasheet
362Kb / 16P
   Industrial Grade ,1A, 4MHz, 36V Step-Down Converter
MP4458 MPS-MP4458 Datasheet
390Kb / 16P
   1A, 4MHz, 36V Step-Down Converter
MPQ4459 MPS-MPQ4459 Datasheet
398Kb / 17P
   Industrial Grade,1.5A, 4MHz, 36V Step-Down Converter
MPQ4460 MPS-MPQ4460 Datasheet
411Kb / 18P
   Industrial Grade, 2.5A, 4MHz, 36V Step-Down Converter
MP4459 MPS-MP4459 Datasheet
451Kb / 17P
   1.5A, 4MHz, 36V Step-Down Converter
MP4460 MPS-MP4460 Datasheet
451Kb / 18P
   2.5A, 4MHz, 36V Step-Down Converter
MP4462 MPS-MP4462 Datasheet
482Kb / 20P
   3.5A, 4MHz, 36V Step-Down Converter
MP2562 MPS-MP2562 Datasheet
617Kb / 20P
   1A, 4MHz, 50V Step-Down Converter
MP2452 MPS-MP2452 Datasheet
478Kb / 16P
   1A, 36V, 1MHz Step-Down Converter
logo
Richtek Technology Corp...
RTQ2131B-QA RICHTEK-RTQ2131B-QA Datasheet
427Kb / 28P
   1A, 36V, 2.1MHz Synchronous Step-Down Converter
August 2018
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com