Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

THS3014-TK Datasheet(PDF) 10 Page - List of Unclassifed Manufacturers

Part # THS3014-TK
Description  Handheld Oscilloscopes
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

THS3014-TK Datasheet(HTML) 10 Page - List of Unclassifed Manufacturers

Back Button THS3014-TK Datasheet HTML 4Page - List of Unclassifed Manufacturers THS3014-TK Datasheet HTML 5Page - List of Unclassifed Manufacturers THS3014-TK Datasheet HTML 6Page - List of Unclassifed Manufacturers THS3014-TK Datasheet HTML 7Page - List of Unclassifed Manufacturers THS3014-TK Datasheet HTML 8Page - List of Unclassifed Manufacturers THS3014-TK Datasheet HTML 9Page - List of Unclassifed Manufacturers THS3014-TK Datasheet HTML 10Page - List of Unclassifed Manufacturers THS3014-TK Datasheet HTML 11Page - List of Unclassifed Manufacturers THS3014-TK Datasheet HTML 12Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
Ordering information
THS3000 models
THS3014
100 MHz, 2.5 GS/s, 4-channel handheld oscilloscope
THS3014-TK
100 MHz, 2.5 GS/s, 4-channel handheld oscilloscope with travel kit
THS3024
200 MHz, 5 GS/s, 4-channel handheld oscilloscope
THS3024-TK
200 MHz, 5 GS/s, 4-channel handheld oscilloscope with travel kit
All models include: THP0301-Y/B/M/G 300 MHz 10X passive probes, lithium-ion battery with 7-hour battery life, carrying handle, hanging strap, USB-A to mini USB-B cable
for PC communication, Installation/Safety manual, documentation CD 1, AC power adapter with power cord, ACHHS soft-sided carry case (standard with non-TK, optional for -
TK models), OpenChoice® desktop PC communication software, calibration certificate documenting traceability to national metrology institute(s) and ISO9001 quality system
registration, three-year warranty.
TK models also include: hard-sided travel case (instead of soft case), soft-sided probe case, 2 probe replacement accessory kits.
Please specify power plug when ordering
Warranty
Three-year warranty covering all parts and labor, excluding probes.
Instrument options
International power plugs
Opt. A0
North America power plug (115 V, 60 Hz)
Opt. A1
Universal Euro power plug (220 V, 50 Hz)
Opt. A2
United Kingdom power plug (240 V, 50 Hz)
Opt. A3
Australia power plug (240 V, 50 Hz)
Opt. A4
North America power plug (240 V, 50 Hz)
Opt. A5
Switzerland power plug (220 V, 50 Hz)
Opt. A6
Japan power plug (100 V, 110/120 V, 60 Hz)
Opt. A10
China power plug (50 Hz)
Opt. A11
India power plug (50 Hz)
Service options
Opt. SILV400
Standard warranty extended to 5 years
1
Documentation CD available in English, German, Korean, Japanese, Simplified Chinese, Traditional Chinese, and Russian (063-4379-xx).
Datasheet
10 www.tektronix.com


Similar Part No. - THS3014-TK

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
THS3001 TI-THS3001 Datasheet
633Kb / 32P
[Old version datasheet]   420-MHz HIGH-SPEED CURRENT-FEEDBACK AMPLIFIERS
THS3001 TI-THS3001 Datasheet
943Kb / 39P
[Old version datasheet]   420-MHz HIGH-SPEED CURRENT-FEEDBACK AMPLIFIER
THS3001 TI1-THS3001 Datasheet
1Mb / 33P
[Old version datasheet]   LOW-DISTORTION, HIGH SLEW RATE, CURRENT-FEEDBACK AMPLIFIERS
THS3001 TI1-THS3001 Datasheet
1Mb / 37P
[Old version datasheet]   2-GHz, LOW DISTORTION, DUAL CURRENT-FEEDBACK AMPLIFIERS
THS3001 TI1-THS3001 Datasheet
838Kb / 28P
[Old version datasheet]   900-MHz, High-Power Output, Current Feedback Amplifier
More results

Similar Description - THS3014-TK

ManufacturerPart #DatasheetDescription
logo
Keysight Technologies
U1604B KEYSIGHT-U1604B Datasheet
498Kb / 12P
   Handheld Digital Oscilloscopes
U1620A KEYSIGHT-U1620A Datasheet
1Mb / 13P
   Handheld Digital Oscilloscopes
U1602B KEYSIGHT-U1602B Datasheet
498Kb / 12P
   Handheld Digital Oscilloscopes
U1610A KEYSIGHT-U1610A Datasheet
1Mb / 13P
   Handheld Digital Oscilloscopes
logo
Agilent(Hewlett-Packard...
U1600 HP-U1600 Datasheet
1Mb / 11P
   U1600 Series Handheld Digital Oscilloscopes
logo
Keysight Technologies
N8805A KEYSIGHT-N8805A Datasheet
9Mb / 8P
   Series Oscilloscopes
logo
Pepperl+Fuchs Inc.
IC-HH52 PF-IC-HH52 Datasheet
901Kb / 2P
   Handheld
2022-05-19
IPT-HH51-Y70152075 PF-IPT-HH51-Y70152075 Datasheet
342Kb / 2P
   Handheld
2022-05-06
logo
Keysight Technologies
N5393E KEYSIGHT-N5393E Datasheet
3Mb / 25P
   Infiniium Oscilloscopes
logo
Agilent(Hewlett-Packard...
U1241B HP-U1241B Datasheet
332Kb / 9P
   Agilent U1240 Series Handheld Handheld
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com