Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TCP202A Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # TCP202A
Description  AC/DC Current Probes
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

TCP202A Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  TCP202A Datasheet HTML 1Page - List of Unclassifed Manufacturers TCP202A Datasheet HTML 2Page - List of Unclassifed Manufacturers TCP202A Datasheet HTML 3Page - List of Unclassifed Manufacturers TCP202A Datasheet HTML 4Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
AC/DC Current Probes
TCP0020 • TCP2020 • TCP202A Datasheet
TCP0020 AC/DC Current Probe.
Features & Benefits
Easy-to-Use and Accurate AC/DC Current Measurements
DC to >50 MHz Bandwidth
Core Jaw Diameter of 5 mm (0.2 in.)
Accurately Measures Current Levels as Low as 10 mA per Division
High Accuracy with Typically Less than 1% DC Gain Error
Split-core Construction allows Easy Circuit Connection
Low Noise and DC Drift
TCP0020
20 ARMS Maximum Current Capability
100 A Peak Pulse Current Capability
Connects Directly to Oscilloscopes with the TekVPI™ Probe Interface
Provides Automatic Units Scaling and Readout on the Oscilloscope
Display
One-button Degauss and AutoZero Control for Ease of Use
Easy Access to Scope-displayed Probe Menu for Probe Setup Control
and Operating Status Information
Remote Control Capability through TekVPI Oscilloscope
TCP2020
20 ARMS Maximum Current Capability
100 A Peak Pulse Current Capability
10 mA/mV Sensitivity
BNC Output Connects to Most Oscilloscopes and Other Measurement
Equipment (>100 kΩ Termination Required)
Degauss Button and Thumbwheel for DC Offset Adjustment
Powered by an AC Adapter
TCP202A
15 ADC + Peak AC Maximum Current Capability
50 A Peak Pulse Current Capability
Connects Directly to Oscilloscopes with the TekProbe™ Interface
Provides Automatic Units Scaling and Readout on the Oscilloscope
Display
Degauss Button and Thumbwheel for DC Offset Adjustment
Safety Certified
Applications
Power Supplies
Semiconductor Devices
Power Inverter/Converters
Electronic Ballasts
Industrial/Consumer Electronics
Mobile Communications
Motor Drives
Transportation Systems


Similar Part No. - TCP202A

ManufacturerPart #DatasheetDescription
logo
TEKTRONIX, INC.
TCP202A TEKTRONIX-TCP202A Datasheet
711Kb / 12P
   Digital Phosphor Oscilloscopes
More results

Similar Description - TCP202A

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
N2780A HP-N2780A Datasheet
343Kb / 4P
   AC/DC Current Probes
logo
TEKTRONIX, INC.
CT1 TEKTRONIX-CT1 Datasheet
1Mb / 4P
   AC Current Probes
P6021A TEKTRONIX-P6021A Datasheet
288Kb / 4P
   AC Current Probes
logo
Teledyne Technologies I...
CP030 TELEDYNE-CP030 Datasheet
847Kb / 4P
   Current Probes
logo
TEKTRONIX, INC.
A621 TEKTRONIX-A621 Datasheet
215Kb / 4P
   Current Probes
logo
LEM
DHR500C420 LEM-DHR500C420_12 Datasheet
688Kb / 4P
   AC/DC Current Transducer
DHR500C10 LEM-DHR500C10_12 Datasheet
641Kb / 4P
   AC/DC Current Transducer
DHR100C10 LEM-DHR100C10 Datasheet
880Kb / 3P
   AC/DC Current transducer
AHR-B420 LEM-AHR-B420 Datasheet
361Kb / 3P
   AC/DC Current transducer
DHR-C420 LEM-DHR-C420_12 Datasheet
688Kb / 4P
   AC/DC Current Transducer
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com