Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

P6246 Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # P6246
Description  Differential Probes
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

P6246 Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  P6246 Datasheet HTML 1Page - List of Unclassifed Manufacturers P6246 Datasheet HTML 2Page - List of Unclassifed Manufacturers P6246 Datasheet HTML 3Page - List of Unclassifed Manufacturers P6246 Datasheet HTML 4Page - List of Unclassifed Manufacturers P6246 Datasheet HTML 5Page - List of Unclassifed Manufacturers P6246 Datasheet HTML 6Page - List of Unclassifed Manufacturers P6246 Datasheet HTML 7Page - List of Unclassifed Manufacturers P6246 Datasheet HTML 8Page - List of Unclassifed Manufacturers P6246 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
P6248, P6247, and P6246 Differential Probes
The P6248, P6247, and P6246 Differential Probes are ideal for design
verification of disk drive read, channel electronics, and timing analysis for
troubleshooting ground-bounce problems associated with high-speed logic.
They can also be used for pulse shape or crosstalk compliance testing of
high-speed communication signals.
Specifications
All specifications apply to all models unless noted otherwise.
Model overview
Characteristic
P6248
P6247
P6246
Bandwidth (guaranteed)
≥1.5 GHz
≥1.0 GHz
≥400 MHz
Rise time (specified)
<265 ps
<350 ps
<875 ps
Attenuation settings
X1, X10
X1, X10
X1, X10
DC attenuation accuracy
±2%
±2%
±2%
Common mode input voltage range
±7.0 V, 1X
±7.0 V, 10X
±7.0 V, 1X
±7.0 V, 10X
±7.0 V, 1X
±7.0 V, 10X
Differential mode input voltage range ±850 mV, 1X
±8.5 V, 10X
±850 mV, 1X
±8.5 V, 10X
±850 mV, 1X
±8.5 V, 10X
Maximum nondestructive input voltage ±25 V (DC + peak AC)
±25 V (DC + peak AC)
±25 V (DC + peak AC)
Electrostatic immunity
15 kV
15 kV
15 kV
Bandwidth limit
-
Switchable, 200 MHz
Switchable, 200 MHz
Lower frequency limit, DC reject mode -
0.4 Hz, 1X
4.0 Hz, 10X
0.4 Hz, 1X
4.0 Hz, 10X
Probe interface
TekProbe® Level II 1
TekProbe® Level II 1
TekProbe® Level II 1
1
The TekProbe® Level II interface supports probe power, auto scaling, auto termination with TDS oscilloscopes.
Datasheet
2 www.tektronix.com


Similar Part No. - P6246

ManufacturerPart #DatasheetDescription
logo
TEKTRONIX, INC.
P6246 TEKTRONIX-P6246 Datasheet
2Mb / 36P
   Mixed Domain Oscilloscopes
P6246 TEKTRONIX-P6246 Datasheet
529Kb / 10P
   Differential Probes
More results

Similar Description - P6246

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
TDP1500 ETC2-TDP1500 Datasheet
258Kb / 8P
   Differential Probes
logo
TEKTRONIX, INC.
P6248 TEKTRONIX-P6248 Datasheet
529Kb / 10P
   Differential Probes
logo
List of Unclassifed Man...
P250BR ETC2-P250BR Datasheet
195Kb / 2P
   Oscilloscope / Differential Probes
P7350 ETC2-P7350 Datasheet
1Mb / 4P
   High-performance Differential Probes
TMDP0200 ETC2-TMDP0200 Datasheet
338Kb / 6P
   High-voltage Differential Probes
TDP1000 ETC2-TDP1000 Datasheet
251Kb / 6P
   1 GHz and 500 MHz High Voltage Differential Probes
logo
Vaisala
HPP270 VAISALA-HPP270 Datasheet
334Kb / 4P
   Probes
logo
List of Unclassifed Man...
TAP2500 ETC2-TAP2500 Datasheet
229Kb / 6P
   Active Probes
logo
Extech Instruments Corp...
TP873 EXTECH-TP873 Datasheet
180Kb / 1P
   Temperature Probes
logo
Teledyne Technologies I...
CP030 TELEDYNE-CP030 Datasheet
847Kb / 4P
   Current Probes
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com