Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MP38671 Datasheet(PDF) 4 Page - Monolithic Power Systems

Part # MP38671
Description  10A, 25V, 600KHz Step-Down Converter with Synchronizable Gate Driver
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP38671 Datasheet(HTML) 4 Page - Monolithic Power Systems

  MP38671 Datasheet HTML 1Page - Monolithic Power Systems MP38671 Datasheet HTML 2Page - Monolithic Power Systems MP38671 Datasheet HTML 3Page - Monolithic Power Systems MP38671 Datasheet HTML 4Page - Monolithic Power Systems MP38671 Datasheet HTML 5Page - Monolithic Power Systems MP38671 Datasheet HTML 6Page - Monolithic Power Systems MP38671 Datasheet HTML 7Page - Monolithic Power Systems MP38671 Datasheet HTML 8Page - Monolithic Power Systems MP38671 Datasheet HTML 9Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
MP38671 – 10A, 25V, 600KHz STEP-DOWN WITH SYNCHRONOUS GATE DRIVER
MP38671 Rev. 1.1
www.MonolithicPower.com
4
9/21/2011
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2011 MPS. All Rights Reserved.
PIN FUNCTIONS
Pin #
Name
Description
1
FB
Feedback. An external resistor divider from the output to GND, tapped to the FB pin sets
the output voltage. To prevent current limit run away during a short circuit fault condition
the frequency foldback comparator lowers the oscillator frequency when the FB voltage is
below 250mV.
2
PG
Power Good Indicator. Connect this pin to VCC or VOUT by a 100kΩ pull-up resistor.
The output of this pin is low if the output voltage is 10% less than the nominal voltage,
otherwise it is an open drain.
3
EN/SYNC On/Off Control and External Frequency Synchronization Input.
4, 5, 6
IN
Supply Voltage. The MP38671 operates from a +4.5V to +25V unregulated input. C1 is
needed to prevent large voltage spikes from appearing at the input.
7
N/C
No Connect.
8, 9, 10
SW
Switch Output.
11
BST
Bootstrap. This capacitor is needed to drive the power switch’s gate above the supply
voltage. It is connected between SW and BST pins to form a floating supply across the
power switch driver.
12
VCC
BG Driver Bias Supply. Decouple with a 1µF ceramic capacitor.
13
BG
Gate Driver Output. Connect this pin to the synchronous MOSFET Gate.
14
GND,
Exposed
pad
Ground. This pin is the voltage reference for the regulated output voltage. For this reason
care must be taken in its layout. This node should be placed outside of the M2 to C1
ground path to prevent switching current spikes from inducing voltage noise into the part.
The exposed pad and GND pin must be connected to the same ground plane.


Similar Part No. - MP38671

ManufacturerPart #DatasheetDescription
logo
Cirrus Logic
MP38 APEX-MP38 Datasheet
263Kb / 4P
   POWER OPERATIONAL AMPLIFIER
logo
Monolithic Power System...
MP3801 MPS-MP3801 Datasheet
442Kb / 7P
   190Vpp High Voltage EL Lamp Driver
MP3801DH MPS-MP3801DH Datasheet
442Kb / 7P
   190Vpp High Voltage EL Lamp Driver
MP3802 MPS-MP3802 Datasheet
185Kb / 5P
   240Vpp High Voltage EL Lamp Driver
MP3802DH MPS-MP3802DH Datasheet
185Kb / 5P
   240Vpp High Voltage EL Lamp Driver
More results

Similar Description - MP38671

ManufacturerPart #DatasheetDescription
logo
Monolithic Power System...
MP38874 MPS-MP38874 Datasheet
633Kb / 11P
   8A, 21V, 600KHz Step-Down Converter with Synchronizable Gate Driver
MP8666 MPS-MP8666 Datasheet
375Kb / 11P
   6A, 21V, 600kHz Step-Down Converter with Synchronizable Gate Driver
MP38872 MPS-MP38872 Datasheet
360Kb / 11P
   6A, 21V, 600kHz Step-Down Converter with Synchronizable Gate Driver
MP38870 MPS-MP38870 Datasheet
543Kb / 10P
   3A, 14V, 600KHz Step-Down Converter with Synchronizable Gate Driver
MP8768 MPS-MP8768 Datasheet
387Kb / 13P
   8A, 28V, 600KHz Step-Down Converter with Synchronizable Gate Driver
MP8352 MPS-MP8352 Datasheet
341Kb / 12P
   3V-6V Input, 6A, 600kHz Step-Down Converter with Synchronizable Gate Driver
logo
Richtek Technology Corp...
RT7259 RICHTEK-RT7259 Datasheet
299Kb / 15P
   10A, 24V, 600kHz Step-Down Converter with Synchronous Gate Driver
logo
Monolithic Power System...
MP38894 MPS-MP38894 Datasheet
405Kb / 10P
   4.5A, 42V, 420kHz Step-Down Converter with Synchronizable Gate Driver
MP38891 MPS-MP38891 Datasheet
399Kb / 13P
   6A, 30V, 420kHz Step-Down Converter with Synchronizable Gate Driver
MP8675 MPS-MP8675 Datasheet
556Kb / 11P
   6A, 42V, 420kHz Step-Down Converter with Synchronizable Gate Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com