Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

1N2130A Datasheet(PDF) 2 Page - America Semiconductor, LLC

Part # 1N2130A
Description  DEVICE HIGH POWER STANDARD
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMERICASEMI [America Semiconductor, LLC]
Direct Link  http://americasemi.com
Logo AMERICASEMI - America Semiconductor, LLC

1N2130A Datasheet(HTML) 2 Page - America Semiconductor, LLC

  1N2130A Datasheet HTML 1Page - America Semiconductor, LLC 1N2130A Datasheet HTML 2Page - America Semiconductor, LLC  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image


Similar Part No. - 1N2130A

ManufacturerPart #DatasheetDescription
logo
International Rectifier
1N2130A IRF-1N2130A Datasheet
377Kb / 5P
   35,40,and 60 Amp Power Silicon Rectifier Diodes
logo
Vishay Siliconix
1N2130A VISHAY-1N2130A Datasheet
274Kb / 6P
   Power Silicon Rectifier Diodes, 35 A/40 A/60 A
Revision: 04-Dec-12
1N2130A VISHAY-1N2130A Datasheet
297Kb / 8P
   Power Silicon Rectifier Diodes, 35 A/40 A/60 A
Revision: 25-May-09
logo
GeneSiC Semiconductor, ...
1N2130A GENESIC-1N2130A Datasheet
646Kb / 3P
   Silicon Standard Recovery Diode
logo
Naina Semiconductor ltd...
1N2130A NAINA-1N2130A Datasheet
552Kb / 2P
   Standard Recovery Diode, 60A
More results

Similar Description - 1N2130A

ManufacturerPart #DatasheetDescription
logo
America Semiconductor, ...
1N3208 AMERICASEMI-1N3208 Datasheet
408Kb / 2P
   DEVICE HIGH POWER STANDARD
1N3212 AMERICASEMI-1N3212 Datasheet
426Kb / 2P
   DEVICE HIGH POWER STANDARD
1N1183 AMERICASEMI-1N1183 Datasheet
407Kb / 2P
   DEVICE HIGH POWER STANDARD
1N2133A AMERICASEMI-1N2133A Datasheet
419Kb / 2P
   DEVICE HIGH POWER STANDARD
1N1183A AMERICASEMI-1N1183A Datasheet
423Kb / 2P
   DEVICE HIGH POWER STANDARD
logo
FutureWafer Tech Co.,Lt...
FSD052DS FUTUREWAFER-FSD052DS Datasheet
699Kb / 5P
   Standard ESD Protection Device
logo
Fujitsu Component Limit...
F_USB20LP FUJITSU-F_USB20LP Datasheet
82Kb / 2P
   Standard Bus IP: High Speed USB 2.0 Device Controller
logo
EM Microelectronic - MA...
EM4233 EMMICRO-EM4233 Datasheet
50Kb / 1P
   2k bit Read/Write High Secure ISO15693 Standard Compliant Device
logo
Toshiba Semiconductor
TPD4111K TOSHIBA-TPD4111K Datasheet
388Kb / 27P
   Power Device High Voltage Monolithic Silicon Power IC
logo
Solid States Devices, I...
RC0153A SSDI-RC0153A Datasheet
93Kb / 3P
   STANDARD RECOVERY HIGH POWER RECTIFIER
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com