Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SMV1235-079 Datasheet(PDF) 2 Page - Alpha Industries

Part # SMV1235-079
Description  Hyperabrupt Tuning Varactors
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALPHA [Alpha Industries]
Direct Link  http://www.alphaind.com
Logo ALPHA - Alpha Industries

SMV1235-079 Datasheet(HTML) 2 Page - Alpha Industries

  SMV1235-079 Datasheet HTML 1Page - Alpha Industries SMV1235-079 Datasheet HTML 2Page - Alpha Industries SMV1235-079 Datasheet HTML 3Page - Alpha Industries SMV1235-079 Datasheet HTML 4Page - Alpha Industries  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Hyperabrupt Tuning Varactors
SMV1232–SMV1237
2
Alpha Industries, Inc. [781] 935-5150
• Fax [617] 824-4579 • Email sales@alphaind.com • www.alphaind.com
Specifications subject to change without notice. 6/99A
0.1
10.0
1.0
100.0
6.0
8.0
4.0
Reverse Voltage (V)
Capacitance vs. Reverse Voltage
2.0
0
SMV1237
SMV1236
SMV1235
SMV1234
SMV1233
SMV1232
-4
-3
-2
-1
0
1
2
3
4
5
-40
-20
0
20
40
60
80
Temperature (˚C)
Relative Capacitance Change
vs. Temperature
VR = 1 V
VR = 3 V
10
8
6
4
2
0
-2
-4
-6
-8
-40
-20
0
20
40
60
80
Temperature (˚C)
Relative Series Resistance Change
vs. Temperature @ 500 MHz
0
1
2
Reverse Voltage (V)
Series Resistance vs. Reverse Voltage
@ 500 MHz
0
1
2
3
4
5
SMV1232
SMV1233
SMV1234
SMV1235
SMV1237
SMV1236
Typical Performance Data
CT
CT
CT @ 1 V
CT @ 1 V
RS @ 3 V
Q
Part
CT @ 1 V
@ 3 V
@ 6 V
CT @ 3 V
CT @ 6 V
500 MHz
@ 3 V
Number
(pF)
(pF)
(pF)
(Ratio)
(Ratio)
(
Ω)
50 MHz
Min.
Max.
Typ.
Typ.
Min.
Max.
Min.
Max.
Max.
Typ.
SMV1232
2.34
2.86
1.5
0.94
1.5
1.9
2.6
3.3
1.50
1400
SMV1233
3.00
3.60
1.8
1.10
1.5
1.9
2.6
3.3
1.20
1200
SMV1234
5.85
7.15
3.6
2.00
1.6
2.0
2.8
3.4
0.80
1000
SMV1235
10.35
12.65
6.4
3.60
1.6
2.0
2.9
3.4
0.60
750
SMV1236
15.50
18.50
9.2
5.30
1.6
2.0
3.0
3.5
0.50
700
SMV1237
45.00
54.00
26.9
14.40
1.6
2.0
3.0
3.5
0.25
500
Electrical Specifications at 25°C
Reverse Voltage VR (IR = 10 µA): 15 V
Reverse Current IR (VR = 12 V): 20 nA


Similar Part No. - SMV1235-079

ManufacturerPart #DatasheetDescription
logo
Skyworks Solutions Inc.
SMV1235-079 SKYWORKS-SMV1235-079 Datasheet
179Kb / 7P
   Hyperabrupt Tuning Varactors
SMV1235-079LF SKYWORKS-SMV1235-079LF Datasheet
1Mb / 17P
   The Right Products for Your System Applications
More results

Similar Description - SMV1235-079

ManufacturerPart #DatasheetDescription
logo
Skyworks Solutions Inc.
SMV1231 SKYWORKS-SMV1231 Datasheet
179Kb / 7P
   Hyperabrupt Tuning Varactors
logo
Alpha Industries
SMV1247 ALPHA-SMV1247 Datasheet
502Kb / 4P
   Hyperabrupt Tuning Varactors
logo
Skyworks Solutions Inc.
SMV1247 SKYWORKS-SMV1247 Datasheet
82Kb / 6P
   Hyperabrupt Tuning Varactors
SMV1129 SKYWORKS-SMV1129 Datasheet
119Kb / 4P
   Hyperabrupt Junction Tuning Varactors
SMV1770-079 SKYWORKS-SMV1770-079 Datasheet
140Kb / 4P
   Hyperabrupt Junction Tuning Varactors
SMV1771 SKYWORKS-SMV1771 Datasheet
539Kb / 7P
   Hyperabrupt Junction Tuning Varactors
SMV1245 SKYWORKS-SMV1245 Datasheet
524Kb / 7P
   Hyperabrupt Junction Tuning Varactors
SMV2019 SKYWORKS-SMV2019_15 Datasheet
822Kb / 10P
   Hyperabrupt Junction Tuning Varactors
SMV1281 SKYWORKS-SMV1281 Datasheet
130Kb / 4P
   Hyperabrupt Junction Tuning Varactors
SMV2019 SKYWORKS-SMV2019 Datasheet
110Kb / 9P
   Hyperabrupt Junction Tuning Varactors
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com