Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SMV1129-073 Datasheet(PDF) 1 Page - Alpha Industries

Part # SMV1129-073
Description  Hyperabrupt Junction Tuning Varactors
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALPHA [Alpha Industries]
Direct Link  http://www.alphaind.com
Logo ALPHA - Alpha Industries

SMV1129-073 Datasheet(HTML) 1 Page - Alpha Industries

  SMV1129-073 Datasheet HTML 1Page - Alpha Industries SMV1129-073 Datasheet HTML 2Page - Alpha Industries SMV1129-073 Datasheet HTML 3Page - Alpha Industries  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Characteristic
Value
Forward Current (IF)
20 mA
Power Dissipation (PD)
250 mW
Storage Temperature (TST)
-55°C to +150°C
Operating Temperature (TOP)
-55°C to +125°C
Absolute Maximum Ratings
Alpha Industries, Inc. [781] 935-5150
• Fax [617] 824-4579 • Email sales@alphaind.com • www.alphaind.com
1
Specifications subject to change without notice. 10/99A
Hyperabrupt Junction Tuning Varactors
Features
I High Q
I Low Series Resistance for Low Phase
Noise
I Multiple Packages SOD-323, SC-79
and SC-70
I Designed for High Volume Commercial
Applications
I SPICE Models are Available
SMV1129 and SMV1139
Description
The SMV1129 and SMV1139 silicon hyperabrupt junction
varactor diodes are designed for use in VCOs requiring
low resistance. The low resistance of these varactors
makes them appropriate for high Q resonators in
wireless system VCOs to frequencies beyond 2.5 GHz.
o Available through distribution.
For other packages or configurations, please contact the factory.
Single
Single
Common Anode
SOD-323
SC-79
SC-70
o SMV1129-011
o SMV1129-079
SMV1129-073
o SMV1139-011
o SMV1139-079
LS = 1.5 nH
LS = 0.7 nH
LS = 1.4 nH
CT @ 1 V
CT @ 1 V
RS @ 1 V
Part
CT @ 1 V
CT @ 3 V
CT @ 6 V
500 MHz
Number
(pF)
(Ratio)
(Ratio)
(
Ω)
Min.
Typ.
Max.
Min.
Typ.
Min.
Typ.
Max.
SMV1129
17.50
19.0
20.50
1.4
1.53
2.0
2.5
0.4
SMV1139
4.95
5.4
5.85
1.4
1.53
2.0
2.5
0.6
Electrical Specifications at 25°C
Reverse Voltage VR (IR = 10 µA): 12 V
Reverse Current IR (VR = 10 V): 20 nA


Similar Part No. - SMV1129-073

ManufacturerPart #DatasheetDescription
logo
Skyworks Solutions Inc.
SMV1129-079LF SKYWORKS-SMV1129-079LF Datasheet
430Kb / 6P
   Hyperabrupt Junction Tuning Varactor
More results

Similar Description - SMV1129-073

ManufacturerPart #DatasheetDescription
logo
Skyworks Solutions Inc.
SMV1129 SKYWORKS-SMV1129 Datasheet
119Kb / 4P
   Hyperabrupt Junction Tuning Varactors
SMV1770-079 SKYWORKS-SMV1770-079 Datasheet
140Kb / 4P
   Hyperabrupt Junction Tuning Varactors
SMV1771 SKYWORKS-SMV1771 Datasheet
539Kb / 7P
   Hyperabrupt Junction Tuning Varactors
SMV1245 SKYWORKS-SMV1245 Datasheet
524Kb / 7P
   Hyperabrupt Junction Tuning Varactors
SMV2019 SKYWORKS-SMV2019_15 Datasheet
822Kb / 10P
   Hyperabrupt Junction Tuning Varactors
SMV1281 SKYWORKS-SMV1281 Datasheet
130Kb / 4P
   Hyperabrupt Junction Tuning Varactors
SMV2019 SKYWORKS-SMV2019 Datasheet
110Kb / 9P
   Hyperabrupt Junction Tuning Varactors
logo
Alpha Industries
SMV1142 ALPHA-SMV1142 Datasheet
465Kb / 4P
   Hyperabrupt Junction Tuning Varactors
logo
Skyworks Solutions Inc.
SMV1130 SKYWORKS-SMV1130_15 Datasheet
598Kb / 8P
   Hyperabrupt Junction Tuning Varactors
SMV1231 SKYWORKS-SMV1231_15 Datasheet
1Mb / 12P
   Hyperabrupt Junction Tuning Varactors
SMV1247 SKYWORKS-SMV1247_16 Datasheet
940Kb / 11P
   Hyperabrupt Junction Tuning Varactors
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com