Electronic Components Datasheet Search |
|
AD7943AN-B Datasheet(PDF) 7 Page - Analog Devices |
|
AD7943AN-B Datasheet(HTML) 7 Page - Analog Devices |
7 / 16 page AD7943/AD7945/AD7948 REV. B –7– ORDERING GUIDE Temperature Linearity Nominal Package Model Range Error (LSBs) Supply Voltage Option 1 AD7943BN –40 °C to +85°C ±0.5 +5 V N-16 AD7943BR –40 °C to +85°C ±0.5 +5 V R-16 AD7943BRS –40 °C to +85°C ±0.5 +5 V RS-20 AD7943AN-B –40 °C to +85°C ±1 +3.3 V to +5 V N-16 AD7943ARS-B –40 °C to +85°C ±1 +3.3 V to +5 V RS-20 AD7945BN –40 °C to +85°C ±0.5 +5 V N-20 AD7945BR –40 °C to +85°C ±0.5 +5 V R-20 AD7945BRS –40 °C to +85°C ±0.5 +5 V RS-20 AD7945AN-B –40 °C to +85°C ±1 +3.3 V to +5 V N-20 AD7945ARS-B –40 °C to +85°C ±1 +3.3 V to +5 V RS-20 AD7945TQ –55 °C to +125°C ±1 +5 V Q-20 AD7948BN –40 °C to +85°C ±0.5 +5 V N-20 AD7948BR –40 °C to +85°C ±0.5 +5 V R-20 AD7948BRS –40 °C to +85°C ±0.5 +5 V RS-20 AD7948AN-B –40 °C to +85°C ±1 +3.3 V to +5 V N-20 AD7948ARS-B –40 °C to +85°C ±1 +3.3 V to +5 V RS-20 NOTE 1N = Plastic DIP; R = SOP (Small Outline Package); RS = SSOP (Shrink Small Outline Package); Q = Cerdip. ABSOLUTE MAXIMUM RATINGS 1 (TA = +25 °C unless otherwise noted) VDD to DGND . . . . . . . . . . . . . . . . . . . . . . . . . .–0.3 V to +6 V IOUT1 to DGND . . . . . . . . . . . . . . . . . . . –0.3 V to VDD + 0.3 V IOUT2 to DGND . . . . . . . . . . . . . . . . . . . –0.3 V to VDD + 0.3 V AGND to DGND . . . . . . . . . . . . . . . . . –0.3 V to VDD + 0.3 V Digital Input Voltage to DGND . . . . . . –0.3 V to VDD + 0.3 V VRFB, VREF to DGND . . . . . . . . . . . . . . . . . . . . . . . . . . ±15 V Input Current to Any Pin Except Supplies 2 . . . . . . . . ±10 mA Operating Temperature Range Industrial (A, B Versions) . . . . . . . . . . . . . –40 °C to +85°C Extended (T Version) . . . . . . . . . . . . . . . –55 °C to +125°C Storage Temperature Range . . . . . . . . . . . . –65 °C to +150°C Junction Temperature . . . . . . . . . . . . . . . . . . . . . . . . . +150 °C DIP Package, Power Dissipation . . . . . . . . . . . . . . . . 670 mW θ JA Thermal Impedance . . . . . . . . . . . . . . . . . . . . . 116 °C/W Lead Temperature, Soldering, (10 sec) . . . . . . . . . . +260 °C SOP Package, Power Dissipation . . . . . . . . . . . . . . . . . 450 mW θ JA Thermal Impedance . . . . . . . . . . . . . . . . . . . . . . 75 °C/W Lead Temperature, Soldering Vapor Phase (60 sec) . . . . . . . . . . . . . . . . . . . . . . +215 °C Infrared (15 sec) . . . . . . . . . . . . . . . . . . . . . . . . . . +220 °C SSOP Package, Power Dissipation . . . . . . . . . . . . . . . . 875 mW θ JA Thermal Impedance . . . . . . . . . . . . . . . . . . . . . 132 °C/W Lead Temperature, Soldering Vapor Phase (60 sec) . . . . . . . . . . . . . . . . . . . . . . +215 °C Infrared (15 sec) . . . . . . . . . . . . . . . . . . . . . . . . . . +220 °C NOTES 1Stresses above those listed under Absolute Maximum Ratings may cause perma- nent damage to the device. This is a stress rating only; functional operation of the device at these or any other conditions above those listed in the operational sections of this specification is not implied. Exposure to absolute maximum rating conditions for extended periods may affect device reliability. 2Transient currents of up to 100 mA will not cause SCR latch-up. CAUTION ESD (electrostatic discharge) sensitive device. Electrostatic charges as high as 4000 V readily accumulate on the human body and test equipment and can discharge without detection. Although the AD7943/AD7945/AD7948 feature proprietary ESD protection circuitry, perma- nent damage may occur on devices subjected to high energy electrostatic discharges. Therefore, proper ESD precautions are recommended to avoid performance degradation or loss of functionality. WARNING! ESD SENSITIVE DEVICE |
Similar Part No. - AD7943AN-B |
|
Similar Description - AD7943AN-B |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |