Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AD7876 Datasheet(PDF) 3 Page - Analog Devices

Part # AD7876
Description  LC2MOS Complete, 12-Bit, 100 kHz, Sampling ADCs
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7876 Datasheet(HTML) 3 Page - Analog Devices

  AD7876 Datasheet HTML 1Page - Analog Devices AD7876 Datasheet HTML 2Page - Analog Devices AD7876 Datasheet HTML 3Page - Analog Devices AD7876 Datasheet HTML 4Page - Analog Devices AD7876 Datasheet HTML 5Page - Analog Devices AD7876 Datasheet HTML 6Page - Analog Devices AD7876 Datasheet HTML 7Page - Analog Devices AD7876 Datasheet HTML 8Page - Analog Devices AD7876 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 28 page
background image
AD7870/AD7875/AD7876
Rev. C | Page 3 of
28
SPECIFICATIONS
VDD = +5 V ± 5%, VSS = −5 V ± 5%, AGND = DGND = 0 V, fCLK = 2.5 MHz external, unless otherwise stated. All Specifications Tmin to
Tmax, unless otherwise noted.
AD7870 SPECIFICATIONS
Table 1.
ADN78701
Parameter
J, A
K, B
L, C
T
Units
Test Conditions/Comments
DYNAMIC PERFORMANCE2
Signal-to-Noise Ratio3 (SNR)
@ +25°C
70
70
72
69
dB min
VIN = 10 kHz sine wave, fSAMPLE = 100 kHz
TMIN to TMAX
70
70
71
69
dB min
Typically 71.5 dB for 0 < VIN < 50 kHz
Total Harmonic Distortion (THD)
−80
−80
−80
−78
dB max
VIN = 10 kHz sine wave, fSAMPLE = 100 kHz
Typically −86 dB for 0 < VIN < 50 kHz
Peak Harmonic or Spurious Noise
−80
−80
−80
−78
dB max
VIN = 10 kHz, fSAMPLE = 100 kHz
Typically −86 dB for 0 < VIN < 50 kHz
Intermodulation Distortion (IMD)
Second Order Terms
−80
−80
−80
−78
dB max
fa = 9 kHz, fb = 9.5 kHz, fSAMPLE = 50 kHz
Third Order Terms
−80
−80
−80
−78
dB max
fa = 9 kHz, fb = 9.5 kHz, fSAMPLE = 50 kHz
Track-and-Hold Acquisition Time
2
2
2
2
μs max
DC ACCURACY
Resolution
12
12
12
12
Bits
Minimum Resolution for which No Missing Codes
are Guaranteed
12
12
12
12
Bits
Integral Nonlinearity
±1/2
±1/2
±1/4
±1/2
LSB typ
Integral Nonlinearity
±1
±1/2
±1
LSB max
Differential Nonlinearity
±1
±1
±1
LSB max
Bipolar Zero Error
±5
±5
±5
±5
LSB max
Positive Full-Scale Error4
±5
±5
±5
±5
LSB max
Negative Full-Scale Error4
±5
±5
±5
±5
LSB max
ANALOG INPUT
Input Voltage Range
±3
±3
±3
±3
V
Input Current
±500
±500
±500
±500
μA max
REFERENCE OUTPUT
REF OUT @ +25°C
2.99
2.99
2.99
2.99
V min
3.01
3.01
3.01
3.01
V max
REF OUT Tempco
±60
±60
±35
±35
ppm/°C
max
Reference Load Sensitivity
(ΔREF OUT/ΔI)
±1
±1
±1
±1
mV max
Reference load current change (0 μA to
500 μA). Reference load should not be
changed during conversion.
LOGIC INPUTS
Input High Voltage, VINH
2.4
2.4
2.4
2.4
V min
VDD = 5 V ± 5%
Input Low Voltage, VINL
0.8
0.8
0.8
0.8
V max
VDD = 5 V ± 5%
Input Current, IIN
±10
±10
±10
±10
μA max
VIN = 0 V to VDD
Input Current (12/8/CLK Input Only)
±10
±10
±10
±10
μA max
VIN = VSS to VDD
Input Capacitance, CIN5
10
10
10
10
pF max
LOGIC OUTPUTS
Output High Voltage, VOH
4.0
4.0
4.0
4.0
V min
ISOURCE = 40 μA
Output Low Voltage, VOL
0.4
0.4
0.4
0.4
V max
ISINK = 1.6 mA
DB11 to DB0
Floating-State Leakage Current
±10
±10
±10
±10
μA max
Floating-State Output Capacitance5
15
15
15
15
pF max


Similar Part No. - AD7876

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD7876 AD-AD7876 Datasheet
331Kb / 20P
   LC2MOS Complete, 12-Bit, 100 kHz, Sampling ADCs
REV. B
AD7876BN AD-AD7876BN Datasheet
331Kb / 20P
   LC2MOS Complete, 12-Bit, 100 kHz, Sampling ADCs
REV. B
AD7876BQ AD-AD7876BQ Datasheet
331Kb / 20P
   LC2MOS Complete, 12-Bit, 100 kHz, Sampling ADCs
REV. B
AD7876BR AD-AD7876BR Datasheet
331Kb / 20P
   LC2MOS Complete, 12-Bit, 100 kHz, Sampling ADCs
REV. B
AD7876CN AD-AD7876CN Datasheet
331Kb / 20P
   LC2MOS Complete, 12-Bit, 100 kHz, Sampling ADCs
REV. B
More results

Similar Description - AD7876

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD7870 AD-AD7870 Datasheet
331Kb / 20P
   LC2MOS Complete, 12-Bit, 100 kHz, Sampling ADCs
REV. B
AD7870A AD-AD7870A Datasheet
250Kb / 12P
   LC2MOS Complete, 12-Bit, 100 kHz , Sampling ADC
REV. 0
AD7876 AD-AD7876_15 Datasheet
621Kb / 28P
   LC MOS Complete, 12-Bit, 100 kHz, Sampling ADCs
REV. C
AD7870 AD-AD7870_15 Datasheet
621Kb / 28P
   LC MOS Complete, 12-Bit, 100 kHz, Sampling ADCs
REV. C
AD7875 AD-AD7875_15 Datasheet
621Kb / 28P
   LC MOS Complete, 12-Bit, 100 kHz, Sampling ADCs
REV. C
AD7872KRZ-REEL AD-AD7872KRZ-REEL Datasheet
324Kb / 16P
   LC2MOS Complete 14-Bit, Sampling ADCs
REV. D
AD7871 AD-AD7871 Datasheet
344Kb / 16P
   LC2MOS Complete 14-Bit, Sampling ADCs
REV. D
AD7872JRZ AD-AD7872JRZ Datasheet
267Kb / 16P
   LC2MOS Complete 14-Bit, Sampling ADCs
REV. D
AD7878 AD-AD7878 Datasheet
417Kb / 16P
   LC2MOS Complete 12-Bit 100 kHz Sampling ADC with DSP Interface
REV. A
AD7878 AD-AD7878_17 Datasheet
450Kb / 17P
   LC2MOS Complete 12-Bit 100 kHz Sampling ADC with DSP Interface
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com