Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AD7569 Datasheet(PDF) 2 Page - Analog Devices

Part # AD7569
Description  LC2MOS Complete, 8-Bit Analog I/0 Systems
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7569 Datasheet(HTML) 2 Page - Analog Devices

  AD7569 Datasheet HTML 1Page - Analog Devices AD7569 Datasheet HTML 2Page - Analog Devices AD7569 Datasheet HTML 3Page - Analog Devices AD7569 Datasheet HTML 4Page - Analog Devices AD7569 Datasheet HTML 5Page - Analog Devices AD7569 Datasheet HTML 6Page - Analog Devices AD7569 Datasheet HTML 7Page - Analog Devices AD7569 Datasheet HTML 8Page - Analog Devices AD7569 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 20 page
background image
DAC SPECIFICATIONS
1
AD7569
J, A Versions
3
AD7569
AD7669
K, B
AD7569
AD7569
Parameter
J Version
Versions
S Version
T Version
Units
Conditions/Comments
STATIC PERFORMANCE
Resolution
4
8
8
8
8
Bits
Total Unadjusted Error
5
±2
±2
±3
±3
LSB typ
Relative Accuracy
5
±1
±1/2
±1
±1/2
LSB max
Differential Nonlinearity
5
±1
±3/4
±1
±3/4
LSB max
Guaranteed Monotonic
Unipolar Offset Error
DAC data is all 0s; VSS = 0 V
@ +25
°C
±2
±1.5
±2
±1.5
LSB max
Typical tempco is 10
µV/°C for +1.25 V range
TMIN to TMAX
±2.5
±2
±2.5
±2
LSB max
Bipolar Zero Offset Error
DAC data is all 0s; VSS = –5 V
@ +25
°C
±2
±1 5
±2
±1.5
LSB max
Typical tempco is 20
µV/°C for ±1.25 V range
TMIN to TMAX
±2.5
±2
±2.5
±2
LSB max
Full-Scale Error
6 (AD7569 Only)
VDD = 5 V
@ +25
°C
±2
±1
±2
±1
LSB max
TMIN to TMAX
±3
±2
±4
±3
LSB max
Full-Scale Error
6 (AD7669 Only)
VDD = 5 V
@ +25
°C
±3
LSB max
TMIN to TMAX
±4.5
LSB max
DACA/DACB Full-Scale Error Match
6
(AD7669 Only)
±2.5
LSB max
VDD = 5 V
∆Full Scale/∆V
DD, TA = +25
°C
0.5
0.5
0.5
0.5
LSB max
VOUT = 2.5 V;
∆V
DD =
±5%
∆Full Scale/∆V
SS, TA = +25°C
0.5
0.5
0.5
0.5
LSB max
VOUT = –2.5 V; ∆VSS = ± 5%
Load Regulation at Full Scale
0.2
0.2
0.2
0.2
LSB max
RL = 2 kΩ to °/C
DYNAMIC PERFORMANCE
Signal-to-Noise Ratio
5 (SNR)
44
46
44
46
dB min
VOUT = 20 kHz full-scale sine wave with fSAMPLING = 400 kHz
Total Harmonic Distortion
5 (THD)
48
48
48
48
dB max
VOUT = 20 kHz full-scale sine wave with fSAMPLING = 400 kHz
Intermodulation Distortion
5 (IMD)
55
55
55
55
dB typ
fa = 18.4 kHz, fb = 14.5 kHz with fSAMPLING = 400 kHz
ANALOG OUTPUT
Output Voltage Ranges
Unipolar
0 to +1.25/2.5
Volts
VDD = +5 V, VSS = 0 V
Bipolar
±1.25/±2.5
Volts
VDD = +5 V, VSS = –5 V
LOGIC INPUTS
CS
, X/B,WR, RANGE, RESET, DB0–DB7
Input Low Voltage, VINL
0.8
0.8
0.8
0.8
V max
Input High Voltage, VINH
2.4
2.4
2.4
2.4
V min
Input Leakage Current
10
10
10
10
µA max
VIN = 0 to VDD
Input Capacitance
7
10
10
10
10
pF max
DB0–DB7
Input Coding (Single Supply)
Binary
Input Coding (Dual Supply)
2s Complement
AC CHARACTERlSTICS
7
Voltage Output Settling Time
Settling time to within
±1/2 LSB of final value
Positive Full-Scale Change
2
2
2
2
µs max
Typically 1
µs
Negative Full-Scale Change (Single Supply)
4
4
4
4
µs max
Typically 2
µs
Negative Full-Scale Change (Dual Supply)
2
2
2
2
µs max
Typically 1
µs
Digital-to-Analog Glitch Impulse
5
15
15
15
15
nV secs typ
Digital Feedthrough
5
1
1
1
1
nV secs typ
VIN to VOUT Isolation
60
60
60
60
dB typ
VIN = ± 2.5 V, 50 kHz Sine Wave
DAC to DAC Crosstalk
5 (AD7669 Only)
1
nV secs typ
DACA to DACB Isolation
5 (AD7669 Only)
–70
dB max
POWER REQUIREMENTS
VDD Range
4.75/5.25
4.75/5.25
4.75/5.25
4.75/5.25
V min/V max For Specified Performance
VSS Range (Dual Supplies)
–4.75/–5.25
–4.75/–5.25 –4.75/–5.25 –4.75/–5.25 V min/V max Specified Performance also applies to V SS = 0 V
for unipolar ranges.
IDD
VOUT = VIN = 2.5 V; Logic Inputs = 2.4 V; CLK = 0.8 V
(AD7569)
13
13
13
13
mA max
Output unloaded
(AD7669)
18
mA max
Outputs unloaded
ISS (Dual Supplies)
VOUT = VIN = –2.5 V; Logic Inputs = 2.4 V; CLK = 0.8 V
(AD7569)
4
4
4
4
mA max
Output unloaded
(AD7669)
6
mA max
Outputs unloaded
DAC/ADC MATCHING
Gain Matching
6
VIN to VOUT match with VIN = ± 2.5 V,
@ +25
°C
1
111% typ
20 kHz sine wave
TMIN to TMAX
1
111% typ
NOTES
1Specifications apply to both DACs in the AD7669. V
OUT applies to both VOUTA and VOUTB of the AD7669.
2Except where noted, specifications apply for all output ranges including bipolar ranges with dual supply operation.
3Temperature ranges as follows:
J, K versions; 0
°C to +70°C
A, B versions; –40
°C to +85°C
S, T versions; –55
°C to +125°C
41 LSB = 4.88 mV for 0 V to +1.25 V output range, 9.76 mV for 0 V to +2.5 V and
±1.25 V ranges and 19.5 mV for ±2.5 V range.
5See Terminology.
6Includes internal voltage reference error and is calculated after offset error has been adjusted out. Ideal unipolar full-scale voltage is (FS – 1 LSB); ideal bipolar positive full-scale voltage is (FS/2 – 1 LSB)
and ideal bipolar negative full-scale voltage is –FS/2.
7Sample tested at +25
°C to ensure compliance.
Specifications subject to change without notice.
–2–
REV. B
AD7569/AD7669–SPECIFICATIONS
(VDD = +5 V
5%; VSS
2 = RANGE = AGND
DAC = AGNDADC = DGND = 0 V; RL = 2 k
, CL = 100 pF to AGNDDAC
unless otherwise noted. All specifications TMIN to TMAX unless otherwise noted.)


Similar Part No. - AD7569

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD7569 AD-AD7569 Datasheet
504Kb / 20P
   LC2MOS Complete, 8-Bit Analog I/0 Systems
REV. B
AD7569 AD-AD7569 Datasheet
443Kb / 20P
   LC2MOS Complete, 8-Bit Analog I/0 Systems
REV. B
AD7569ACHIPS AD-AD7569ACHIPS Datasheet
504Kb / 20P
   LC2MOS Complete, 8-Bit Analog I/0 Systems
REV. B
AD7569AQ AD-AD7569AQ Datasheet
504Kb / 20P
   LC2MOS Complete, 8-Bit Analog I/0 Systems
REV. B
AD7569AQ AD-AD7569AQ Datasheet
443Kb / 20P
   LC2MOS Complete, 8-Bit Analog I/0 Systems
REV. B
More results

Similar Description - AD7569

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD7569 AD-AD7569 Datasheet
504Kb / 20P
   LC2MOS Complete, 8-Bit Analog I/0 Systems
REV. B
AD7569KNZ AD-AD7569KNZ Datasheet
506Kb / 20P
   LC2MOS Complete, 8-Bit Analog I/0 Systems
REV. B
AD7569JNZ AD-AD7569JNZ Datasheet
443Kb / 20P
   LC2MOS Complete, 8-Bit Analog I/0 Systems
REV. B
AD7669 AD-AD7669_15 Datasheet
506Kb / 20P
   Complete, 8-Bit Analog I/0 Systems
REV. B
AD7569 AD-AD7569_15 Datasheet
506Kb / 20P
   Complete, 8-Bit Analog I/0 Systems
REV. B
AD7869 AD-AD7869 Datasheet
297Kb / 16P
   LC2MOS Complete, 14-Bit Analog I/O System
REV. A
AD7868 AD-AD7868 Datasheet
337Kb / 16P
   LC2MOS Complete, 12-Bit Analog I/O System
REV. B
AD7840 AD-AD7840 Datasheet
338Kb / 16P
   LC2MOS Complete 14-Bit DAC
REV. B
AD7872KRZ-REEL AD-AD7872KRZ-REEL Datasheet
324Kb / 16P
   LC2MOS Complete 14-Bit, Sampling ADCs
REV. D
AD7847ANZ AD-AD7847ANZ Datasheet
494Kb / 12P
   LC2MOS Complete, Dual 12-Bit MDACS
REV. C
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com