Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

GC0350C1A1R0BL Datasheet(PDF) 60 Page - Murata Manufacturing Co., Ltd.

Part # GC0350C1A1R0BL
Description  Chip Monolithic Ceramic Capacitors for Automotive
Download  67 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA [Murata Manufacturing Co., Ltd.]
Direct Link  http://www.murata.com
Logo MURATA - Murata Manufacturing Co., Ltd.

GC0350C1A1R0BL Datasheet(HTML) 60 Page - Murata Manufacturing Co., Ltd.

Back Button GC0350C1A1R0BL Datasheet HTML 56Page - Murata Manufacturing Co., Ltd. GC0350C1A1R0BL Datasheet HTML 57Page - Murata Manufacturing Co., Ltd. GC0350C1A1R0BL Datasheet HTML 58Page - Murata Manufacturing Co., Ltd. GC0350C1A1R0BL Datasheet HTML 59Page - Murata Manufacturing Co., Ltd. GC0350C1A1R0BL Datasheet HTML 60Page - Murata Manufacturing Co., Ltd. GC0350C1A1R0BL Datasheet HTML 61Page - Murata Manufacturing Co., Ltd. GC0350C1A1R0BL Datasheet HTML 62Page - Murata Manufacturing Co., Ltd. GC0350C1A1R0BL Datasheet HTML 63Page - Murata Manufacturing Co., Ltd. GC0350C1A1R0BL Datasheet HTML 64Page - Murata Manufacturing Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 60 / 67 page
background image
C03E.pdf
May.17,2013
!Note • Please read rating and !CAUTION (for storage, operating, rating, soldering, mounting and handling) in this catalog to prevent smoking and/or burning, etc.
• This catalog has only typical specifications. Therefore, please approve our product specifications or transact the approval sheet for product specifications before ordering.
58
Chip Capacitor
Continued from the preceding page.
Continued on the following page.
2. Land Dimensions
2-1. Chip capacitors can be cracked due to the stress of
PCB bending, etc. if the land area is larger than
needed and has an excess amount of solder.
Please refer to the land dimensions in table 1 for flow
soldering, table 2 for reflow soldering.
Please confirm the suitable land dimension by
evaluating of the actual SET / PCB.
Solder Resist
a
b
c
Land
2. Adhesive Application
1. Thin or insufficient adhesive can cause the chips to
loosen or become disconnected during flow soldering.
The amount of adhesive must be more than dimension c,
shown in the drawing at right, to obtain the correct
bonding strength.
The chip's electrode thickness and land thickness must
also be taken into consideration.
2. Low viscosity adhesive can cause chips to slip after
mounting. The adhesive must have a viscosity of
5000Pa s (500ps) min. (at 25°C).
3. Adhesive Coverage
Land
Adhesive
Board
Chip Capacitor
a
b
c
c=50 to 105μm
b=30 to 35μm
a=20 to 70μm
*Nominal Value
GC3/GCD/GCM/GCJ18
(Rated Voltage: above 250VDC (for GCJ18 alone))
GC3/GCD/GCM/GCJ21
(Rated Voltage: above 250VDC (for GCJ21 alone))
GC3/GCD/GCM/GCJ31
(Rated Voltage: above 250VDC (for GCJ31 alone))
1.6
g0.8
2.0
g1.25
3.2
g1.6
0.6 to 1.0
1.0 to 1.2
2.2 to 2.6
0.8 to 0.9
0.9 to 1.0
1.0 to 1.1
0.6 to 0.8
0.8 to 1.1
1.0 to 1.4
GC3/GCD/GCE/GCJ/GCM03
GC3/GCD/GCE/GCJ/GCM15
GC3/GCD/GCE/GCJ/GCM18
GC3/GCD/GCE/GCJ/GCM21
GC3/GCD/GCE/GCJ/GCM31
GC3/GCD/GCE/GCJ/GCM32
GC3/GCD/GCE/GCJ/GCM43
GC3/GCD/GCE/GCJ/GCM55
0.6
g0.3
1.0
g0.5
1.6
g0.8
2.0
g1.25
3.2
g1.6
3.2
g2.5
4.5
g3.2
5.7
g5.0
0.2 to 0.3
0.3 to 0.5
0.6 to 0.8
1.0 to 1.2
2.2 to 2.4
2.0 to 2.4
3.0 to 3.5
4.0 to 4.6
0.2 to 0.35
0.35 to 0.45
0.6 to 0.7
0.6 to 0.7
0.8 to 0.9
1.0 to 1.2
1.2 to 1.4
1.4 to 1.6
0.2 to 0.4
0.4 to 0.6
0.6 to 0.8
0.8 to 1.1
1.0 to 1.4
1.8 to 2.3
2.3 to 3.0
3.5 to 4.8
(in mm)
Part Number
Dimensions
Chip (L
gW)
a
b
c
Table 1 Flow Soldering Method
(in mm)
Chip (L
gW)
a
b
c
Table 2 Reflow Soldering Method
KC3/KCM55
5.7
g5.0
2.6
2.7
5.6
(in mm)
<Applicable to Part Number KC3/KCM>
1.6
g0.8
2.0
g1.25
3.2
g1.6
0.05mg min.
0.1mg min.
0.15mg min.
Size (L
gW)
Adhesive Coverage*
Flow soldering can only be used for products with a chip size of 3.2x1.6mm or less.
Part Number
Dimensions
Chip (L
gW)
a
b
c
Part Number
Dimensions
Notice


Similar Part No. - GC0350C1A1R0BL

ManufacturerPart #DatasheetDescription
logo
CUI INC
GC0351K CUI-GC0351K Datasheet
172Kb / 3P
   SPEAKER
GC0351M CUI-GC0351M Datasheet
160Kb / 2P
   LOW PROFILE NOTEBOOK SPEAKER
logo
CUI Devices
GC0351M CUID-GC0351M Datasheet
557Kb / 3P
   SPEAKER
08/05/2022
logo
CUI INC
GC0351M-3 CUI-GC0351M-3 Datasheet
190Kb / 2P
   LOW PROFILE NOTEBOOK SPEAKER
logo
CUI Devices
GC0351M-3 CUID-GC0351M-3 Datasheet
577Kb / 3P
   SPEAKER
08/05/2022
More results

Similar Description - GC0350C1A1R0BL

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
GCM32DR72A225KA64L MURATA-GCM32DR72A225KA64L Datasheet
2Mb / 67P
   chip monolithic ceramic capacitors for automotive
GCM2195C2A470JZ13D MURATA-GCM2195C2A470JZ13D Datasheet
2Mb / 67P
   chip monolithic ceramic capacitors for automotive
GCM188R71H472KA37J MURATA-GCM188R71H472KA37J Datasheet
2Mb / 67P
   Chip Monolithic Ceramic Capacitors for Automotive
GCM188R71H472KA37D MURATA-GCM188R71H472KA37D Datasheet
2Mb / 67P
   Chip Monolithic Ceramic Capacitors for Automotive
GCM32ER71H105KA37L MURATA-GCM32ER71H105KA37L Datasheet
2Mb / 67P
   Chip Monolithic Ceramic Capacitors for Automotive
logo
Murata Manufacturing Co...
C03E MURATA1-C03E_V01 Datasheet
3Mb / 99P
   Chip Monolithic Ceramic Capacitors for Automotive
Sep 23,2016
logo
Murata Manufacturing Co...
GCM1885G1H470JA16D MURATA-GCM1885G1H470JA16D Datasheet
2Mb / 67P
   Chip Monolithic Ceramic Capacitors for Automotive
GCM188R71H333KA55D MURATA-GCM188R71H333KA55D Datasheet
2Mb / 67P
   Chip Monolithic Ceramic Capacitors for Automotive
GCM31CR70J226KE23L MURATA-GCM31CR70J226KE23L Datasheet
2Mb / 67P
   chip monolithic ceramic capacitors for automotive
GCM31A7U2J102JX01D MURATA-GCM31A7U2J102JX01D Datasheet
604Kb / 43P
   Chip Monolithic Ceramic Capacitors for Automotive
GCM219R71H334KA55D MURATA-GCM219R71H334KA55D Datasheet
2Mb / 67P
   Chip Monolithic Ceramic Capacitors for Automotive
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com