Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

GC0350C0J1R0BL Datasheet(PDF) 55 Page - Murata Manufacturing Co., Ltd.

Part # GC0350C0J1R0BL
Description  Chip Monolithic Ceramic Capacitors for Automotive
Download  67 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA [Murata Manufacturing Co., Ltd.]
Direct Link  http://www.murata.com
Logo MURATA - Murata Manufacturing Co., Ltd.

GC0350C0J1R0BL Datasheet(HTML) 55 Page - Murata Manufacturing Co., Ltd.

Back Button GC0350C0J1R0BL Datasheet HTML 51Page - Murata Manufacturing Co., Ltd. GC0350C0J1R0BL Datasheet HTML 52Page - Murata Manufacturing Co., Ltd. GC0350C0J1R0BL Datasheet HTML 53Page - Murata Manufacturing Co., Ltd. GC0350C0J1R0BL Datasheet HTML 54Page - Murata Manufacturing Co., Ltd. GC0350C0J1R0BL Datasheet HTML 55Page - Murata Manufacturing Co., Ltd. GC0350C0J1R0BL Datasheet HTML 56Page - Murata Manufacturing Co., Ltd. GC0350C0J1R0BL Datasheet HTML 57Page - Murata Manufacturing Co., Ltd. GC0350C0J1R0BL Datasheet HTML 58Page - Murata Manufacturing Co., Ltd. GC0350C0J1R0BL Datasheet HTML 59Page - Murata Manufacturing Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 55 / 67 page
background image
C03E.pdf
May.17,2013
!Note • Please read rating and !CAUTION (for storage, operating, rating, soldering, mounting and handling) in this catalog to prevent smoking and/or burning, etc.
• This catalog has only typical specifications. Therefore, please approve our product specifications or transact the approval sheet for product specifications before ordering.
53
Solder Amount
in section
4-3. Correction with a Soldering Iron
1. When sudden heat is applied to the components when
using a soldering iron, the mechanical strength of the
components will decrease because the extreme
temperature change can cause deformations inside the
components. In order to prevent mechanical damage to
the components, preheating is required for both the
components and the PCB board. Preheating conditions
(the "Temperature of the Soldering Iron Tip," "Preheating
Temperature," and "Temperature Differential" between
the iron tip and the components and the PCB), should be
within the conditions of table 3. It is required to keep the
temperature differential between the soldering iron and
the component surfaces (
ΔT) as low as possible.
2. After soldering, do not allow the component/PCB to cool
down rapidly.
3. The operating time for the re-working should be as short
as possible. When re-working time is too long, it may
cause solder leaching, resulting in a reduction in the
adhesive strength of the terminations.
4. Optimum solder amount when re-working with a soldering
iron
4-1. In the case of sizes smaller than 0603, (GC3/GCD/
GCE/GCJ/GCM Series, 03/15/18 sizes), the top of
the solder fillet should be lower than 2/3 of the
thickness of the component or 0.5mm, whichever is
smaller. In the case of 0805 and larger sizes, (GC3/
GCD/GCE/GCJ/GCM Series, 21/31/32/43/55 sizes),
the top of the solder fillet should be lower than 2/3 of
the thickness of the component. If the solder amount
is excessive, the risk of cracking is higher during
board bending or under any other stressful condition.
4-2. A soldering iron with a tip of ø3mm or smaller should
be used. It is also necessary to keep the soldering
iron from touching the components during the re-work.
4-3. Solder wire with ø0.5mm or smaller is required for
soldering.
<Applicable to KC3/KCM Series>
5. For the shape of the soldering iron tip, refer to the figure
on the right.
Regarding the type of solder, use a wire diameter of
ø0.5mm or less (rosin core wire solder).
How to Apply the Soldering Iron
Apply the tip of the soldering iron against the lower end of
the metal terminal.
1) In order to prevent cracking caused by sudden heating of
the ceramic device, do not touch the ceramic base directly.
2) In order to prevent deviations and dislocating of the chip,
do not touch the junction of the chip and the metal
terminal, and the metal portion on the outside directly.
Appropriate Amount of Solder
The amount of solder for corrections by soldering iron,
should be lower than the height of the lower side of the chip.
GC3/GCD/GCE/
GCJ/GCM Series
03/15/18/21/31 sizes
GCJ/GCM Series
32/43/55 sizes
ΔTV190°C
ΔTV130°C
Part Number
Temperature
Differential
(
ΔT)
Table 3
Continued from the preceding page.
Air
Air
Atmosphere
350°C max.
280°C max.
Temperature
of Soldering
Iron Tip
150°C min.
150°C min.
Preheating
Temperature
*Applicable for both Pb-Sn and Lead Free Solder.
Pb-Sn Solder: Sn-37Pb
Lead Free Solder: Sn-3.0Ag-0.5Cu
Continued on the following page.
Cross Section
17
26
(in mm)
R0.5
Apply the tip of the soldering iron only
on the terminal portion, without touching
the body of the chip.
Tip of Soldering Iron
Tip temperature: 350°C or less/
5 sec. or less/60W or less
Copper Land
Wire Solder
!Caution


Similar Part No. - GC0350C0J1R0BL

ManufacturerPart #DatasheetDescription
logo
CUI INC
GC0351K CUI-GC0351K Datasheet
172Kb / 3P
   SPEAKER
GC0351M CUI-GC0351M Datasheet
160Kb / 2P
   LOW PROFILE NOTEBOOK SPEAKER
logo
CUI Devices
GC0351M CUID-GC0351M Datasheet
557Kb / 3P
   SPEAKER
08/05/2022
logo
CUI INC
GC0351M-3 CUI-GC0351M-3 Datasheet
190Kb / 2P
   LOW PROFILE NOTEBOOK SPEAKER
logo
CUI Devices
GC0351M-3 CUID-GC0351M-3 Datasheet
577Kb / 3P
   SPEAKER
08/05/2022
More results

Similar Description - GC0350C0J1R0BL

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
GCM32DR72A225KA64L MURATA-GCM32DR72A225KA64L Datasheet
2Mb / 67P
   chip monolithic ceramic capacitors for automotive
GCM2195C2A470JZ13D MURATA-GCM2195C2A470JZ13D Datasheet
2Mb / 67P
   chip monolithic ceramic capacitors for automotive
GCM188R71H472KA37J MURATA-GCM188R71H472KA37J Datasheet
2Mb / 67P
   Chip Monolithic Ceramic Capacitors for Automotive
GCM188R71H472KA37D MURATA-GCM188R71H472KA37D Datasheet
2Mb / 67P
   Chip Monolithic Ceramic Capacitors for Automotive
GCM32ER71H105KA37L MURATA-GCM32ER71H105KA37L Datasheet
2Mb / 67P
   Chip Monolithic Ceramic Capacitors for Automotive
logo
Murata Manufacturing Co...
C03E MURATA1-C03E_V01 Datasheet
3Mb / 99P
   Chip Monolithic Ceramic Capacitors for Automotive
Sep 23,2016
logo
Murata Manufacturing Co...
GCM1885G1H470JA16D MURATA-GCM1885G1H470JA16D Datasheet
2Mb / 67P
   Chip Monolithic Ceramic Capacitors for Automotive
GCM188R71H333KA55D MURATA-GCM188R71H333KA55D Datasheet
2Mb / 67P
   Chip Monolithic Ceramic Capacitors for Automotive
GCM31CR70J226KE23L MURATA-GCM31CR70J226KE23L Datasheet
2Mb / 67P
   chip monolithic ceramic capacitors for automotive
GCM31A7U2J102JX01D MURATA-GCM31A7U2J102JX01D Datasheet
604Kb / 43P
   Chip Monolithic Ceramic Capacitors for Automotive
GCM219R71H334KA55D MURATA-GCM219R71H334KA55D Datasheet
2Mb / 67P
   Chip Monolithic Ceramic Capacitors for Automotive
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com